Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLA-13-6012 Datasheet(PDF) 1 Page - Teledyne Technologies Incorporated

No. de pieza TLA-13-6012
Descripción Electrónicos  Low Noise Amplifier 6 GHz - 13 GHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TELEDYNE [Teledyne Technologies Incorporated]
Página de inicio  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

TLA-13-6012 Datasheet(HTML) 1 Page - Teledyne Technologies Incorporated

  TLA-13-6012 Datasheet HTML 1Page - Teledyne Technologies Incorporated TLA-13-6012 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1274 Terra Bella Avenue, Mountain View, CA 94043 • PHN# 800.832.6869 or +1.650.962.6944 • FAX# 650.962.6845
www.teledynemicrowave.com • microwave@teledyne.com
TELEDYNE
MICROWAVE
All Specifications are subject to change. Please contact Teledyne Microwave for the latest information on this product
Teledyne Microwave amplifiers are balanced or feedback
designs and manufactured with the latest MIC & MMIC
technology. The GaAs FET’s used in these amplifiers are well
established proven devices from multiple sources.
Specifications:
Model Number:
Frequency Range:
Gain (min):
Noise Figure (max):
Output Power @ 1dB Compression:
Gain Flatness Vs Frequency:
3rd Order Intercept (Typ):
Power Supply:
Input Voltage: 11.5 to 15 VDC
Current @ 12 VDC (typ):
Current @ 12 VDC (max):
Case Type (See attached Outline):
Temperature Range:
Teledyne Microwave offers a complete line of Narrow and
broadband Amplifiers covering the frequency range 500 MHz
to 40 GHz. These products are available in either
connectorized packages or as modules. For a complete list of
these products and more, please visit our website.
Other products from Teledyne Microwave include:
Transceivers, Synthesizers, and YIG Products
TLA-13-6012
Low Noise Amplifier
6 GHz - 13 GHz
08/05
ISO 9001:2000
6 GHz - 13 GHz
TLA-13-6012
18 dB
Gain Vs Temp at any Frequency: This Amplifier is not Temperature Compensated
3.2 dB
14 dBm
+/-1.0 dB
27 dBm
130 mA
160 mA
SX4
+25
This Low Noise Amplifier offers low Noise figure performance
of 3.2 dB over the band 6 GHz to 13 GHz with 18 dB Gain.


Número de pieza similar - TLA-13-6012

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Teledyne Technologies I...
TLA-13-6013 TELEDYNE-TLA-13-6013 Datasheet
893Kb / 2P
   Low Noise Amplifier 6 GHz - 13 GHz
TLA-13-6014 TELEDYNE-TLA-13-6014 Datasheet
893Kb / 2P
   Low Noise Amplifier 6 GHz - 13 GHz
TLA-13-6015 TELEDYNE-TLA-13-6015 Datasheet
891Kb / 2P
   Low Noise Amplifier 6 GHz - 13 GHz
More results

Descripción similar - TLA-13-6012

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Teledyne Technologies I...
TLA-13-6013 TELEDYNE-TLA-13-6013 Datasheet
893Kb / 2P
   Low Noise Amplifier 6 GHz - 13 GHz
TLA-13-6014 TELEDYNE-TLA-13-6014 Datasheet
893Kb / 2P
   Low Noise Amplifier 6 GHz - 13 GHz
CLA-13-6014 TELEDYNE-CLA-13-6014 Datasheet
898Kb / 2P
   Low Noise Amplifier 6 GHz - 13 GHz
CLA-13-6015 TELEDYNE-CLA-13-6015 Datasheet
896Kb / 2P
   Low Noise Amplifier 6 GHz - 13 GHz
CLA-13-6013 TELEDYNE-CLA-13-6013 Datasheet
898Kb / 2P
   Low Noise Amplifier 6 GHz - 13 GHz
TLA-13-6015 TELEDYNE-TLA-13-6015 Datasheet
891Kb / 2P
   Low Noise Amplifier 6 GHz - 13 GHz
CLA-13-6012 TELEDYNE-CLA-13-6012 Datasheet
898Kb / 2P
   Low Noise Amplifier 6 GHz - 13 GHz
logo
TriQuint Semiconductor
TGA8399B-SCC TRIQUINT-TGA8399B-SCC Datasheet
211Kb / 8P
   6-13 GHz Low Noise Amplifier
TGA8399B TRIQUINT-TGA8399B Datasheet
281Kb / 4P
   6-13 GHz Low Noise Amplifier
TGA8399B-SCC TRIQUINT-TGA8399B-SCC_15 Datasheet
213Kb / 8P
   6-13 GHz Low Noise Amplifier
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com