Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AME431BAJEVB12Z Datasheet(PDF) 7 Page - Analog Microelectronics

No. de pieza AME431BAJEVB12Z
Descripción Electrónicos  Adjustable Precision Shunt Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AME [Analog Microelectronics]
Página de inicio  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME431BAJEVB12Z Datasheet(HTML) 7 Page - Analog Microelectronics

Back Button AME431BAJEVB12Z Datasheet HTML 3Page - Analog Microelectronics AME431BAJEVB12Z Datasheet HTML 4Page - Analog Microelectronics AME431BAJEVB12Z Datasheet HTML 5Page - Analog Microelectronics AME431BAJEVB12Z Datasheet HTML 6Page - Analog Microelectronics AME431BAJEVB12Z Datasheet HTML 7Page - Analog Microelectronics AME431BAJEVB12Z Datasheet HTML 8Page - Analog Microelectronics AME431BAJEVB12Z Datasheet HTML 9Page - Analog Microelectronics AME431BAJEVB12Z Datasheet HTML 10Page - Analog Microelectronics AME431BAJEVB12Z Datasheet HTML 11Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
AME, Inc.
7
AME431B
Adjustable Precision Shunt Regulator
n Ordering Information (contd.)
Part Number
Marking*
Reference Voltage Accuracy Package
Temp. Range
AME431BAJATA12
AME12
431B
AJATA
yyww
1.24V
0.5%
TO92-3
- 40
oC to + 125oC
AME431BAJATA12Z
AME12
431B
AJATA
yyww
1.24V
0.5%
TO92-3
- 40
oC to + 125oC
AME431BAJATB12
AME12
431B
AJATB
yyww
1.24V
1.0%
TO92-3
- 40
oC to + 125oC
AME431BAJATB12Z
AME12
431B
AJATB
yyww
1.24V
1.0%
TO92-3
- 40
oC to + 125oC
AME431BAJETA25
BAFww
2.5V
0.5%
SOT-23
- 40
oC to + 125oC
AME431BAJETA25L
BAFww
2.5V
0.5%
TSOT-23
- 40
oC to + 125oC
AME431BAJETA25Z
BAFww
2.5V
0.5%
SOT-23
- 40
oC to + 125oC
AME431BAJETA25Y
BAFww
2.5V
0.5%
TSOT-23
- 40
oC to + 125oC
AME431BBJETA25
BAGww
2.5V
0.5%
SOT-23
- 40
oC to + 125oC
AME431BBJETA25L
BAGww
2.5V
0.5%
TSOT-23
- 40
oC to + 125oC
AME431BBJETA25Z
BAGww
2.5V
0.5%
SOT-23
- 40
oC to + 125oC
AME431BBJETA25Y
BAGww
2.5V
0.5%
TSOT-23
- 40
oC to + 125oC
AME431BAJETB25
AZAww
2.5V
1.0%
SOT-23
- 40
oC to + 125oC
AME431BAJETB25L
AZAww
2.5V
1.0%
TSOT-23
- 40
oC to + 125oC
AME431BAJETB25Z
AZAww
2.5V
1.0%
SOT-23
- 40
oC to + 125oC
AME431BAJETB25Y
AZAww
2.5V
1.0%
TSOT-23
- 40
oC to + 125oC
AME431BBJETB25
AZBww
2.5V
1.0%
SOT-23
- 40
oC to +125oC
AME431BBJETB25L
AZBww
2.5V
1.0%
TSOT-23
- 40
oC to +125oC
AME431BBJETB25Z
AZBww
2.5V
1.0%
SOT-23
- 40
oC to +125oC
AME431BBJETB25Y
AZBww
2.5V
1.0%
TSOT-23
- 40
oC to +125oC


Número de pieza similar - AME431BAJEVB12Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME431BAJEVB12Z AME-AME431BAJEVB12Z Datasheet
269Kb / 22P
   Adjustable Precision Shunt Regulator
More results

Descripción similar - AME431BAJEVB12Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com