Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADG1236YCP Datasheet(PDF) 7 Page - Analog Devices

No. de pieza ADG1236YCP
Descripción Electrónicos  2 pF Off Capacitance, 1 pC Charge Injection, 짹15 V/12 V iCMOS??Dual SPDT Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADG1236YCP Datasheet(HTML) 7 Page - Analog Devices

Back Button ADG1236YCP Datasheet HTML 3Page - Analog Devices ADG1236YCP Datasheet HTML 4Page - Analog Devices ADG1236YCP Datasheet HTML 5Page - Analog Devices ADG1236YCP Datasheet HTML 6Page - Analog Devices ADG1236YCP Datasheet HTML 7Page - Analog Devices ADG1236YCP Datasheet HTML 8Page - Analog Devices ADG1236YCP Datasheet HTML 9Page - Analog Devices ADG1236YCP Datasheet HTML 10Page - Analog Devices ADG1236YCP Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Preliminary Technical Data
ADG1236
Rev. PrD | Page 7 of 16
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
TOP VIEW
(Not to Scale)
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
NC = NO CONNECT
IN1
S1A
D1
S1B
VSS
GND
NC
NC
NC
NC
NC
VDD
S2B
D2
S2A
IN2
ADG1236
Figure 2.TSSOP Pin Configuration
PIN 1
INDICATOR
NC = NO CONNECT
1
D1
2
S1B
3
VSS
9VDD
8 S2B
7D2
TOP VIEW
(Not to Scale)
ADG1236
Figure 3. LFCSP Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
TSSOP
LFCSP
Mnemonic
Function
1
11
IN1
Logic Control Input.
2
12
S1A
Source Terminal. Can be an input or output.
3
1
D1
Drain Terminal. Can be an input or output.
4
2
S1B
Source Terminal. Can be an input or output.
5
3
VSS
Most Negative Power Supply Potential.
6
4
GND
Ground (0 V) Reference.
7, 8, 14–16
10
NC
No Connect.
9
5
IN2
Logic Control Input.
10
6
S2A
Source Terminal. Can be an input or output.
11
7
D2
Drain Terminal. Can be an input or output.
12
8
S2B
Source Terminal. Can be an input or output.
13
9
VDD
Most Positive Power Supply Potential.


Número de pieza similar - ADG1236YCP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG1236YRUZ AD-ADG1236YRUZ Datasheet
288Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS?? Dual SPDT Switch
REV. 0
More results

Descripción similar - ADG1236YCP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG1211 AD-ADG1211 Datasheet
271Kb / 16P
   1 pF Off Capacitance, 1 pC Charge Injection, 짹15 V/12 V iCMOS??Quad SPST Switches
Rev. PrE
ADG1236YRUZ AD-ADG1236YRUZ Datasheet
288Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS?? Dual SPDT Switch
REV. 0
ADG1204 AD-ADG1204 Datasheet
453Kb / 16P
   2 pF Off Capacitance, 1 pC Charge Injection, -15 V/12 V 4:1 iCMOS Multiplexer
Rev. PrD
ADG1219 AD-ADG1219 Datasheet
308Kb / 17P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS??SPDT in SOT-23
Rev. PrB
ADG1204 AD-ADG1204_09 Datasheet
398Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V, 4:1 iCMOS Multiplexer
REV. B
ADG1213YRUZ AD-ADG1213YRUZ Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1211 AD-ADG1211_12 Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1201 AD-ADG1201 Datasheet
293Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS SPST in SOT-23
REV. 0
ADG1436 AD-ADG1436 Datasheet
294Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Dual SPDT Switch
Rev. PrC
ADG1223BRMZ AD-ADG1223BRMZ Datasheet
279Kb / 16P
   Low Capacitance, Low Charge Injection, 15 V/12 V iCMOS Dual SPST Switches
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com