Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

X0202-TO-92 Datasheet(PDF) 3 Page - Unisonic Technologies

No. de pieza X0202-TO-92
Descripción Electrónicos  SCR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  UTC [Unisonic Technologies]
Página de inicio  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

X0202-TO-92 Datasheet(HTML) 3 Page - Unisonic Technologies

  X0202-TO-92 Datasheet HTML 1Page - Unisonic Technologies X0202-TO-92 Datasheet HTML 2Page - Unisonic Technologies X0202-TO-92 Datasheet HTML 3Page - Unisonic Technologies X0202-TO-92 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UTCX0202/A
SCR
UTC UNISONIC TECHNOLOGIES CO. LTD
3
QW-R301-005,A
Figure 2-2.Average and D.C. On-state Current
vs.Ambient Temperature(Device Mounted On
FR4 with Recomended Pad Layout)
Figure 3. Relative Variation of Thermal
Impedance Junction to Ambient
vs.Pulse Duration
Tlead(℃)
α=180°
D.C.
0
25
75
50
100
125
0.2
0.4
0.6
0.8
0.0
1.0
1.2
1.4
1E-2
1E+1
1E+0
5E+2
1E+2
1E-1
0.01
0.1
1.0
tp(s)
Figure 4.Relative Variation of Gate Trigger
Current,Holding Current and Latching Current
Versus Junction Temperature (typical values).
-40
0.25
-20
20
0.50
0.75
1.00
0
0.0
40
60
80
100 120 140
1.25
1.50
Tj(
℃)
IGT,IH,IL[Tj]/GT,IH,IL[Tj]=25
IGT
IH&IL
(Rgk=1k
Ω )
Figure 5.Relative Variation of Holding Current
vs.Gate-cathode Resistance (typical values).
1E-2
0.5
1E-1
1E+0
1.0
1.5
2.0
0.0
1E+1
2.5
3.0
3.5
4.0
IH[Rgk]/IH[Rgk=1k
Ω ]
Tj=25
Rgk(k
Ω )
Figure 6.Relative Variation of dV/dt immunity
vs.Gate-Cathode Resistance (typical values).
0.0 0.2
0.6
1.0
0.4
0.1
0.8 1.0 1.2 1.4 1.6 1.8
10.0
Tj=125(
℃)
VD=0.67*VDRM
Rgk(k
Ω )
2.0
dV/dt[Rgk]/dV/dt[Rgk=1k
Ω ]
Figure 7.Relative Variation of dV/dt Immunity
vs Gate-cathode Capacitance (typical values).
0
2
26
4
6
8
4
0
810 12 14 16 18
10
12
20 22
14
16
18
20
dV/dt[Rgk]/dV/dt[Rgk=1k
Ω ]
Cgk(nF)
Tj=125(
℃)
VD=0.67*VDRM
Rgk=1k
Ω )


Número de pieza similar - X0202-TO-92

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
X0202-T92-B UTC-X0202-T92-B Datasheet
218Kb / 5P
   SENSITIVE SCRS
X0202-T92-K UTC-X0202-T92-K Datasheet
218Kb / 5P
   SENSITIVE SCRS
X0202-T92-R UTC-X0202-T92-R Datasheet
218Kb / 5P
   SENSITIVE SCRS
More results

Descripción similar - X0202-TO-92

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRKT250-16 IRF-IRKT250-16 Datasheet
157Kb / 6P
   SCR / SCR and SCR / DIODE
logo
Vishay Siliconix
VS-VSK170PBF VISHAY-VS-VSK170PBF Datasheet
323Kb / 13P
   SCR/SCR and SCR/Diode
Revision: 17-Jul-14
VS-VSKT230-16 VISHAY-VS-VSKT230-16 Datasheet
218Kb / 10P
   SCR/SCR and SCR/Diode
Revision: 17-Jul-14
logo
STMicroelectronics
TYN682 STMICROELECTRONICS-TYN682 Datasheet
59Kb / 4P
   SCR
BTW69 STMICROELECTRONICS-BTW69 Datasheet
74Kb / 5P
   SCR
logo
WeEn Semiconductors
BT151-650LTN WEEN-BT151-650LTN Datasheet
373Kb / 11P
   SCR
NCR100Q-6M WEEN-NCR100Q-6M Datasheet
401Kb / 11P
   SCR
NCR100W-12M WEEN-NCR100W-12M Datasheet
225Kb / 15P
   SCR
TYN16-600CT WEEN-TYN16-600CT Datasheet
221Kb / 12P
   SCR
TYN16S-600CT WEEN-TYN16S-600CT Datasheet
330Kb / 12P
   SCR
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com