Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STC62WV25616 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

No. de pieza STC62WV25616
Descripción Electrónicos  Very Low Power/Voltage CMOS SRAM 256K X 16 bit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers

STC62WV25616 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  STC62WV25616 Datasheet HTML 1Page - List of Unclassifed Manufacturers STC62WV25616 Datasheet HTML 2Page - List of Unclassifed Manufacturers STC62WV25616 Datasheet HTML 3Page - List of Unclassifed Manufacturers STC62WV25616 Datasheet HTML 4Page - List of Unclassifed Manufacturers STC62WV25616 Datasheet HTML 5Page - List of Unclassifed Manufacturers STC62WV25616 Datasheet HTML 6Page - List of Unclassifed Manufacturers STC62WV25616 Datasheet HTML 7Page - List of Unclassifed Manufacturers STC62WV25616 Datasheet HTML 8Page - List of Unclassifed Manufacturers STC62WV25616 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Revision 2.1
Jan.
2004
1
A4
A3
A2
A1
A0
CE
DQ0
DQ1
DQ2
DQ3
VCC
GND
DQ4
DQ5
DQ6
DQ7
WE
A17
A16
A15
A14
A13
A5
A6
A7
OE
UB
LB
DQ15
DQ14
DQ13
DQ12
GND
VCC
DQ11
DQ10
DQ9
DQ8
NC
A8
A9
A10
A11
A12
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
62WV25616EC
62WV25616EI
R0201-
STC62WV25616
POWER DISSIPATION
SPEED
( ns )
STANDBY
( I CCSB1 , Max )
( I CC , Max )
PRODUCT FAMILY
OPERATING
TEMPERATURE
Vcc
RANGE
55ns :3.0~5.5V
Vcc=
3.0V
Vcc =
3.0V
PKG TYPE
STC62WV25616DC
DICE
STC62WV25616EC
TSOP2-44
STC62WV25616AC
BGA-48-0608
+0
O C to +70O C
2.4V ~ 5.5V
55 /70
5uA
30uA
21mA
53mA
STC62WV25616DI
DICE
STC62WV25616EI
TSOP2-44
STC62WV25616AI
BGA-48-0608
-40
O C to +85OC
2.4V ~ 5.5V
55 /70
10uA
60uA
22mA
55mA
Very Low Power/Voltage CMOS SRAM
256K X 16 bit
• Wide Vcc operation voltage : 2.4~5.5V
• Very low power consumption :
Vcc = 3.0V C-grade: 26mA (@55ns) operating current
I-grade: 27mA (@55ns) operating current
C-grade: 21mA (@70ns) operating current
I-grade: 22mA (@70ns) operating current
0.45uA (Typ.) CMOS standby current
Vcc = 5.0V C-grade: 63mA (@55ns) operating current
I-grade: 65mA (@55ns) operating current
C-grade: 53mA (@70ns) operating current
I-grade: 55mA (@70ns) operating current
2.0uA (Typ.) CMOS standby current
• High speed access time :
-55
55ns
-70
70ns
• Automatic power down when chip is deselected
• Three state outputs and TTL compatible
• Fully static operation
The
STC62WV25616 is a high performance, very low power CMOS Static
Random Access Memory organized as 262,144 words by 16 bits and
operates from a wide range of 2.4V to 5.5V supply voltage.
Advanced CMOS technology and circuit techniques provide both high
speed and low power features with a typical CMOS standby current of
0.45uA at 3.0V/25oC and maximum access time of 55ns at 3.0V/85oC.
Easy memory expansion is provided by an active LOW chip enable (CE)
,active LOW output enable(OE) and three-state output drivers.
The
STC62WV25616 has an automatic power down feature, reducing the
power consumption significantly when chip is deselected.
The
STC62WV25616 is available in DICE form, JEDEC standard 44-pin
TSOP Type II package and 48-ball BGA package.
DESCRIPTION
FEATURES
Row
Decoder
Memory Array
2048 x 2048
Column I/O
Write Driver
Sense Amp
Column Decoder
Data
Buffer
Output
A9 A8 A7
Data
Buffer
Input
Control
Gnd
Vcc
OE
WE
CE
DQ15
DQ0
A0
A13
A14
A15
A1
A2
16
16
16
16
14
128
2048
BLOCK DIAGRAM
2048
22
A17
A16
A10
A12
A6
A11
A3
Address
Input
Buffer
A5
Address Input Buffer
.
.
.
.
UB
.
.
.
.
LB
PRODUCT FAMILY
PIN CONFIGURATIONS
STC International Limited. reserves the right to modify document contents without notice.
STC62WV25616
A4
STC
Operating
• Data retention supply voltage as low as 1.5V
• Easy expansion with CE and OE options
• I/O Configuration x8/x16 selectable by LB and UB pin
Vcc=
5.0V
Vcc =
5.0V
70ns :2.7~5.5V
70ns
70ns


Número de pieza similar - STC62WV25616

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
STC62WV256 ETC-STC62WV256 Datasheet
385Kb / 10P
   VERY LOW POWER/VOLTAGE CMOS SRAM
STC62WV2568 ETC1-STC62WV2568 Datasheet
330Kb / 9P
   Very Low Power/Voltage CMOS SRAM 256K X 8 bit
STC62WV2568DC ETC1-STC62WV2568DC Datasheet
330Kb / 9P
   Very Low Power/Voltage CMOS SRAM 256K X 8 bit
STC62WV2568DI ETC1-STC62WV2568DI Datasheet
330Kb / 9P
   Very Low Power/Voltage CMOS SRAM 256K X 8 bit
STC62WV2568SC ETC1-STC62WV2568SC Datasheet
330Kb / 9P
   Very Low Power/Voltage CMOS SRAM 256K X 8 bit
More results

Descripción similar - STC62WV25616

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Brilliance Semiconducto...
BS616LV4015 BSI-BS616LV4015 Datasheet
228Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
logo
List of Unclassifed Man...
BS616LV4018 ETC1-BS616LV4018 Datasheet
265Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
logo
Brilliance Semiconducto...
BS616LV4016 BSI-BS616LV4016 Datasheet
265Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
BS616LV4010 BSI-BS616LV4010 Datasheet
227Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
BS616LV4017 BSI-BS616LV4017 Datasheet
265Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
BS616LV4011 BSI-BS616LV4011 Datasheet
231Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
BS616LV4017 BSI-BS616LV4017_06 Datasheet
209Kb / 11P
   Very Low Power CMOS SRAM 256K X 16 bit
BS616LV4017 BSI-BS616LV4017_08 Datasheet
247Kb / 11P
   Very Low Power CMOS SRAM 256K X 16 bit
BS62LV2005 BSI-BS62LV2005 Datasheet
279Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 8 bit
BS62LV2006 BSI-BS62LV2006 Datasheet
321Kb / 9P
   Very Low Power/Voltage CMOS SRAM 256K X 8 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com