Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC74982W Datasheet(PDF) 7 Page - Sanyo Semicon Device

No. de pieza LC74982W
Descripción Electrónicos  LCD TV Scan Converter IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74982W Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LC74982W Datasheet HTML 3Page - Sanyo Semicon Device LC74982W Datasheet HTML 4Page - Sanyo Semicon Device LC74982W Datasheet HTML 5Page - Sanyo Semicon Device LC74982W Datasheet HTML 6Page - Sanyo Semicon Device LC74982W Datasheet HTML 7Page - Sanyo Semicon Device LC74982W Datasheet HTML 8Page - Sanyo Semicon Device LC74982W Datasheet HTML 9Page - Sanyo Semicon Device LC74982W Datasheet HTML 10Page - Sanyo Semicon Device LC74982W Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
No. 7023-7/14
LC74982W
Continued from preceding page.
Pin No.
Pin
I/O type
Connection
Notes
I/O
Type
105
DVSS
P
GND
Digital system ground
106
ROEVEN0
O
POB4
LCD module
LSB
(LSB)
107
ROEVEN1
O
POB4
Red signal output (even)
108
ROEVEN2
O
POB4
109
ROEVEN3
O
POB4
(Red signal output (even))
110
ROEVEN4
O
POB4
111
ROEVEN5
O
POB4
MSB
112
DVDD
P
Power supply
Digital system power supply: 3.3 V
113
DVSS
P
GND
Digital system ground
114
GOEVEN0 (ROEVEN6)
O
POB4
LCD module
LSB
115
GOEVEN1 (ROEVEN7)
O
POB4
(MSB)
116
GOEVEN2 (GOEVEN0)
O
POB4
Green signal output (even)
(LSB)
117
GOEVEN3 (GOEVEN1)
O
POB4
118
GOEVEN4 (GOEVEN2)
O
POB4
119
GOEVEN5 (GOEVEN3)
O
POB4
MSB
(Green signal output (even))
120
DVDD
P
Power supply
Digital system power supply: 3.3 V
121
DVSS
P
GND
Digital system ground
122
BOEVEN0 (GOEVEN4)
O
POB4
LCD module
LSB
123
BOEVEN1 (GOEVEN5)
O
POB4
Blue signal output (even)
124
BOEVEN2 (GOEVEN6)
O
POB4
(MSB)
125
BOEVEN3 (GOEVEN7)
O
POB4
(LSB)
126
BOEVEN4 (BOEVEN0)
O
POB4
127
BOEVEN5 (BOEVEN1)
O
POB4
MSB
128
DVDD
P
Power supply
Digital system power supply: 3.3 V
129
DVSS
P
GND
Digital system ground
130
ROODD0 (BOEVEN2)
O
POB4
LCD module
LSB
131
ROODD1 (BOEVEN3)
O
POB4
Red signal output (odd)
(B signal output (even))
132
ROODD2 (BOEVEN4)
O
POB4
or
133
ROODD3 (BOEVEN5)
O
POB4
Red signal single-phase output
134
ROODD4 (BOEVEN6)
O
POB4
135
ROODD5 (BOEVEN7)
O
POB4
MSB
(MSB)
136
DVDD
P
Power supply
Digital system power supply: 3.3 V
137
DVSS
P
GND
Digital system ground
138
GOODD0 (ROODD0)
O
POB4
LCD module
LSB
(LSB)
139
GOODD1 (ROODD1)
O
POB4
Green signal output (odd)
140
GOODD2 (ROODD2)
O
POB4
or
141
GOODD3 (ROODD3)
O
POB4
Green signal single-phase output (Red signal output (odd)
142
GOODD4 (ROODD4)
O
POB4
or
143
GOODD5 (ROODD5)
O
POB4
MSB
Red signal single-phase output)
144
DVDD
P
Power supply
Digital system power supply: 3.3 V
145
DVSS
P
GND
Digital system ground
146
BOODD0 (ROODD6)
O
POB4
LCD module
LSB
147
BOODD1 (ROODD7)
O
POB4
Blue signal output (odd)
(MSB)
148
BOODD2 (TEST0)
O
POB4
or
149
BOODD3 (TEST1)
O
POB4
(OPEN)
Blue signal single-phase output
(Test output (Outputs a fixed
150
BOODD4 (TEST2)
O
POB4
low level.))
151
BOODD5 (TEST3)
O
POB4
MSB
152
DVDD
P
Power supply
Digital system power supply: 3.3 V
153
DVSS
P
GND
Digital system ground
154
DCLK1
O
POB12
LCD module
Data clock 1 (for single-phase data output)
155
DCLK1B
O
POB12
LCD module
Inverted data clock 1 (for single-phase data output)
156
DVDD
P
Power supply
Digital system power supply: 3.3 V
Continued on next page.


Número de pieza similar - LC74982W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC749870W SANYO-LC749870W Datasheet
559Kb / 45P
   Silicon gate NTSC/PAL/SECAM Digital Video Decoder
LC749880T SANYO-LC749880T Datasheet
118Kb / 17P
   Silicon gate Image controller LSI for LCD-TV
More results

Descripción similar - LC74982W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
LAXC021T0B-Q1 ETC2-LAXC021T0B-Q1 Datasheet
33Kb / 1P
   IC for LCD TV
logo
Toshiba Semiconductor
TC90A36F TOSHIBA-TC90A36F Datasheet
1Mb / 31P
   FIELD DOUBLE-SCAN CONVERTER IC FOR A MULTI-STANDARD COLOR TV
TA1204AF TOSHIBA-TA1204AF Datasheet
575Kb / 25P
   款 CORRECTION IC FOR LCD TV
logo
Panasonic Semiconductor
AN2546FH-A PANASONIC-AN2546FH-A Datasheet
431Kb / 29P
   Automotive LCD TV signal processor IC
AN2526NFH PANASONIC-AN2526NFH Datasheet
442Kb / 35P
   Automotive LCD TV signal processor IC
logo
Mitsubishi Electric Sem...
M65656FP MITSUBISHI-M65656FP Datasheet
1Mb / 5P
   SCAN CONVERTER
M65657FP MITSUBISHI-M65657FP Datasheet
1Mb / 5P
   SCAN CONVERTER
logo
Sanyo Semicon Device
LC75700T SANYO-LC75700T Datasheet
133Kb / 16P
   Key Scan IC
logo
Toshiba Semiconductor
TC9290P TOSHIBA-TC9290P Datasheet
375Kb / 10P
   KEY SCAN IC
TA1316AN TOSHIBA-TA1316AN Datasheet
1Mb / 115P
   YCbCr/YPbPr Signal and Sync Processor for Digital TV, Progressive Scan TV and Double Scan TV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com