Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TPC8017-H Datasheet(PDF) 5 Page - Toshiba Semiconductor

No. de Pieza. TPC8017-H
Descripción  High Speed and High Efficiency DC-DC Converters Notebook PC Applications Portable Equipment Applications
Descarga  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo 

TPC8017-H Datasheet(HTML) 5 Page - Toshiba Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TPC8017-H
2003-7-25
5
2
0
0
40
80
120
1.2
1.6
160
0.8
0.4
(1)
(2)
160
−40
0
40
80
120
−80
20
16
12
8
4
0
ID = 15A
VGS = 10 V
VGS = 4.5 V
ID = 3.8A,7.5A,15A
3.8A,7.5A
0
0.5
1
1.5
−80
−40
0
40
80
120
160
2
0
0.1
−0.2
10
100
1000
−0.6
−0.8
−1.0
VGS = 0 V
10
4.5
1
3
−0.4
1
10
0.1
100
1000
10000
1
10
100
Ciss
Coss
Crss
ソース接地
VGS = 0 V
f
= 1 MHz
Ta
= 25°C
0
8
24
VDD = 6 V
VDS
VGS
24
12
32
40
50
20
10
30
40
0
16
20
8
4
12
16
0
DRAIN-SOURCE VOLTAGE VDS (V)
CAPACITANCE – VDS
COMMON SOURCE
VGS = 0 V
f
= 1 MHz
Tc
= 25°C
DRAIN-SOURCE VOLTAGE VDS (V)
IDR – VDS
COMMON SOURCE
Ta
= 25°C
PULSE TEST
AMBIENT TEMPERATURE Ta (°C)
Vth – Ta
COMMON SOURCE
VDS = 10 V
ID = 1 mA
PULSE TEST
AMBIENT TEMPERATURE Ta (°C)
RDS (ON) – Ta
COMMON SOURCE
PULSE TEST
COMMON SOURCE
ID = 15 A
Ta = 25°C
PULSE TEST
TOTAL GATE CHARGE Qg (nC)
DYNAMIC INPUT / OUTPUT
CHARACTERISTICS
2.5
AMBIENT TEMPERATURE Ta (°C)
PD – Ta
(1)Device mounted on a
glass-epoxy board(a) (Note 2a)
(2)Device mounted on a
glass-epoxy board(b) (Note 2b)
t=
10s


Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
TPCM8001-HHigh Speed and High Efficiency DC-DC Converters Notebook PC Applications Portable Equipment Applications 1 2 3 4 Toshiba Semiconductor
TPCA8016-HHigh-Speed and High-Efficiency DC-DC Converters Notebook PC Applications Portable Equipment Applications 1 2 3 4 Toshiba Semiconductor
TPCA8010-HHigh Speed and High Efficiency DC-DC Converters 1 2 3 4 Toshiba Semiconductor
2SK2824N CHANNEL MOS TYPE FOR PORTABLE EQUIPMENT HIGH SPEED SWITCH ANALOG SWITCH APPLICATIONS 1 2 3 4 Toshiba Semiconductor
2SC4754NPN TRIPLE DIFFUSED TYPE HIGH VOLTAGE SWITCHING HIGH SPEED DC-DC CONVERTER AND SWITCHING REGULATOR APPLICATIONS 1 2 3 Toshiba Semiconductor
2SJ439P CHANNEL MOS TYPE HIGH SPEED HIGH CURRENT SWITCHING DC-DC CONVERTER RELAY DRIVE AND MOTOR DRIVE APPLICATIONS 1 2 3 4 5 Toshiba Semiconductor
2SK2267N CHANNEL MOS TYPE HIGH SPEED HIGH VOLTAGE SWITCHING CHOPPER REGULATOR DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS 1 2 3 4 5 Toshiba Semiconductor
2SK2610N CHANNEL MOS TYPE HIGH SPEED HIGH VOLTAGE SWITCHING CHOPPER REGULATOR DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS 1 2 3 4 5 Toshiba Semiconductor
2SK2744N CHANNEL MOS TYPE HIGH SPEED HIGH VOLTAGE SWITCHING CHOPPER REGULATOR DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS 1 2 Toshiba Semiconductor
2SK2985N CHANNEL MOS TYPE HIGH SPEED HIGH VOLTAGE SWITCHING DC-DC CONVERTER RELAY DRIVE AND MOTOR DRIVE APPLICATIONS 1 2 3 4 5 Toshiba Semiconductor

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn