Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS61140DRCTG4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS61140DRCTG4
Descripción Electrónicos  DUAL OUTPUT BOOST REGULATOR USING SINGLE INDUCTOR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS61140DRCTG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS61140DRCTG4 Datasheet HTML 3Page - Texas Instruments TPS61140DRCTG4 Datasheet HTML 4Page - Texas Instruments TPS61140DRCTG4 Datasheet HTML 5Page - Texas Instruments TPS61140DRCTG4 Datasheet HTML 6Page - Texas Instruments TPS61140DRCTG4 Datasheet HTML 7Page - Texas Instruments TPS61140DRCTG4 Datasheet HTML 8Page - Texas Instruments TPS61140DRCTG4 Datasheet HTML 9Page - Texas Instruments TPS61140DRCTG4 Datasheet HTML 10Page - Texas Instruments TPS61140DRCTG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
www.ti.com
50
60
70
80
90
0
5
10
15
20
25
I - Load Current - mA
L
WLED Voltage = 15 V, 4 WLED
VSEL = low
ISEL = high
V = 3.3 V
I
V = 4 V
I
V = 3.6 V
I
50
60
70
80
90
0
5
10
15
20
25
I - Load Current - mA
L
V = 4 V
I
WLED Voltage = 11 V, 3 WLED,
VSEL = Low,
ISEL = high
V = 3.3 V
I
V = 3.6 V
I
50
60
70
80
90
0
5
10
15
20
25
V = 3.3 V
I
WLED Voltage = 19 V, 5 WLED
VSEL = low
ISEL = high
I - Load Current - mA
L
V = 4 V
I
V = 3.6 V
I
50
60
70
80
90
0
5
10
15
20
25
WLED Voltage = 23 V, 6 WLED
VSEL = low
ISEL = high
I - Load Current - mA
L
V = 4 V
I
V = 3.6 V
I
V = 3.3 V
I
TPS61140
TPS61141
SLVS624A – JANUARY 2006 – REVISED FEBRUARY 2006
EFFICIENCY
EFFICIENCY
vs
vs
WLED CURRENT
WLED CURRENT
Figure 3.
Figure 4.
EFFICIENCY
EFFICIENCY
vs
vs
WLED CURRENT
WLED CURRENT
Figure 5.
Figure 6.
7
Submit Documentation Feedback


Número de pieza similar - TPS61140DRCTG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61140DRCTG4 TI1-TPS61140DRCTG4 Datasheet
1Mb / 26P
[Old version datasheet]   DUAL OUTPUT BOOST REGULATOR USING SINGLE INDUCTOR
More results

Descripción similar - TPS61140DRCTG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61140 TI1-TPS61140_17 Datasheet
1Mb / 26P
[Old version datasheet]   DUAL OUTPUT BOOST REGULATOR USING SINGLE INDUCTOR
logo
Allegro MicroSystems
A8481 ALLEGRO-A8481 Datasheet
784Kb / 12P
   Dual Output Boost Regulator Using Single Inductor
logo
Texas Instruments
TPS61150 TI-TPS61150 Datasheet
678Kb / 21P
[Old version datasheet]   DUAL OUTPUT BOOST WLED DRIVER USING SINGLE INDUCTOR
TPS61150 TI1-TPS61150 Datasheet
1Mb / 26P
[Old version datasheet]   Dual-Output Boost WLED Driver Using Single Inductor
TPS61150A TI-TPS61150A Datasheet
686Kb / 24P
[Old version datasheet]   DUAL OUTPUT BOOST WLED DRIVER USING SINGLE INDUCTOR
logo
Maxim Integrated Produc...
MAX17270 MAXIM-MAX17270 Datasheet
1Mb / 37P
   nanoPower Triple-Output, Single-Inductor, Multiple-Output (SIMO) Buck-Boost Regulator
19-100234; Rev 5; 9/19
logo
Texas Instruments
TPS61100 TI-TPS61100 Datasheet
507Kb / 28P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
TPS61100 TI1-TPS61100_15 Datasheet
1Mb / 35P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
TPS65135RTER TI1-TPS65135RTER Datasheet
1Mb / 20P
[Old version datasheet]   Single-Inductor, Multiple-Output (SIMO) Regulator
TPS65135_15 TI-TPS65135_15_15 Datasheet
1Mb / 27P
[Old version datasheet]   TPS65135 Single-Inductor, Multiple-Output Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com