Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS61141DRCTG4 Datasheet(PDF) 11 Page - Texas Instruments

No. de pieza TPS61141DRCTG4
Descripción Electrónicos  DUAL OUTPUT BOOST REGULATOR USING SINGLE INDUCTOR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS61141DRCTG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS61141DRCTG4 Datasheet HTML 7Page - Texas Instruments TPS61141DRCTG4 Datasheet HTML 8Page - Texas Instruments TPS61141DRCTG4 Datasheet HTML 9Page - Texas Instruments TPS61141DRCTG4 Datasheet HTML 10Page - Texas Instruments TPS61141DRCTG4 Datasheet HTML 11Page - Texas Instruments TPS61141DRCTG4 Datasheet HTML 12Page - Texas Instruments TPS61141DRCTG4 Datasheet HTML 13Page - Texas Instruments TPS61141DRCTG4 Datasheet HTML 14Page - Texas Instruments TPS61141DRCTG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
www.ti.com
DETAILED DESCRIPTION
VOLTAGE OUTPUT MODE
Vout + VFB
R1
R1 ) R2
(1)
CURRENT OUTPUT MODE
I
O +
V
ISET
R
SET
K
ISET
(2)
TPS61140
TPS61141
SLVS624A – JANUARY 2006 – REVISED FEBRUARY 2006
The TPS61140/1 uses a single boost converter to provide pre-regulated power for the device’s current output
and voltage output. The current output is regulated by a low side current sink connected to the IFB pin, while a
low dropout linear regulator (LDO) on the output of the boost regulator provides the voltage output. The LDO is
used for its low ripple and fast transient response. The device automatically sets the boost output voltage to
minimize power losses of the linear circuits (i.e., the current sink and LDO), and yet provide enough headroom
for their DC operation and transient response. Such an implementation takes advantage of the high quality
output of linear circuits, while maintaining high efficiency offered by the boost converter.
When only the voltage output is enabled (i.e., SELV high and SELI low), LDO pass element Q2, shown in the
block diagram, regulates Vout per the external resistor divider connected to the VFB pin. Current sink Q3 turns
off, thereby opening the current path. The boost converter operates in PFM (pulse frequency modulation) mode
for high efficiency over a wide load range. Operating in PFM mode, the device turns on the power switch Q1
when the voltage drop across the LDO (i.e., V(IOUT)–VOUT) falls below the regulation voltage (Vdelta). The input
voltage is applied across the inductor, and its current linearly increases until reaching current limit, upon which
Q1 is turned off. At this time, the built-in power diode is then forward biased and releases the inductor energy to
the output. After the minimum off time, Q1 is allowed to turn back on again only if the voltage across the LDO is
still below the threshold. Otherwise, Q1 stays off to reduce the switching losses and IC quiescent current. The
minimum off time ensures discontinuous operation (DCM) in which inductor current always ramps down to zero
in each switching cycle. DCM operation is required for feedback loop stability. There is also a maximum Q1 on
time which turns off Q1 even if the current is still below the current limiting threshold. By minimizing the voltage
drop across the LDO, the LDO maintains high efficiency. For 15V output, the LDO accounts for approximately
2% of efficiency loss.
Because PFM control reduces the switch frequency at light load, the boost regulator produces higher output
ripple. Fortunately, the LDO’s high PSRR (power supply rejection ratio) attenuates the ripple on the VOUT pin for
optimal OLED display performance.
The output voltage of the Vout pin can be programmed by the resistor divider connected to the VFB pin, as
shown in the Typical Application.
Where VFB = reference voltage of the VFB pin
When only the current output is selected (i.e., SELV low and SELI high), the LDO, and therefore VOUT is turned
off, and the current sink device Q3, shown in the block diagram, regulates the current output. The boost
converter uses fixed frequency PWM control to provide high output current and low output ripple noises. In this
mode, the feedback loop regulates the IFB pin to a threshold voltage (VIFB), giving current sink circuit minimum
headroom to operate and minimizing losses across the current sink circuit.
The regulation current is set by the resistor on the Iset pin based on
where
Io = output current
VISET = Iset pin voltage (1.229V typical)
RSET = Iset pin resistor value
KISET = current multiplier (900 typical)
11
Submit Documentation Feedback


Número de pieza similar - TPS61141DRCTG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61141DRCT TI1-TPS61141DRCT Datasheet
1Mb / 26P
[Old version datasheet]   DUAL OUTPUT BOOST REGULATOR USING SINGLE INDUCTOR
More results

Descripción similar - TPS61141DRCTG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61140 TI1-TPS61140_17 Datasheet
1Mb / 26P
[Old version datasheet]   DUAL OUTPUT BOOST REGULATOR USING SINGLE INDUCTOR
logo
Allegro MicroSystems
A8481 ALLEGRO-A8481 Datasheet
784Kb / 12P
   Dual Output Boost Regulator Using Single Inductor
logo
Texas Instruments
TPS61150 TI-TPS61150 Datasheet
678Kb / 21P
[Old version datasheet]   DUAL OUTPUT BOOST WLED DRIVER USING SINGLE INDUCTOR
TPS61150 TI1-TPS61150 Datasheet
1Mb / 26P
[Old version datasheet]   Dual-Output Boost WLED Driver Using Single Inductor
TPS61150A TI-TPS61150A Datasheet
686Kb / 24P
[Old version datasheet]   DUAL OUTPUT BOOST WLED DRIVER USING SINGLE INDUCTOR
logo
Maxim Integrated Produc...
MAX17270 MAXIM-MAX17270 Datasheet
1Mb / 37P
   nanoPower Triple-Output, Single-Inductor, Multiple-Output (SIMO) Buck-Boost Regulator
19-100234; Rev 5; 9/19
logo
Texas Instruments
TPS61100 TI-TPS61100 Datasheet
507Kb / 28P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
TPS61100 TI1-TPS61100_15 Datasheet
1Mb / 35P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
TPS65135RTER TI1-TPS65135RTER Datasheet
1Mb / 20P
[Old version datasheet]   Single-Inductor, Multiple-Output (SIMO) Regulator
TPS65135_15 TI-TPS65135_15_15 Datasheet
1Mb / 27P
[Old version datasheet]   TPS65135 Single-Inductor, Multiple-Output Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com