Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

OPV230 Datasheet(PDF) 2 Page - OPTEK Technologies

No. de pieza OPV230
Descripción Electrónicos  Technical Data
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OPTEK [OPTEK Technologies]
Página de inicio  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPV230 Datasheet(HTML) 2 Page - OPTEK Technologies

  OPV230 Datasheet HTML 1Page - OPTEK Technologies OPV230 Datasheet HTML 2Page - OPTEK Technologies OPV230 Datasheet HTML 3Page - OPTEK Technologies OPV230 Datasheet HTML 4Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Optek Technology, Inc.
Carrollton, Texas 75006
(972) 323-2200
sensor@optekinc.com
www.optekinc.com
March 2004
Issue 1.2
Page 2 of 4
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITION
POT
Total Power Out
1.4
4.5
mW
IF = 12 mA
ITH
Threshold Current
2.0
5.5
mA
Note 1
VF
Forward Voltage
2.15
V
IF = 12 mA
IR
Reverse Current
30
nA
VR = 5 V
RS
Series Resistance
14
40
ohms
Note 2
η
Slope Efficiency
0.17
mW/mA
Note 3
λ
Wavelength
830
860
nm
∆λ
Optical Bandwidth
0.85
nm
∆η/∆T
Temp Coefficient of Slope Efficiency
-0.40
%/°C
θ
Beam Divergence
12
Degree
∆λ/∆T
Temp Coefficient of Wavelength
0.06
nm/°C
(0° - 70° C)
∆l
TH/∆T
Temp Coefficient of Threshold Current
±1.5
mA
(0° - 70° C)
Nri
Relative Intensity Noise
-123
dB/Hz
∆V
F/∆T
Temperature Coefficient for VF
-2.5
mV/°C
OPV230 Technical Data
NOTES:
(1)
Threshold Current is based on the two line intersection method specified in Telcordia GR-468-Core. Line 1 from 6 mA to 8 mA. Line 2 from 0
mA to 2 mA.
(2)
Series Resistance is the slope of the Voltage-Current line from 8 to 12 mA.
(3)
Slope efficiency, is the slope of the best fit LI line from 8 mA above threshold to 12 mA.
Electrical/Optical Characteristics (at 25
°C unless otherwise specified)
Optek reserves the right to make changes at any time in order to improve design and to supply the best product possible.


Número de pieza similar - OPV230

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
OPTEK Technologies
OPV232 OPTEK-OPV232 Datasheet
279Kb / 4P
   Technical Data
More results

Descripción similar - OPV230

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SE1117 ETC1-SE1117 Datasheet
72Kb / 4P
   TECHNICAL DATA
logo
Motorola, Inc
M68HC11 MOTOROLA-M68HC11 Datasheet
3Mb / 336P
   Technical Data
logo
OPTEK Technologies
OPV314 OPTEK-OPV314 Datasheet
341Kb / 4P
   Technical Data
logo
Freescale Semiconductor...
MC68HC705C8A FREESCALE-MC68HC705C8A_13 Datasheet
1Mb / 222P
   Technical Data
MC68HC912D60A FREESCALE-MC68HC912D60A_13 Datasheet
2Mb / 460P
   Technical Data
MC9S08LL64 FREESCALE-MC9S08LL64 Datasheet
884Kb / 44P
   Technical Data
MC68HC705J1A FREESCALE-MC68HC705J1A_13 Datasheet
1Mb / 162P
   Technical Data
logo
KODENSHI_AUK CORP.
KK2814 KODENSHI-KK2814 Datasheet
123Kb / 2P
   TECHNICAL DATA
logo
Freescale Semiconductor...
MPC5200BDS FREESCALE-MPC5200BDS Datasheet
977Kb / 72P
   Technical Data
logo
Motorola, Inc
BD185 MOTOROLA-BD185 Datasheet
108Kb / 2P
   TECHNICAL DATA
logo
Freescale Semiconductor...
MC68HC05C9 FREESCALE-MC68HC05C9 Datasheet
9Mb / 156P
   TECHNICAL DATA
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com