Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN8621B Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza FAN8621B
Descripción Electrónicos  12V Spindle Motor and Voice Coil Motor Driver IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN8621B Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN8621B Datasheet HTML 1Page - Fairchild Semiconductor FAN8621B Datasheet HTML 2Page - Fairchild Semiconductor FAN8621B Datasheet HTML 3Page - Fairchild Semiconductor FAN8621B Datasheet HTML 4Page - Fairchild Semiconductor FAN8621B Datasheet HTML 5Page - Fairchild Semiconductor FAN8621B Datasheet HTML 6Page - Fairchild Semiconductor FAN8621B Datasheet HTML 7Page - Fairchild Semiconductor FAN8621B Datasheet HTML 8Page - Fairchild Semiconductor FAN8621B Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
©2000 Fairchild Semiconductor International
www.fairchildsemi.com
Rev. 1.0.0
May. 2000.
1
Features
General
• Hysteresis power on reset with delay function
• 5V, 12V supplies monitoring
• Thermal shut down(TSD)
• Programmable precision regulator usging minimal
external component
• Three state control input to reduce number of PINs
Spindle Motor(SPM)
• ASIC based start-up
• Internal back-EMF processing
• Internal sensorless commutation
• Internal SPM speed control with SFLL(Syncronized
Frequency Lock Loop).
• Linear SPM current control
• Selectable Motor Speed (5400/7200 RPM)
• Soft commutation circuitry to reduce acoustic noise
• Adjustable brake delay time
• Maximum 2A start-up current capability
• Internal and external spindle brake
• Speed lock indicator output
Voice Coil Motor (VCM)
• Intelligent retract (decreased bouncing)
• 1.2A internal VCM power driver
• Selectable transconductance
• 4V precision reference output
• Two PWM input (fine/coarse) for VCM set point
Description
The FAN8621B, is a Bipolar monolithic stand-alone IC,
designed for 12V HDD applications.The internal power
stage consists of vertical PNP and NPN TRs for both SPM
and VCM, thus minimizing voltage drop, and increasing
drive capability up to 2A for SPM and 1.2A for VCM. This
device includes soft commutation drive to reduce audible
noise and intelligent retract function for decreased bouncing.
48-QFPH-1414
Typical Applications
• Hard disk drive(HDD)
Ordering Information
Device
Package
Operating Temp.
FAN8621B
48-QFPH-1414
0 ~ 70
°C
FAN8621B
12V Spindle Motor and Voice Coil Motor Driver IC


Número de pieza similar - FAN8621B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN8620B FAIRCHILD-FAN8620B Datasheet
475Kb / 35P
   12V Spindle Motor and Voice Coil Motor Driver
More results

Descripción similar - FAN8621B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN8620B FAIRCHILD-FAN8620B Datasheet
475Kb / 35P
   12V Spindle Motor and Voice Coil Motor Driver
KA2811C FAIRCHILD-KA2811C Datasheet
313Kb / 28P
   12V Spindle Motor and Voice Coil Motor Driver
logo
Texas Instruments
TLS2205 TI-TLS2205 Datasheet
775Kb / 31P
[Old version datasheet]   VOICE - COIL MOTOR DRIVER, SPINDLE - MOTOR DRIVER, AND VOLTAGE MONITOR
logo
Panasonic Semiconductor
AN8420FBP PANASONIC-AN8420FBP Datasheet
1Mb / 27P
   Spindle/Voice Coil Motor Drive IC
logo
STMicroelectronics
L6246 STMICROELECTRONICS-L6246 Datasheet
103Kb / 12P
   12V VOICE COIL MOTOR DRIVER
February 1998
logo
Fairchild Semiconductor
KA3120 FAIRCHILD-KA3120 Datasheet
782Kb / 43P
   SPINDLE & VOICE COIL MOTOR ONE CHIP DRIVER
logo
NXP Semiconductors
TDA5147K PHILIPS-TDA5147K Datasheet
154Kb / 32P
   12 V Voice Coil Motor VCM driver and spindle motor drive combination chip
1996 Jul 26
TDA5149G PHILIPS-TDA5149G Datasheet
148Kb / 28P
   12 V Voice Coil Motor VCM driver and spindle motor pre-driver combination chip
1996 May 06
TDA5147CH PHILIPS-TDA5147CH Datasheet
196Kb / 32P
   12 V Voice Coil Motor VCM driver and spindle motor drive combination chip
1997 Jul 09
logo
Sanyo Semicon Device
LB11699H SANYO-LB11699H Datasheet
115Kb / 9P
   Spindle Motor Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com