Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MTV312MV64 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

No. de pieza MTV312MV64
Descripción Electrónicos  8051 Embedded Monitor Controller Flash Type with ISP
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers

MTV312MV64 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  MTV312MV64 Datasheet HTML 1Page - List of Unclassifed Manufacturers MTV312MV64 Datasheet HTML 2Page - List of Unclassifed Manufacturers MTV312MV64 Datasheet HTML 3Page - List of Unclassifed Manufacturers MTV312MV64 Datasheet HTML 4Page - List of Unclassifed Manufacturers MTV312MV64 Datasheet HTML 5Page - List of Unclassifed Manufacturers MTV312MV64 Datasheet HTML 6Page - List of Unclassifed Manufacturers MTV312MV64 Datasheet HTML 7Page - List of Unclassifed Manufacturers MTV312MV64 Datasheet HTML 8Page - List of Unclassifed Manufacturers MTV312MV64 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
MYSON
TECHNOLOGY
MTV312M64
(Rev 0.99)
Revision 0.99
- 5 -
2001/07/26
FUNCTIONAL DESCRIPTIONS
1. 8051 CPU Core
The CPU core of MTV312M is compatible with the industry standard 8051, which includes 256 bytes RAM,
Special Function Registers (SFR), two timers, five interrupt sources and a serial interface. The CPU core
fetches its program code from the 64K bytes Flash in MTV312M. It uses Port0 and Port2 to access the
“external special function register” (XFR) and external auxiliary RAM (AUXRAM).
The CPU core can run at double rate when FclkE is set. Once the bit is set, the CPU runs as if a 24MHz
X’tal is applied on MTV312M, but the peripherals (IIC, DDC, H/V processor) still run at the original frequency.
Note: All registers listed in this document reside in 8051’s external RAM area (XFR). For internal RAM
memory map, please refer to 8051 spec.
2. Memory Allocation
2.1 Internal Special Function Registers (SFR)
The SFR is a group of registers that are the same as standard 8051.
2.2 Internal RAM
There are total 256 bytes internal RAM in MTV312M, the same as standard 8052.
2.3 External Special Function Registers (XFR)
The XFR is a group of registers allocated in the 8051 external RAM area F00h - FFFh. These registers are
used for special functions. Programs can use "MOVX" instruction to access these registers.
2.4 Auxiliary RAM (AUXRAM)
There are total 512 bytes auxiliary RAM allocated in the 8051 external RAM area 800h - 9FFh. Programs
can use "MOVX" instruction to access the AUXRAM.
2.5 Dual Port RAM (DDCRAM)
There are 256 bytes Dual Port RAM allocated in the 8051 external RAM area E00h - EFFh. Programs can
use "MOVX" instruction to access the RAM. The external DDC1/2 Host can access the RAM as if a 24LC02
EEPROM is connected onto the interface.
800h
9FFh
E00h
EFFh
DDCRAM
Accessible by
indirect external
RAM addressing
(Using MOVX
instruction)
AUXRAM
Accessible by
indirect external
RAM addressing
(Using MOVX
instruction
00h
7Fh
80h
FFh
Internal RAM
Accessible by
indirect
addressing only
(Using
MOV A,@Ri
instruction)
Internal RAM
Accessible by
direct and indirect
addressing
SFR
Accessible by
direct addressing
F00h
FFFh
XFR
Accessible by
indirect external
RAM addressing
(Using MOVX
instruction)


Número de pieza similar - MTV312MV64

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
MTV312M64 ETC-MTV312M64 Datasheet
200Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
More results

Descripción similar - MTV312MV64

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
MTV212M64I ETC-MTV212M64I Datasheet
199Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV312M64 ETC-MTV312M64 Datasheet
200Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV212M32 ETC1-MTV212M32 Datasheet
188Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV412M ETC-MTV412M Datasheet
255Kb / 26P
   8051 Embedded Monitor Controller 128K Flash Type with ISP
MTV230M64 ETC1-MTV230M64 Datasheet
404Kb / 31P
   8051 Embedded Micro Controller with Flash OSD and ISP
MTV230M ETC1-MTV230M Datasheet
250Kb / 31P
   8051 Embedded LCD Monitor Controller with Flash OSD
MTV112M ETC-MTV112M Datasheet
160Kb / 20P
   8051 Embedded CRT Monitor Controller Flash Version
MTV212M64 ETC2-MTV212M64 Datasheet
200Kb / 27P
   8051 Embedded Monitor Controller MTP Type
MTV212A32 ETC-MTV212A32 Datasheet
167Kb / 23P
   8051 Embedded Monitor Controller Mask ROM Type
logo
Realtek Semiconductor C...
RTD2120 REALTEK-RTD2120 Datasheet
525Kb / 37P
   8051 Embedded Micro-Controller for Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com