Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

N02M083WL1A Datasheet(PDF) 2 Page - NanoAmp Solutions, Inc.

No. de pieza N02M083WL1A
Descripción Electrónicos  2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NANOAMP [NanoAmp Solutions, Inc.]
Página de inicio  http://www.nanoamp.com
Logo NANOAMP - NanoAmp Solutions, Inc.

N02M083WL1A Datasheet(HTML) 2 Page - NanoAmp Solutions, Inc.

  N02M083WL1A Datasheet HTML 1Page - NanoAmp Solutions, Inc. N02M083WL1A Datasheet HTML 2Page - NanoAmp Solutions, Inc. N02M083WL1A Datasheet HTML 3Page - NanoAmp Solutions, Inc. N02M083WL1A Datasheet HTML 4Page - NanoAmp Solutions, Inc. N02M083WL1A Datasheet HTML 5Page - NanoAmp Solutions, Inc. N02M083WL1A Datasheet HTML 6Page - NanoAmp Solutions, Inc. N02M083WL1A Datasheet HTML 7Page - NanoAmp Solutions, Inc. N02M083WL1A Datasheet HTML 8Page - NanoAmp Solutions, Inc. N02M083WL1A Datasheet HTML 9Page - NanoAmp Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
The specifications of this device are subject to change without notice. For latest documentation see http://www.nanoamp.com.
Stock No. 23207-01 11/01/02
NanoAmp Solutions, Inc.
N02M083WL1A
Functional Block Diagram
Functional Description
CE1
CE2
WE
OE
I/O0 - I/O7
MODE
POWER
H
X
X
X
High Z
Standby1
1. When the device is in standby mode, control inputs (WE and OE), address inputs and data input/outputs are internally isolated
from any external influence and disabled from exerting any influence externally.
Standby
X
L
X
X
High Z
Standby1
Standby
LHL
X2
2. When WE is invoked, the OE input is internally disabled and has no effect on the circuit.
Data In
Write2
Active
LH
HL
Data Out
Read
Active
L
H
H
H
High Z
Active
Active
Capacitance1
1. These parameters are verified in device characterization and are not 100% tested
Item
Symbol
Test Condition
Min
Max
Unit
Input Capacitance
CIN
VIN = 0V, f = 1 MHz, TA = 25oC
8pF
I/O Capacitance
CI/O
VIN = 0V, f = 1 MHz, TA = 25oC
8pF
Control
Logic
Page
Decode
Logic
Address
Inputs
A4 - A17
Input/
Output
Mux
and
Buffers
I/O0 - I/O7
Address
Word
Decode
Logic
Address
Address
Inputs
A0 - A3
16K Page
x 16 word
x 8 bit
RAM Array
CE1
CE2
WE
OE


Número de pieza similar - N02M083WL1A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NanoAmp Solutions, Inc.
N02M0818L1A NANOAMP-N02M0818L1A Datasheet
224Kb / 9P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
N02M0818L1AD NANOAMP-N02M0818L1AD Datasheet
224Kb / 9P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
N02M0818L1AD-85I NANOAMP-N02M0818L1AD-85I Datasheet
224Kb / 9P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
N02M0818L1AN NANOAMP-N02M0818L1AN Datasheet
224Kb / 9P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
N02M0818L1AN-85I NANOAMP-N02M0818L1AN-85I Datasheet
224Kb / 9P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
More results

Descripción similar - N02M083WL1A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NanoAmp Solutions, Inc.
N02M0818L2A NANOAMP-N02M0818L2A Datasheet
215Kb / 8P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
N02M0818L1A NANOAMP-N02M0818L1A Datasheet
224Kb / 9P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
logo
ON Semiconductor
N02L6181A ONSEMI-N02L6181A Datasheet
636Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128Kx16 bit
July 2008 - Rev. 4
logo
NanoAmp Solutions, Inc.
N02L1618C1A NANOAMP-N02L1618C1A Datasheet
261Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128Kx16 bit
N02L163WN1A NANOAMP-N02L163WN1A Datasheet
272Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM
logo
ON Semiconductor
N02L83W2A ONSEMI-N02L83W2A Datasheet
174Kb / 10P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 8 bit
July 2008 - Rev. 8
logo
NanoAmp Solutions, Inc.
N02L163WC2A NANOAMP-N02L163WC2A Datasheet
264Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
N02L083WC2A NANOAMP-N02L083WC2A Datasheet
223Kb / 10P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 256K x 8 bit
logo
ON Semiconductor
N02L63W2A ONSEMI-N02L63W2A Datasheet
659Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
July 2008 - Rev. 9
logo
NanoAmp Solutions, Inc.
N08M163WL1A NANOAMP-N08M163WL1A Datasheet
234Kb / 8P
   8Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 512Kx16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com