Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

N02M0818L2AD Datasheet(PDF) 3 Page - NanoAmp Solutions, Inc.

No. de pieza N02M0818L2AD
Descripción Electrónicos  2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NANOAMP [NanoAmp Solutions, Inc.]
Página de inicio  http://www.nanoamp.com
Logo NANOAMP - NanoAmp Solutions, Inc.

N02M0818L2AD Datasheet(HTML) 3 Page - NanoAmp Solutions, Inc.

  N02M0818L2AD Datasheet HTML 1Page - NanoAmp Solutions, Inc. N02M0818L2AD Datasheet HTML 2Page - NanoAmp Solutions, Inc. N02M0818L2AD Datasheet HTML 3Page - NanoAmp Solutions, Inc. N02M0818L2AD Datasheet HTML 4Page - NanoAmp Solutions, Inc. N02M0818L2AD Datasheet HTML 5Page - NanoAmp Solutions, Inc. N02M0818L2AD Datasheet HTML 6Page - NanoAmp Solutions, Inc. N02M0818L2AD Datasheet HTML 7Page - NanoAmp Solutions, Inc. N02M0818L2AD Datasheet HTML 8Page - NanoAmp Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
(DOC#14-02-036 Rev C ECN#01-0887)
3
The specifications of this device are subject to change without notice. For latest documentation see http://www.nanoamp.com.
NanoAmp Solutions, Inc.
N02M0818L2A
Absolute Maximum Ratings1
1. Stresses greater than those listed above may cause permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the operating section of this specification is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Item
Symbol
Rating
Unit
Voltage on any pin relative to VSS
VIN,OUT
–0.3 to VCC+0.3
V
Voltage on VCC Supply Relative to VSS
VCC
–0.3 to 3.0
V
Power Dissipation
PD
500
mW
Storage Temperature
TSTG
–40 to 125
oC
Operating Temperature
TA
-20 to +60
oC
Soldering Temperature and Time
TSOLDER
240oC, 10sec(Lead only)
oC
Recommended Operating Limits (Not all inclusive values tested)1
1. These limits are the expected operating conditions for this device. Only selected points within this range of conditions
are specifically tested and guaranteed.
Item
Symbol
Test Conditions
Min.
Max
Unit
Core Supply Voltage
VCC
1.3
2.3
V
Data Retention Voltage
VDR
Chip Disabled (Note 3)
1.0
V
Input High Voltage
VIH
0.7VCCQ VCCQ+0.5
V
Input Low Voltage
VIL
–0.5
0.3VCCQ
V
Output High Voltage
VOH
IOH = 0.2mA
VCCQ–0.3
V
Output Low Voltage
VOL
IOL = -0.2mA
0.3
V
Input Leakage Current
ILI
VIN = 0 to VCC
0.1
µA
Output Leakage Current
ILO
OE = VIH or Chip Disabled
0.1
µA
Read/Write Operating Supply Current
@ 1
µs Cycle Time2
2. This parameter is specified with the outputs disabled to avoid external loading effects. The user must add current
required to drive output capacitance expected in the actual system.
ICC1
VCC=2.3 V, VIN=VIH or VIL
Chip Enabled, IOUT = 0
2.5
mA
Read/Write Operating Supply Current
@ 85 ns Cycle Time2
ICC2
VCC=2.3 V, VIN=VIH or VIL
Chip Enabled, IOUT = 0
13.0
mA
Standby Current3
3. The chip is Disabled when CE1# is high or CE2 is low or UB# and LB# are high. The chip is Enabled when CE1# is
low and CE2 is high.
ISB1
VIN = VCC or 0V
Chip Disabled
tA= 37oC, VCC = 2.3 V
450
nA
Data Retention Current3
IDR
VCC = 1.0V, VIN = VCC or 0
Chip Disabled, tA= 85oC
1.0
µA


Número de pieza similar - N02M0818L2AD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NanoAmp Solutions, Inc.
N02M0818L1A NANOAMP-N02M0818L1A Datasheet
224Kb / 9P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
N02M0818L1AD NANOAMP-N02M0818L1AD Datasheet
224Kb / 9P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
N02M0818L1AD-85I NANOAMP-N02M0818L1AD-85I Datasheet
224Kb / 9P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
N02M0818L1AN NANOAMP-N02M0818L1AN Datasheet
224Kb / 9P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
N02M0818L1AN-85I NANOAMP-N02M0818L1AN-85I Datasheet
224Kb / 9P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
More results

Descripción similar - N02M0818L2AD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NanoAmp Solutions, Inc.
N02M083WL1A NANOAMP-N02M083WL1A Datasheet
212Kb / 9P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
N02M0818L1A NANOAMP-N02M0818L1A Datasheet
224Kb / 9P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
logo
ON Semiconductor
N02L6181A ONSEMI-N02L6181A Datasheet
636Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128Kx16 bit
July 2008 - Rev. 4
logo
NanoAmp Solutions, Inc.
N02L1618C1A NANOAMP-N02L1618C1A Datasheet
261Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128Kx16 bit
N02L163WN1A NANOAMP-N02L163WN1A Datasheet
272Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM
logo
ON Semiconductor
N02L83W2A ONSEMI-N02L83W2A Datasheet
174Kb / 10P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 8 bit
July 2008 - Rev. 8
logo
NanoAmp Solutions, Inc.
N02L163WC2A NANOAMP-N02L163WC2A Datasheet
264Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
N02L083WC2A NANOAMP-N02L083WC2A Datasheet
223Kb / 10P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 256K x 8 bit
logo
ON Semiconductor
N02L63W2A ONSEMI-N02L63W2A Datasheet
659Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
July 2008 - Rev. 9
logo
NanoAmp Solutions, Inc.
N08M163WL1A NANOAMP-N08M163WL1A Datasheet
234Kb / 8P
   8Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 512Kx16 bit
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com