Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

LM6211 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
No. de Pieza. LM6211
Descripción  Low Noise, RRO Operational Amplifier with CMOS Input and 24V Operation
Descarga  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo 

LM6211 Datasheet(HTML) 3 Page - National Semiconductor (TI)

 
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
5V Electrical Characteristics (Note 4) (Continued)
Unless otherwise specified, all limits are guaranteed for T
A = 25˚C, V
+ = 5V, V= 0V, V
CM =VO =V
+/2. Boldface limits apply
at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
THD
Total Harmonic Distortion
A
V =2,RL = 600
Ω to V+/2
0.01
%
24V Electrical Characteristics (Note 4)
Unless otherwise specified, all limits are guaranteed for T
A = 25˚C, V
+ = 24V, V= 0V, V
CM =VO =V
+/2. Boldface limits apply
at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
V
OS
Input Offset Voltage
V
CM = 0.5V
0.25
±2.7
±3.0
mV
TC V
OS
Input Offset Average Drift
V
CM = 0.5V (Note 7)
±2
µV/C
I
B
Input Bias Current
V
CM = 0.5V (Notes 8, 9)
2
25
10
pA
nA
I
OS
Input Offset Current
V
CM = 0.5V
0.1
pA
CMRR
Common Mode Rejection
Ratio
0
≤ V
CM
≤ 21V
0.4
≤ V
CM
≤ 20V
85
70
105
dB
PSRR
Power Supply Rejection Ratio
V
+ = 5V to 24V, V
CM = 0.5V
85
78
98
dB
V
+ = 4.5V to 25V, V
CM = 0.5V
80
98
CMVR
Input Common-Mode Voltage
Range
CMRR
≥ 65 dB
CMRR
≥ 60 dB
0
0
21.5
20.5
V
A
VOL
Large Signal Voltage Gain
V
O = 1.5V to 22.5V, RL =2k
Ω to V+/2
82
77
120
dB
V
O = 1V to 23V, RL =10k
Ω to V+/2
85
82
120
V
O
Output Swing High
R
L =2k
Ω to V+/2
212
400
520
mV from
rail
R
L =10k
Ω to V+/2
48
150
165
Output Swing Low
R
L =2k
Ω to V+/2
150
350
420
R
L =10k
Ω to V+/2
38
150
170
I
OUT
Output Short Circuit Current
Sourcing to V
+/2
V
ID = 100 mV (Note 10)
20
15
25
mA
Sinking to V
+/2
V
ID = −100 mV (Note 10)
30
20
38
I
S
Supply Current
1.05
1.25
1.40
mA
SR
Slew Rate
A
V = +1, VO =18VPP
10% to 90% (Note 11)
5.6
V/µs
GBW
Gain Bandwidth Product
20
MHz
e
n
Input-Referred Voltage Noise
f = 10 kHz
5.5
nV/
f = 1 kHz
6.0
i
n
Input-Referred Current Noise
f = 1 kHz
0.01
pA/
THD
Total Harmonic Distortion
A
V =2,RL =2k
Ω to V+/2
0.01
%
www.national.com
3


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn