Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

LM6211 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
No. de Pieza. LM6211
Descripción  Low Noise, RRO Operational Amplifier with CMOS Input and 24V Operation
Descarga  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo 

LM6211 Datasheet(HTML) 4 Page - National Semiconductor (TI)

 
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the Electrical Characteristics Tables.
Note 2: Human Body Model is 1.5 k
Ω in series with 100 pF. Machine Model is 0Ω in series with 200 pF.
Note 3: The maximum power dissipation is a function of TJ(MAX), θJA, and TA. The maximum allowable power dissipation at any ambient temperature is
PD =(TJ(MAX) -TA)/θJA . All numbers apply for packages soldered directly onto a PC board.
Note 4: Electrical table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very limited self-heating of
the device.
Note 5: Typical values represent the most likely parametric norm at the time of characterization.
Note 6: Limits are 100% production tested at 25˚C. Limits over the operating temperature range are guaranteed through correlations using the Statistical Quality
Control (SQC) method.
Note 7: Offset voltage average drift is determined by dividing the change in VOS at the temperature extremes into the total temperature change.
Note 8: Positive current corresponds to current flowing into the device.
Note 9: Input bias current is guaranteed by design.
Note 10: The device is short circuit protected and can source or sink its limit currents continuously. However, care should be taken such that when the output is
driving short circuit currents, the inputs do not see more than ±0.3V differential voltage.
Note 11: Slew rate is the average of the rising and falling slew rates.
Connection Diagram
5-Pin SOT23
20120301
Top View
Ordering Information
Package
Part Number
Package Marking
Transport Media
NSC Drawing
5-Pin SOT-23
LM6211MF
AT1A
1k Units Tape and Reel
MF05A
LM6211MFX
3k Units Tape and Reel
www.national.com
4


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn