Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

LM6211 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
No. de Pieza. LM6211
Descripción  Low Noise, RRO Operational Amplifier with CMOS Input and 24V Operation
Descarga  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo 

LM6211 Datasheet(HTML) 5 Page - National Semiconductor (TI)

 
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Typical Performance Characteristics Unless otherwise specified, T
A = 25˚C, VS = 24V, V
+ =V
S,
V
=0V,V
CM =VS/2.
Supply Current vs. Supply Voltage
V
OS vs. Supply Voltage
20120318
20120319
V
OS vs. VCM
V
OS vs. VCM
20120320
20120321
Input Bias Current vs. V
CM
Input Bias Current vs. V
CM
20120350
20120351
www.national.com
5


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn