Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAV70S3 Datasheet(PDF) 4 Page - Cystech Electonics Corp.

No. de pieza BAV70S3
Descripción Electrónicos  High -speed double diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYSTEKEC [Cystech Electonics Corp.]
Página de inicio  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BAV70S3 Datasheet(HTML) 4 Page - Cystech Electonics Corp.

  BAV70S3 Datasheet HTML 1Page - Cystech Electonics Corp. BAV70S3 Datasheet HTML 2Page - Cystech Electonics Corp. BAV70S3 Datasheet HTML 3Page - Cystech Electonics Corp. BAV70S3 Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C303S3S
Issued Date : 2003.06.10
Revised Date
Page No. : 4/4
BAV70S3
CYStek Product Specification
SOT-323 Dimension
*: Typical
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.0315
0.0433
0.80
1.10
e1
0.0256
-
0.65
-
A1
0.0000
0.0039
0.00
0.10
He
0.0787
0.0886
2.00
2.25
bp
0.0118
0.0157
0.30
0.40
Lp
0.0059
0.0177
0.15
0.45
C
0.0039
0.0098
0.10
0.25
Q
0.0051
0.0091
0.13
0.23
D
0.0709
0.0866
1.80
2.20
v
0.0079
-
0.2
-
E
0.0453
0.0531
1.15
1.35
w
0.0079
-
0.2
-
e
0.0512
-
1.3
-
θ
-
-
10
°
0
°
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
• Lead: 42 Alloy ; solder plating
• Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
He
E
A
A1
Q
Lp
e1
e
bp
12
3
D
W
B
v
A
Z
detail Z
A
C
θ
01
2
scale
mm
Style : Pin 1. Anode 2.Anode
3. Common Cathode
3-Lead SOT-323 Plastic
Surface Mounted Package
CYStek Package Code: S3
Marking:
TE
A4


Número de pieza similar - BAV70S3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BAV70S PHILIPS-BAV70S Datasheet
74Kb / 12P
   High-speed double diode array
1997 Oct 21
logo
Siemens Semiconductor G...
BAV70S SIEMENS-BAV70S Datasheet
77Kb / 4P
   Silicon Switching Diode Array (For high speed switching applications Common cathode)
logo
Infineon Technologies A...
BAV70S INFINEON-BAV70S Datasheet
479Kb / 7P
   Silicon Switching Diode
Mar-10-2004
logo
NXP Semiconductors
BAV70S NXP-BAV70S Datasheet
105Kb / 15P
   High-speed switching diodes
Rev. 07-27 November 2007
logo
Guangdong Kexin Industr...
BAV70S KEXIN-BAV70S Datasheet
41Kb / 2P
   High-Speed Double Diode Array
More results

Descripción similar - BAV70S3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
1PS300 PHILIPS-1PS300 Datasheet
52Kb / 8P
   High-speed double diode
1999 May 26
1PS301 PHILIPS-1PS301 Datasheet
52Kb / 8P
   High-speed double diode
1999 May 06
BAV70W PHILIPS-BAV70W Datasheet
58Kb / 12P
   High-speed double diode
1999 May 05
1PS300 NXP-1PS300 Datasheet
127Kb / 8P
   High-speed double diode
1996 Oct 04
logo
Shenzhen Luguang Electr...
BAS56 LUGUANG-BAS56 Datasheet
281Kb / 4P
   High-speed Double Diode
logo
NXP Semiconductors
BAV74 PHILIPS-BAV74_15 Datasheet
133Kb / 9P
   High-speed double diode
2004 Jan 14
logo
Guangdong Kexin Industr...
KAV70 KEXIN-KAV70 Datasheet
74Kb / 3P
   High-Speed Double Diode
BAS28 KEXIN-BAS28 Datasheet
40Kb / 2P
   High-Speed Double Diode
logo
Micro Commercial Compon...
BAS28 MCC-BAS28 Datasheet
376Kb / 3P
   High-Speed Double Diode
logo
Nexperia B.V. All right...
PMBD7100 NEXPERIA-PMBD7100 Datasheet
320Kb / 11P
   High-speed double diode
2003 Nov 07
logo
NXP Semiconductors
1PS301 PHILIPS-1PS301 Datasheet
67Kb / 8P
   High-speed double diode
1999 May 06
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com