Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BTA1721N3 Datasheet(PDF) 5 Page - Cystech Electonics Corp.

No. de pieza BTA1721N3
Descripción Electrónicos  General Purpose PNP Epitaxial Planar Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYSTEKEC [Cystech Electonics Corp.]
Página de inicio  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTA1721N3 Datasheet(HTML) 5 Page - Cystech Electonics Corp.

  BTA1721N3 Datasheet HTML 1Page - Cystech Electonics Corp. BTA1721N3 Datasheet HTML 2Page - Cystech Electonics Corp. BTA1721N3 Datasheet HTML 3Page - Cystech Electonics Corp. BTA1721N3 Datasheet HTML 4Page - Cystech Electonics Corp. BTA1721N3 Datasheet HTML 5Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
CYStech Electronics Corp.
Spec. No. : C308N3
Issued Date : 2002.06.11
Revised Date : 2005.06.01
Page No. : 5/5
BTA1721N3
CYStek Product Specification
SOT-23 Dimension
*: Typical
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.1102
0.1204
2.80
3.04
J
0.0034
0.0070
0.085
0.177
B
0.0472
0.0630
1.20
1.60
K
0.0128
0.0266
0.32
0.67
C
0.0335
0.0512
0.89
1.30
L
0.0335
0.0453
0.85
1.15
D
0.0118
0.0197
0.30
0.50
S
0.0830
0.1083
2.10
2.75
G
0.0669
0.0910
1.70
2.30
V
0.0098
0.0256
0.25
0.65
H
0.0005
0.0040
0.013
0.10
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
• Lead: 42 Alloy ; solder plating
• Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
H
J
K
D
A
L
G
V
C
B
3
2
1
S
Style: Pin 1.Base 2.Emitter 3.Collector
Marking:
TE
3-Lead SOT-23 Plastic
Surface Mounted Package
CYStek Package Code: N3
2D


Número de pieza similar - BTA1721N3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cystech Electonics Corp...
BTA1722N3 CYSTEKEC-BTA1722N3 Datasheet
143Kb / 4P
   High Voltage PNP Epitaxial Planar Transistor
BTA1727J3 CYSTEKEC-BTA1727J3 Datasheet
433Kb / 7P
   High Voltage PNP Epitaxial Planar Transistor
BTA1727J3-0-T3-G CYSTEKEC-BTA1727J3-0-T3-G Datasheet
433Kb / 7P
   High Voltage PNP Epitaxial Planar Transistor
BTA1727L3 CYSTEKEC-BTA1727L3 Datasheet
167Kb / 4P
   High Voltage PNP Epitaxial Planar Transistor
BTA1727M3 CYSTEKEC-BTA1727M3 Datasheet
432Kb / 8P
   High Voltage PNP Epitaxial Planar Transistor
More results

Descripción similar - BTA1721N3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KEC(Korea Electronics)
KTA1042D KEC-KTA1042D Datasheet
395Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE)
KTA1276 KEC-KTA1276 Datasheet
121Kb / 1P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE)
logo
Cystech Electonics Corp...
BTB1198M3 CYSTEKEC-BTB1198M3 Datasheet
297Kb / 6P
   General Purpose PNP Epitaxial Planar Transistor
BTP1207A3 CYSTEKEC-BTP1207A3 Datasheet
301Kb / 6P
   General Purpose PNP Epitaxial Planar Transistor
BTP2907AN3 CYSTEKEC-BTP2907AN3 Datasheet
168Kb / 4P
   General Purpose PNP Epitaxial Planar Transistor
BTA733A3 CYSTEKEC-BTA733A3 Datasheet
177Kb / 5P
   General Purpose PNP Epitaxial Planar Transistor
BTA1579S3 CYSTEKEC-BTA1579S3 Datasheet
165Kb / 4P
   General Purpose PNP Epitaxial Planar Transistor
BTP3906N3 CYSTEKEC-BTP3906N3 Datasheet
181Kb / 4P
   General Purpose PNP Epitaxial Planar Transistor
BTA9012A3 CYSTEKEC-BTA9012A3 Datasheet
326Kb / 8P
   General Purpose PNP Epitaxial Planar Transistor
BTP5401A3 CYSTEKEC-BTP5401A3 Datasheet
154Kb / 4P
   General Purpose PNP Epitaxial Planar Transistor
BCP53L3 CYSTEKEC-BCP53L3 Datasheet
265Kb / 7P
   General Purpose PNP Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com