Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BTN3501J3 Datasheet(PDF) 1 Page - Cystech Electonics Corp.

No. de pieza BTN3501J3
Descripción Electrónicos  Low Vcesat NPN Epitaxial Planar Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYSTEKEC [Cystech Electonics Corp.]
Página de inicio  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTN3501J3 Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  BTN3501J3 Datasheet HTML 1Page - Cystech Electonics Corp. BTN3501J3 Datasheet HTML 2Page - Cystech Electonics Corp. BTN3501J3 Datasheet HTML 3Page - Cystech Electonics Corp. BTN3501J3 Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C606J3
Issued Date : 2003.10.07
Revised Date :2004.04.12
Page No. : 1/4
BTN3501J3
CYStek Product Specification
Low Vcesat NPN Epitaxial Planar Transistor
BTN3501J3
Features
• Low VCE(sat)
• High BVCEO
• Excellent current gain characteristics
Symbol
Outline
Absolute Maximum Ratings (Ta=25°C)
Parameter
Symbol
Limits
Unit
Collector-Base Voltage
VCBO
80
V
Collector-Emitter Voltage
VCEO
80
V
Emitter-Base Voltage
VEBO
6
V
Collector Current (DC)
IC
8
Collector Current (Pulse)
ICP
16 (Note 1)
A
Power Dissipation @ TA=25℃
PD
1.75 (Note 2)
Power Dissipation @ TC=25℃
PD
20
W
Thermal Resistance, Junction to Ambient
RθJA
71.4 (Note 2)
°C/W
Thermal Resistance, Junction to Case
RθJC
6.25
°C/W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
-55~+150
°C
Note : 1. Single Pulse , Pw≦380µs,Duty≦2%.
2. When mounted on a PCB with the minimum pad size.
BTN3501J3
TO-252
B:Base
C:Collector
E:Emitter
B C E


Número de pieza similar - BTN3501J3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cystech Electonics Corp...
BTN3501E3 CYSTEKEC-BTN3501E3 Datasheet
168Kb / 3P
   High Speed Switching diode
BTN3501F3 CYSTEKEC-BTN3501F3 Datasheet
201Kb / 6P
   Low Vcesat NPN Epitaxial Planar Transistor
BTN3501I3 CYSTEKEC-BTN3501I3 Datasheet
152Kb / 4P
   Low Vcesat NPN Epitaxial Planar Transistor
More results

Descripción similar - BTN3501J3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cystech Electonics Corp...
BTD882NUT3 CYSTEKEC-BTD882NUT3 Datasheet
302Kb / 6P
   Low Vcesat NPN Epitaxial Planar Transistor
BTD1862I3 CYSTEKEC-BTD1862I3 Datasheet
143Kb / 4P
   Low Vcesat NPN Epitaxial Planar Transistor
BTD2097AI3 CYSTEKEC-BTD2097AI3 Datasheet
156Kb / 4P
   Low Vcesat NPN Epitaxial Planar Transistor
BTD2150AD3 CYSTEKEC-BTD2150AD3 Datasheet
175Kb / 4P
   Low Vcesat NPN Epitaxial Planar Transistor
BTD882D3 CYSTEKEC-BTD882D3 Datasheet
175Kb / 4P
   Low Vcesat NPN Epitaxial Planar Transistor
BTD882T3 CYSTEKEC-BTD882T3 Datasheet
146Kb / 4P
   Low Vcesat NPN Epitaxial Planar Transistor
BTD882I3 CYSTEKEC-BTD882I3 Datasheet
231Kb / 6P
   Low Vcesat NPN Epitaxial Planar Transistor
D44H11E3 CYSTEKEC-D44H11E3 Datasheet
180Kb / 4P
   Low Vcesat NPN Epitaxial Planar Transistor
BTD1805F3 CYSTEKEC-BTD1805F3 Datasheet
263Kb / 7P
   Low Vcesat NPN Epitaxial Planar Transistor
BTN853L3 CYSTEKEC-BTN853L3 Datasheet
271Kb / 7P
   Low Vcesat NPN Epitaxial Planar Transistor
BTN1101E3 CYSTEKEC-BTN1101E3 Datasheet
141Kb / 4P
   Low Vcesat NPN Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com