Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS1511 Datasheet(PDF) 4 Page - Gennum Corporation

No. de pieza GS1511
Descripción Electrónicos  HD-LINX -TM GS1511 HDTV Serial Digital Formatter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GENNUM [Gennum Corporation]
Página de inicio  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1511 Datasheet(HTML) 4 Page - Gennum Corporation

  GS1511 Datasheet HTML 1Page - Gennum Corporation GS1511 Datasheet HTML 2Page - Gennum Corporation GS1511 Datasheet HTML 3Page - Gennum Corporation GS1511 Datasheet HTML 4Page - Gennum Corporation GS1511 Datasheet HTML 5Page - Gennum Corporation GS1511 Datasheet HTML 6Page - Gennum Corporation GS1511 Datasheet HTML 7Page - Gennum Corporation GS1511 Datasheet HTML 8Page - Gennum Corporation GS1511 Datasheet HTML 9Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
GENNUM CORPORATION
52248 - 5
4 of 9
1.2 PIN DESCRIPTIONS
PIN NUMBER
NAME
TIMING
TYPE
DESCRIPTION
1
PCLK_IN
Synchronous
Input
Parallel Data Clock input. 74.25MHz or 74.25/1.001MHz.
2, 4, 14, 19, 24,
37, 46, 50, 58,
69, 79, 82, 91,
94, 110, 116,
128
GND
N/A
Ground
Ground. Ground power supply connections.
3, 20, 25, 38, 47,
51, 59, 68, 78,
81, 90, 93, 99,
102, 109, 115,
127
VDD
N/A
Power
Power. Positive power supply connections.
5
DET_TRS
Non-
synchronous
Input
Control Signal Input. Used to enable or disable the detection of
the TRS signals embedded in the video stream. When DET
_TRS is high, the device detects the TRS signals embedded in
the input video stream and uses the detected HVF signals
instead of the external HVF signals. When
DET _TRS is low,
TRS detection is disabled. The device uses the external
supplied HVF signals.
6BLANK
Synchronous
wrt PCLK_IN
Input
Control Signal Input. When BLANK is low, the device sets the
accompanying LUMA and CHROMA data to their appropriate
blanking levels. When BLANK is high, the LUMA and CHROMA
data streams pass through this stage of the device unaltered.
See timing diagram Figure 3.
7, 17, 95
GND
N/A
Ground. This pin must be connected to GND for normal
operation.
8
CODE_PROTECT
Non-
synchronous
Input
Control Signal Input. Used to enable or disable re-mapping of
out-of-range words contained in the active portion of the video
signal. When this signal is high, the device re-maps out-of-
range words contained within the active portion of the video
signal into CCIR-601 compliant words. Values between 000-003
are re-mapped to 004. Values between 3FC and 3FF are re-
mapped to 3FB. When this signal is low, out-of-range words in
the active video region pass through the device unaltered.
9
RSTLN
Synchronous
wrt PCLK_IN
Input
Control Signal Input. Line number reset signal which must be
asserted once per frame at the beginning of the frame (for
example, on the falling edge of the F signal). A high to low
transition will reset the line number counter of the device to one
(1). See Figure 2 for timing.
10
BP_SC
Non-
synchronous
Input
Control Signal Input. Used to enable or bypass the SMPTE292M
scrambler and NRZ(I) encoder. When BP_SC is low, the video
stream is scrambled according to SMPTE 292M and NRZ(I)
encoded. When BP_SC is high, the scrambler and NRZ(I)
encoder are by-passed.
11
SRST
Non-
synchronous
Input
Control Signal Input. Used to reset the SMPTE292M scrambler
and NRZI encoder. When SRST is low, the scrambler and
encoder operate normally. A low to high transition on SRST
causes the scrambler and encoder to reset.
12
TRS_Y/C
Non-
synchronous
Input
Control Signal Input. Only used when DET_TRS is high. When
TRS_Y/C is high, the device detects and uses TRS signals
embedded in the LUMA (DATA_IN[19:10]) channel. When
TRS_Y/C is low, the device detects and uses TRS signals
embedded in the CHROMA (DATA_IN[9:0]) channel.


Número de pieza similar - GS1511

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Gennum Corporation
GS1510 GENNUM-GS1510 Datasheet
106Kb / 11P
   HDTV Serial Digital Deformatter
GS1510-CQR GENNUM-GS1510-CQR Datasheet
106Kb / 11P
   HDTV Serial Digital Deformatter
logo
DAESAN ELECTRONIC CORP.
GS1510FL DAESAN-GS1510FL Datasheet
394Kb / 2P
   STANDARD RECTIFIER
logo
Pan Jit International I...
GS1510FL-AU PANJIT-GS1510FL-AU Datasheet
545Kb / 5P
   SURFACE GENERAL PURPOSE RECTIFIERS
June 13,2017-REV.03
logo
Gennum Corporation
GS1515 GENNUM-GS1515 Datasheet
336Kb / 17P
   HDTV Serial Digital Reclocker
More results

Descripción similar - GS1511

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Gennum Corporation
GS1501 GENNUM-GS1501 Datasheet
184Kb / 15P
   HDTV Serial Digital Formatter with ANC FIFOs
GS1532 GENNUM-GS1532 Datasheet
862Kb / 52P
   GS1532 HD-LINX-TM II Multi-Rate Serializer
GS1574 GENNUM-GS1574 Datasheet
279Kb / 17P
   GS1574 HD-LINX -TM II Adaptive Cable Equalizer
GS1531 GENNUM-GS1531 Datasheet
848Kb / 49P
   GS1531 HD-LINX-TM II Multi-Rate Serializer
GS7025 GENNUM-GS7025_09 Datasheet
1Mb / 23P
   PRO-LINX Serial Digital Receiver
GS1522 GENNUM-GS1522 Datasheet
414Kb / 20P
   HDTV Serial Digital Serializer
GS1510 GENNUM-GS1510 Datasheet
106Kb / 11P
   HDTV Serial Digital Deformatter
GS1515 GENNUM-GS1515 Datasheet
336Kb / 17P
   HDTV Serial Digital Reclocker
GS1522 GENNUM-GS1522_04 Datasheet
449Kb / 20P
   HDTV Serial Digital Serializer
GS1535 GENNUM-GS1535 Datasheet
313Kb / 22P
   GS1535 HD-LINX II-TM Multi-Rate SDI Automatic Reclocker
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com