Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS1524-CTDE3 Datasheet(PDF) 11 Page - Gennum Corporation

No. de pieza GS1524-CTDE3
Descripción Electrónicos  GS1524 HD-LINX-TM II Multi-Rate SDI Adaptive Cable Equalizer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GENNUM [Gennum Corporation]
Página de inicio  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1524-CTDE3 Datasheet(HTML) 11 Page - Gennum Corporation

Back Button GS1524-CTDE3 Datasheet HTML 7Page - Gennum Corporation GS1524-CTDE3 Datasheet HTML 8Page - Gennum Corporation GS1524-CTDE3 Datasheet HTML 9Page - Gennum Corporation GS1524-CTDE3 Datasheet HTML 10Page - Gennum Corporation GS1524-CTDE3 Datasheet HTML 11Page - Gennum Corporation GS1524-CTDE3 Datasheet HTML 12Page - Gennum Corporation GS1524-CTDE3 Datasheet HTML 13Page - Gennum Corporation GS1524-CTDE3 Datasheet HTML 14Page - Gennum Corporation GS1524-CTDE3 Datasheet HTML 15Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
GS1524 Data Sheet
14976 - 7
June 2005
11 of 18
Figure 4-4: Typical Peak to Peak Jitter, PRN 223-1, Belden 1694A, 270Mb/s
Figure 4-5: MCLADJ Input Voltage vs 1694A Cable Length, 270Mb/s
Figure 4-6: CLI Voltage vs. Belden 8281 Cable Length, 270Mb/s
1100
900
700
500
400
300
200
100
0
0
100
200
300
400
CABLE LENGTH (m)
CABLE LENGTH (m)
2.0
0
50
100
150
200
250
300
2.5
3.0
3.5
CABLE LENGTH (m)
3.5
3
2.5
2
1.5
0
50
100
150
200
250
300


Número de pieza similar - GS1524-CTDE3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Gennum Corporation
GS1524-CTDE3 GENNUM-GS1524-CTDE3 Datasheet
1Mb / 16P
   Multi-Rate SDI Adaptive Cable Equalizer
GS1524-CTDE3Z GENNUM-GS1524-CTDE3Z Datasheet
1Mb / 16P
   Multi-Rate SDI Adaptive Cable Equalizer
More results

Descripción similar - GS1524-CTDE3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Gennum Corporation
GS1574 GENNUM-GS1574 Datasheet
279Kb / 17P
   GS1574 HD-LINX -TM II Adaptive Cable Equalizer
GS9074A GENNUM-GS9074A_09 Datasheet
1Mb / 17P
   HD-LINX II Adaptive Cable Equalizer
GS1574A GENNUM-GS1574A_11 Datasheet
1Mb / 16P
   HD-LINX II Adaptive Cable Equalizer
GS1535 GENNUM-GS1535 Datasheet
313Kb / 22P
   GS1535 HD-LINX II-TM Multi-Rate SDI Automatic Reclocker
GS1528 GENNUM-GS1528 Datasheet
507Kb / 13P
   GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1524 GENNUM-GS1524_11 Datasheet
1Mb / 16P
   Multi-Rate SDI Adaptive Cable Equalizer
GS1528 GENNUM-GS1528_10 Datasheet
668Kb / 13P
   HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1574A GENNUM-GS1574A Datasheet
342Kb / 16P
   GS1574A HD-LINX-R II Adaptive Cable Equalizer
GS9074A GENNUM-GS9074A Datasheet
342Kb / 16P
   GS9074A HD-LINX-R II Adaptive Cable Equalizer
GS1575B GENNUM-GS1575B Datasheet
1Mb / 28P
   HD-LINX II Multi-Rate SDI Automatic Reclocker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com