Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
GS1528-CKAE3 Datasheet(PDF) 3 Page - Gennum Corporation |
|
GS1528-CKAE3 Datasheet(HTML) 3 Page - Gennum Corporation |
3 / 13 page GS1528 Data Sheet 16632 - 5 June 2005 3 of 13 1. Electrical Characteristics 1.1 Absolute Maximum Ratings TA = 25°C unless otherwise indicated 1.2 DC Electrical Characteristics Parameter Value Supply Voltage -0.5V to 3.6 VDC Input ESD Voltage 500V Storage Temperature Range -50°C < Ts < 125°C Input Voltage Range (any input) -0.3 to (VCC +0.3)V Operating Temperature Range 0°C to 70°C Power Dissipation 300mW Lead Temperature (soldering, 10 sec) 260°C CAUTION The GS1528 is sensitive to electrostatic discharge. Use extreme caution, observing all ESD-prevention practices, during handling and assembly. The SDI inputs of the GS1528 must be protected from electrostatic discharge and electrical overstress during the handling and operation of circuit assemblies Table 1-1: DC Electrical Characteristics VDD = 3.3V, TA = 0°C to 70°C, unless otherwise shown Parameter Conditions Symbol Min Typ Max Units Notes Test Levels Supply Voltage VCC 3.135 3.3 3.465 V ±5% 3 Power Consumption TA = 25°C PD – 160 – mW 5 Supply Current TA = 25°C Ι s –48 – mA 1 Output Voltage Common mode VCMOUT –VCC - VOUT –– 6 Input Voltage Common mode VCMIN 1.6 + ΔVSDI/2 – VCC - ΔVSDI/2 V 5 SD/HD Input VIH 2.4 – – V 7 VIL –– 0.8 V 7 |
Número de pieza similar - GS1528-CKAE3 |
|
Descripción similar - GS1528-CKAE3 |