Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS1531-CBE2 Datasheet(PDF) 6 Page - Gennum Corporation

No. de pieza GS1531-CBE2
Descripción Electrónicos  GS1531 HD-LINX-TM II Multi-Rate Serializer
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GENNUM [Gennum Corporation]
Página de inicio  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1531-CBE2 Datasheet(HTML) 6 Page - Gennum Corporation

Back Button GS1531-CBE2 Datasheet HTML 2Page - Gennum Corporation GS1531-CBE2 Datasheet HTML 3Page - Gennum Corporation GS1531-CBE2 Datasheet HTML 4Page - Gennum Corporation GS1531-CBE2 Datasheet HTML 5Page - Gennum Corporation GS1531-CBE2 Datasheet HTML 6Page - Gennum Corporation GS1531-CBE2 Datasheet HTML 7Page - Gennum Corporation GS1531-CBE2 Datasheet HTML 8Page - Gennum Corporation GS1531-CBE2 Datasheet HTML 9Page - Gennum Corporation GS1531-CBE2 Datasheet HTML 10Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
GS1531 Data Sheet
30573 - 4
July 2005
6 of 49
1.2 Pin Descriptions
Table 1-1: Pin Descriptions
Pin
Number
Name
Timing
Type
Description
A1
LF
Analog
Output
Control voltage to external voltage controlled oscillator. Nominally +1.25V
DC.
A2
VCO_VCC
Output
Power
Power supply for the external voltage controlled oscillator. Connect to pin
7 of the GO1525. This pin is an output.
Should be isolated from all other power supplies.
A3
VCO_GND
Output
Power
Ground reference for the external voltage controlled oscillator. Connect to
pins 2, 4, 6, and 8 of the GO1525. This pin is an output.
Should be isolated from all other grounds.
A4, A5
VCO, VCO
Analog
Input
Differential inputs for the external VCO reference signal. For single ended
devices such as the GO1525, VCO should be AC coupled to VCO_GND.
VCO is nominally 1.485GHz.
A6, B5,
B6, C1,
C4, C5,
C6, C7,
C8, D1,
D2, D3,
D4, D7,
D8, E1,
E2, E3,
E7, F2,
F3, F7,
G1, G2,
G3, G7,
H1, H2,
H3, H7,
J1, J2,
J3, J4
NC
No connect.
A7
PCLK
Input
PARALLEL DATA BUS CLOCK
Signal levels are LVCMOS/LVTTL compatible.
HD 20-bit mode
PCLK = 74.25MHz or 74.25/1.001MHz
HD 10-bit mode
PCLK = 148.5MHz or 148.5/1.001MHz
SD 20-bit mode
PCLK = 13.5MHz
SD 10-bit mode
PCLK = 27MHz
A8, E8, K8
IO_VDD
Power
Power supply connection for digital I/O buffers. Connect to +3.3V DC
digital.


Número de pieza similar - GS1531-CBE2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Gennum Corporation
GS1531-CBE2 GENNUM-GS1531-CBE2 Datasheet
817Kb / 50P
   Multi-Rate Serializer with ClockCleaner
More results

Descripción similar - GS1531-CBE2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Gennum Corporation
GS1532 GENNUM-GS1532 Datasheet
862Kb / 52P
   GS1532 HD-LINX-TM II Multi-Rate Serializer
GS1535 GENNUM-GS1535 Datasheet
313Kb / 22P
   GS1535 HD-LINX II-TM Multi-Rate SDI Automatic Reclocker
GS1524 GENNUM-GS1524 Datasheet
775Kb / 18P
   GS1524 HD-LINX-TM II Multi-Rate SDI Adaptive Cable Equalizer
GS1528 GENNUM-GS1528 Datasheet
507Kb / 13P
   GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1575B GENNUM-GS1575B Datasheet
1Mb / 28P
   HD-LINX II Multi-Rate SDI Automatic Reclocker
GS1578A GENNUM-GS1578A_09 Datasheet
1Mb / 16P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS9062 GENNUM-GS9062 Datasheet
790Kb / 46P
   GS9062 HD-LINX-TM II SD-SDI and DVB-ASI Serializer
GS1528A GENNUM-GS1528A_10 Datasheet
1Mb / 18P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528B GENNUM-GS1528B Datasheet
1Mb / 14P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1559 GENNUM-GS1559 Datasheet
1Mb / 74P
   GS1559 HD-LINX-TM II Multi-Rate Deserializer with Loop-Through Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com