Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TPS180-22 Datasheet(PDF) 2 Page - Total Power International

No. de Pieza. TPS180-22
Descripción  SWITCHING MODE 180W U CHANNEL POWER SUPPLY
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TOTAL-POWER [Total Power International]
Página de inicio  http://www.total-power.com
Logo 

TPS180-22 Datasheet(HTML) 2 Page - Total Power International

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PPS180
SWITCHING MODE 180W U CHANNEL POWER SUPPLIES
MODEL
OUTPUT
VOLTAGE
ADJUSTMENT
RANGE
MAXIMUM OUTPUT
CURRENT
PEAK OUTPUT
CURRENT(NOTE1)
MINIMUM OUTPUT
CURRENT
TOTAL
REGULATION(NOTE3)
RIPPLE & NOISE
%P-P(NOTE2)
PEAK OUTPUT
POWER(NOTE1)
SINGLE OUTPUT MODEL SELECTION CHART
TPS180-10
+5V
±
10% Typical
36A
43.2A
0A
±
3%
±
1%
210W Typical
TPS180-11
+12V
±
10% Typical
15A
18A
0A
±
3%
±
1%
210W Typical
TPS180-12
+15V
±
10% Typical
12A
14.4A
0A
±
3%
±
1%
210W Typical
TPS180-13
+24V
±
10% Typical
7.5A
9A
0A
±
3%
±
1%
210W Typical
TPS180-14
+48V
±
10% Typical
3.75A
4.5A
0A
±
3%
±
1%
210W Typical
TPS180-15
+36V
±
10% Typical
5 A
6A
0A
±
3%
±
1%
210W Typical
TPS180-16
+56V
±
10% Typical
3.2A
3.8A
0A
±
3%
±
1%
210W Typical
TPS180-17
+18V
±
10% Typical
10A
12A
0A
±
3%
±
1%
210W Typical
TPS180-18
+3.3V
±
10% Typical
36A
43.2A
0A
±
5%
±
1.5%
210W Typical
DUAL OUTPUT MODEL SELECTION CHART
+5 V
±
10% Typical
22A
26.4A
2.2A
±
5%
±
1%
TPS180-20
+12V
Fixed
9A
10.8A
0.9A
±
5%
±
1%
210W Typical
+5 V
±
10% Typical
22A
26.4A
2.2A
±
5%
±
1%
TPS180-21
+24V
Fixed
4.5A
5.4A
0.45A
±
5%
±
1%
210W Typical
+5 V
±
10% Typical
22A
26.4A
2.2A
±
5%
±
1%
TPS180-22
- 5 V
Fixed
22A
26.4A
2.2A
±
5%
±
1%
210W Typical
+12V
±
10% Typical
9A
10.8A
0.9A
±
5%
±
1%
TPS180-23
- 12 V
Fixed
9A
10.8A
0.9A
±
5%
±
1%
210W Typical
+15 V
±
10% Typical
7.2A
8.6A
0.72A
±
5%
±
1%
TPS180-24
- 15 V
Fixed
7.2A
8.6A
0.72A
±
5%
±
1%
210W Typical
+3.3V
Fixed
25A
30A
2.5A
±
5%
±
1.5%
TPS180-25
+12 V
±
10% Typical
10A
12A
1A
±
5%
±
1%
210W Typical
+ 12V
±
10% Typical
10.5A
12.6A
1.05A
±
5%
±
1%
TPS180-26
+ 24V
Fixed
4 A
4.8A
0.4 A
±
5%
±
1%
210W Typical
+ 10.3V
±
10% Typical
8.5A
10.2A
0.85A
±
5%
±
1%
TPS180-27
+ 24V
Fixed
4.8A
5.8A
0.48A
±
5%
±
1%
210W Typical
+ 5 V
±
10% Typical
25A
30A
2.5A
±
5%
±
1%
TPS180-28
+ 3.3V
Fixed
18A
21.6A
1.8A
±
5%
±
1.5%
210W Typical
TRIPLE OUTPUT MODEL SELECTION CHART
+ 5V
±
10% Typical
22 A
26.4 A
2.2 A
±
5%
±
1%
+12V
Fixed
9 A
10.8 A
0.9 A
±
5%
±
1%
TPS180-30
- 5 V
Fixed
1.5A
1.8 A
0.15 A
±
10%
±
1%
210W Typical
+ 5V
±
10% Typical
22 A
26.4 A
2.2 A
±
5%
±
1%
+12V
Fixed
7.5A
9 A
0.75 A
±
5%
±
1%
TPS180-31
-12V
Fixed
2 A
2.4 A
0.2 A
±
10%
±
1%
210W Typical
+ 5V
±
10% Typical
22A
26.4A
2.2 A
±
5%
±
1%
TPS180-32
+15V
Fixed
6 A
7.2 A
0.6 A
±
5%
±
1%
-15V
Fixed
1.5A
1.8 A
0.15 A
±
10%
±
1%
210W Typical
+ 5V
±
10% Typical
25A
30 A
2.5 A
±
5%
±
1%
+15V
Fixed
5.5A
6.6 A
0.55 A
±
5%
±
1%
TPS180-33
- 5 V
Fixed
3 A
3.6 A
0.3 A
±
10%
±
1%
210W Typical
+ 5V
±
10% Typical
25A
30 A
2.5 A
±
5%
±
1%
+15V
Fixed
5.5A
6.6 A
0.55 A
±
5%
±
1%
TPS180-34
-12 V
Fixed
2 A
2.4 A
0.2 A
±
10%
±
1%
210W Typical
+ 5 V
±
10% Typical
20A
24 A
2 A
±
5%
±
1%
-12V
Fixed
1.3A
1.6 A
0.13 A
±
5%
±
1%
TPS180-35
+24V
Fixed
4.5A
5.4 A
0.45 A
±
10%
±
1%
210W Typical
+ 5V
±
10% Typical
20A
24 A
2 A
±
5%
±
1%
+12V
Fixed
8A
9.6 A
0.8 A
±
5%
±
1%
TPS180-36
- 12V
Fixed
2A
2.4 A
0.2 A
±
10%
±
1%
210W Typical
+ 5V
±
10% Typical
20A
24 A
2 A
±
5%
±
1%
+12V
Fixed
7.5A
9 A
0.75 A
±
5%
±
1%
TPS180-37
+24V
Fixed
1.2A
1.4 A
0.12 A
±
10%
±
1%
210W Typical
+ 5 V
±
10% Typical
10A
12 A
1 A
±
5%
±
1%
+ 24V
Fixed
2.7A
3.2A
0.27 A
±
5%
±
1%
TPS180-38
+12V
Fixed
9 A
10.8 A
0.9 A
±
10%
±
1%
210W Typical
+18V
±
10% Typical
5.8A
7 A
0.58 A
±
5%
±
1%
- 18V
Fixed
5.8A
7 A
0.58 A
±
5%
±
1%
TPS180-39
+ 5 V
Fixed
3A
3.6 A
0.3 A
±
10%
±
1%
210W Typical
TOTAL POWER, INT.
TEL: 877-646-0900
FAX: 978-453-7395
E-mail: sales@total-power.com
http://www.total-power.com
-2-
TOTAL POWER


Html Pages

1  2  3  4 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn