Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSMA4006XSA Datasheet(PDF) 1 Page - Cystech Electonics Corp.

No. de pieza CSMA4006XSA
Descripción Electrónicos  1.0Amp. Surface Mount Glass Passivated Type Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYSTEKEC [Cystech Electonics Corp.]
Página de inicio  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

CSMA4006XSA Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  CSMA4006XSA Datasheet HTML 1Page - Cystech Electonics Corp. CSMA4006XSA Datasheet HTML 2Page - Cystech Electonics Corp. CSMA4006XSA Datasheet HTML 3Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CYStech Electronics Corp.
Spec. No. : C327SA
Issued Date : 2003.04.04
Revised Date :
Page No. : 1/3
CSMA400XSA
CYStek Product Specification
CSMA400XSA Series
1.0Amp. Surface Mount Glass Passivated Type Rectifiers
Features
• For surface mounted application
• Low forward voltage drop and low leakage current
• High current capability
• Easy pick and place
• High surge current capability
• Plastic material used carries Underwriters Laboratory Flammability Classification 94V-0 Utilizing Flame
Retardant Epoxy Molding Compound.
• High temperature soldering: 250°C/10 seconds at terminals
• Exceeds environmental standards of MIL-S-19500/228
Mechanical Data
• Case: SMA/DO-214AC Molded Plastic.
• Terminals: Solder plated. Solderable per MIL-STD-750 Method
• Polarity: Indicated by cathode band.
• Packaging: 12mm tape per EIA STD RS-481.
• Weight: 0.06 gram, 0.0018 ounce
Maximum Ratings and Electrical Characteristics
Rating at 25
°C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive
or inductive load. For capacitive load, derate current by 20%.
Type Number
CSMA
4001
CSMA
4002
CSMA
4003
CSMA
4004
CSMA
4005
CSMA
4006
CSMA
4007
Units
Maximum Recurrent Peak Reverse Voltage
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
50
100
200
400
600
800
1000
V
Maximum Average
Forward Rectified Current @TL=110
°C
1
A
Peak Forward Surge Current, 8.3ms Single
Half Sine-wave Superimposed on
Rated Load(JEDEC method)
30
A
Maximum Instantaneous
Forward Voltage @ 1.0A
1.1
V
Maximum DC Reverse Current at
Rated DC Blocking Voltage
5(@Ta=25
°C)
50(@Ta=125
°C)
uA
Maximum Reverse Recovery Time (Note 1)
1.8
uS
Typical Junction Capacitance (Note 2)
12
pF
Operating Temperature Range Tj
-55 to +150
°C
Storage Temperature Range Tstg
-55 to +150
°C
Note1: Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
Note2: Measured at 1 MHz and Applied VR=4.0Volts


Número de pieza similar - CSMA4006XSA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ITT Industries
CSMA4 ITT-CSMA4 Datasheet
58Kb / 1P
   SMA Straight Connectors, Direct Solder (Separate Center Contact) Type for Semi-Rigid Cable
More results

Descripción similar - CSMA4006XSA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cystech Electonics Corp...
CSOD400XSF CYSTEKEC-CSOD400XSF Datasheet
136Kb / 3P
   1.0Amp. Surface Mount Glass Passivated Type Rectifiers
logo
Chongqing Pingwei Enter...
S1AF CHONGQING-S1AF_16 Datasheet
177Kb / 1P
   1.0AMP. GLASS PASSIVATED SURFACE MOUNT RECTIFIERS
logo
Taiwan Semiconductor Co...
LL4933G TSC-LL4933G_1 Datasheet
260Kb / 2P
   1.0AMP Surface Mount Glass Passivated Silicon Rectifiers
logo
Chongqing Pingwei Enter...
1A1G CHONGQING-1A1G_16 Datasheet
178Kb / 1P
   1.0AMP . GLASS PASSIVATED RECTIFIERS
1N4001SG CHONGQING-1N4001SG_16 Datasheet
178Kb / 1P
   1.0AMP . GLASS PASSIVATED RECTIFIERS
logo
First Components Intern...
GS1B FCI-GS1B Datasheet
892Kb / 2P
   1.0Amp Glass Passivated Surface Mount STD Diode
logo
Cystech Electonics Corp...
1N400XLB CYSTEKEC-1N400XLB Datasheet
138Kb / 3P
   1.0Amp. Glass Passivated Silicon Rectifiers
logo
SMC Diode Solutions Co....
MB05FU SMCDIODE-MB05FU Datasheet
316Kb / 5P
   1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Taiwan Semiconductor Co...
LL4001G TSC-LL4001G_1 Datasheet
239Kb / 2P
   1.0AMP Surface Mount Glass Plassivated Silicon Rectifiers
logo
Shenzhen Luguang Electr...
LL4933G LUGUANG-LL4933G Datasheet
218Kb / 2P
   1.0AMP. Surface Mount Glass Plassivated Silicon Rectifiers
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com