Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS25LB Datasheet(PDF) 1 Page - Total Power International

No. de pieza TPS25LB
Descripción Electrónicos  TP25LB SWITCHING MODE 25W LOW COST
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOTAL-POWER [Total Power International]
Página de inicio  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPS25LB Datasheet(HTML) 1 Page - Total Power International

  TPS25LB Datasheet HTML 1Page - Total Power International TPS25LB Datasheet HTML 2Page - Total Power International TPS25LB Datasheet HTML 3Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KEY FEATURES
*Universal input
*Built-in EMI filter
*LOW COST
*Optional constant current change (for single output)
APPLICATIONS
*Telecommunications
*Computer peripherals/ Lan & Hub
*Test & industrial equipments
*Medical instruments
*Business machines
ELECTRICAL SPECIFICATIONS
INPUT
*Input range-----------90~264 VAC, universal
*Frequency------------47~63Hz
*Inrush current--------25A typical, Cold start @25℃,115VAC
*Efficiency------------65%~80% typical at full load
*EMI filter------------ FCC Class B conducted, CISPR 22
Class B conducted, EN55022 class B
Conducted
*Line regulation----- +/- 0.5% typical
OUTPUT
*Maximum power----25W convection (Refer next page)
*Hold-up time --------10ms typical at full load and 115 VAC
nominal line
*Overload protection-Short circuit protection
*Overvoltage
protection ------------Main output 20% to 40% above
nominal output
*Ripple/Noise -------- +/- 1% Max. @full load
(Optional +/-0.5% per inquiry)
40W
25W
20W
10W
0W
12.5W
Power Derating Curve
0
10
20
30
40
50
60
70
Ambient Temperature( °°°° C)
Natural
Convection
Cooling
Output
Power
(Watts)
EMI & EMC
(IN PROCESS)
*FCC part 15, Class B
*CISPR 22 / EN55022, Class B
*VCCI ,Class 2
*CE , EN61000-3-2 (Class A) and –3 ; EN61000-4-2,
-3 , -4 , -5 , -6 and -11
SAFETY APPROVAL(IN PROCESS)
*UL1950 / c UL
*Optional CSA 22.2, LEVEL 3
*TUV EN60950
*Optional UL 2601 (EMI Class A)
ENVIRONMENTAL
*Operating temperature :
0 to
50℃ambient; derate each output at 2.5% per
degree from 50℃to 70℃
*Humidity:
Operating; non-condensing, 5% to 95%
*Vibration :
10~55 Hz at 1G 3 minutes period, 30 minutes along
X, Y and Z axis
*Storage temperature:
-40 to 85℃
*Temperature coefficient:
+/- 0.05% per degree C
*MTBF demonstrated:
>100,000 hours at full load and 25℃ambient
conditions
TOTAL POWER, INT.
TEL: 877-646-0900
FAX: 978-453-7395
E-mail: sales@total-power.com http://www.total-power.com
-1-
TOTAL POWER INT.
TPS25LB SWITCHING MODE 25W LOW COST BOX TYPE POWER SUPPLY


Número de pieza similar - TPS25LB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Total Power Internation...
TPS25LB-10 TOTAL-POWER-TPS25LB-10 Datasheet
238Kb / 2P
   Universal input
TPS25LB-11 TOTAL-POWER-TPS25LB-11 Datasheet
238Kb / 2P
   Universal input
TPS25LB-12 TOTAL-POWER-TPS25LB-12 Datasheet
238Kb / 2P
   Universal input
TPS25LB-13 TOTAL-POWER-TPS25LB-13 Datasheet
238Kb / 2P
   Universal input
TPS25LB-14 TOTAL-POWER-TPS25LB-14 Datasheet
238Kb / 2P
   Universal input
More results

Descripción similar - TPS25LB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
CINCON ELECTRONICS Corp...
TRH25 CINCON-TRH25 Datasheet
238Kb / 2P
   25W SWITCHING ADAPTER
TRE25 CINCON-TRE25 Datasheet
284Kb / 2P
   25W SWITCHING ADAPTER
TRE25RD CINCON-TRE25RD Datasheet
387Kb / 2P
   25W SWITCHING ADAPTER
TRE25R CINCON-TRE25R Datasheet
355Kb / 2P
   25W SWITCHING ADAPTER
logo
Total Power Internation...
TPS60LB TOTAL-POWER-TPS60LB Datasheet
398Kb / 4P
   SWITCHING MODE 60W LOW COST BOX TYPE POWER SUPPLY
TPS40LB TOTAL-POWER-TPS40LB Datasheet
275Kb / 3P
   SWITCHING MODE 40W LOW COST BOX TYPE POWER SUPPLY
logo
Maxim Integrated Produc...
MAX1953EVKIT MAXIM-MAX1953EVKIT Datasheet
174Kb / 7P
   Low-Cost Current-Mode Controllers
Rev 0; 10/05
logo
Astrodyne Corporation
RS-25 ASTRODYNE-RS-25 Datasheet
363Kb / 2P
   25W Single Output Switching Power Supply
logo
RSG Electronic Componen...
PD-25 RSG-PD-25 Datasheet
221Kb / 2P
   25W Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
S-25 MEANWELL-S-25_10 Datasheet
427Kb / 2P
   25W Single Output Switching Power Supply
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com