Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS40-14 Datasheet(PDF) 2 Page - Total Power International

No. de pieza TPS40-14
Descripción Electrónicos  40 WATT OPEN - FRAME SWITCHING POWER SUPPLY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOTAL-POWER [Total Power International]
Página de inicio  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPS40-14 Datasheet(HTML) 2 Page - Total Power International

  TPS40-14 Datasheet HTML 1Page - Total Power International TPS40-14 Datasheet HTML 2Page - Total Power International TPS40-14 Datasheet HTML 3Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PPS40-1/2/3
SWITCHING MODE 40W OPEN FRAME POWER SUPPLIES
MODEL
OUTPUT
VOLTAGE
ADJUSTMENT
RANGE
MAXIMUM OUTPUT
CURRENT
PEAK OUTPUT
CURRENT(NOTE1)
MINIMUM OUTPUT
CURRENT
TOTAL
REGULATION(NOTE3)
RIPPLE & NOISE
%P-P(NOTE2)
PEAK OUTPUT
POWER(NOTE1)
SI NGLE OUTPUT MODEL SELECTION CHART
TPS40-10
+5V
±
10% Typical
8A
10A
0A
±
3%
±
1%
50W Typical
TPS40-11
+12V
±
10% Typical
3.3A
4.1A
0A
±
3%
±
1%
50W Typical
TPS40-12
+15V
±
10% Typical
2.6A
3.2A
0A
±
3%
±
1%
50W Typical
TPS40-13
+24V
±
10% Typical
1.6A
2A
0A
±
3%
±
1%
50W Typical
TPS40-14
+48V
±
10% Typical
0.8A
1A
0A
±
3%
±
1%
50W Typical
TPS40-15
+3.3V
±
10% Typical
9.6A
12A
0.96A
±
5%
±
1.5%
50W Typical
TPS40-16
+28V
±
10% Typical
1.4A
1.8A
0A
±
3%
±
1%
50W Typical
DUAL OUTPUT MODEL SELECTION CHART
+5 V
±
10% Typical
6A
9.6A
0.6A
±
5%
±
1%
TPS40-20
+12V
Fixed
1A
1.6A
0.1A
±
5%
±
1%
50W Typical
+5 V
±
10% Typical
6A
9.6A
0.6A
±
5%
±
1%
TPS40-21
+48V
Fixed
0.25A
0.4A
0.03A
±
5%
±
1%
50W Typical
+5 V
±
10% Typical
6A
9.6A
0.6A
±
5%
±
1%
TPS40-22
- 5V
Fixed
2A
3.2A
0.2A
±
10%
±
1%
50W Typical
+12V
±
10% Typical
1.6A
2.5A
0.16A
±
5%
±
1%
TPS40-23
- 12V
Fixed
1.6A
2.5A
0.16A
±
10%
±
1%
50W Typical
+15V
±
10% Typical
1.3A
2A
0.13A
±
5%
±
1%
TPS40-24
- 15V
Fixed
1.3A
2A
0.13A
±
10%
±
1%
50W Typical
+3.3V
±
10% Typical
10A
16A
1A
±
5%
±
1.5%
TPS40-25
+5V
Fixed
1.5A
2.4A
0.15A
±
5%
±
1%
50W Typical
TRIPLE OUTPUT MODEL SELECTION CHART
+ 5V
±
10% Typical
5A
8A
0.5A
±
5%
±
1%
+12V
Fixed
0.75A
1.2A
0.08A
±
5%
±
1%
TPS40-30
- 5 V
Fixed
1.2A
1.9A
0.12A
±
10%
±
1%
50W Typical
+ 5V
±
10% Typical
5A
8A
0.5A
±
5%
±
1%
+12V
Fixed
0.75A
1.2A
0.08A
±
5%
±
1%
TPS40-31
-12V
Fixed
0.5A
0.8A
0.05A
±
10%
±
1%
50W Typical
+ 5V
±
10% Typical
5A
8A
0.5A
±
5%
±
1%
+15V
Fixed
0.5A
0.8A
0.05A
±
5%
±
1%
TPS40-32
-15V
Fixed
0.5A
0.8A
0.05A
±
10%
±
1%
50W Typical
+5V
±
10% Typical
4A
6.4A
0.4A
±
5%
±
1%
+15V
Fixed
1A
1.6A
0.1A
±
5%
±
1%
TPS40-33
-5V
Fixed
1A
1.6A
0.1A
±
10%
±
1%
50W Typical
+5V
±
10% Typical
4A
6.4A
0.4A
±
5%
±
1%
+15V
Fixed
0.8A
1.2A
0.08A
±
5%
±
1%
TPS40-34
-12V
Fixed
0.7A
1.1A
0.07A
±
10%
±
1%
50W Typical
+ 5V
±
10% Typical
4A
6.4A
0.4A
±
5%
±
1%
+24V
Fixed
0.5A
0.8A
0.05A
±
5%
±
1%
TPS40-35
-12V
Fixed
0.7A
1.1A
0.07A
±
10%
±
1%
50W Typical
+ 5V
±
10% Typical
4A
6.4A
0.4A
±
5%
±
1%
+12V
Fixed
0.75A
1.2A
0.08A
±
5%
±
1%
TPS40-36
-12V
Fixed
1A
1.6A
0.1A
±
10%
±
1%
50W Typical
+5V
±
10% Typical
4A
6.4A
0.4A
±
5%
±
1%
+12V
Fixed
0.75A
1.2A
0.08A
±
5%
±
1%
TPS40-37
+24V
Fixed
0.5A
0.8A
0.05A
±
10%
±
1%
50W Typical
+5V
±
10% Typical
2.4A
3.8A
0.24A
±
5%
±
1%
+12V
Fixed
1.2A
1.9A
0.12A
±
5%
±
1%
TPS40-38
+48V
Fixed
0.3A
0.5A
0.03A
±
10%
±
1%
50W Typical
NOTES: 1) Peak loads for lasting <30 seconds with a maximum 10% duty cycle are acceptable. Please contact us if need special peak load.
2) Maximum peak to peak noise expressed as a percentage of output voltage, 20MHz bandwidth, input not less nominal line,0.1μF and 47μF Cap. on outputs.
3) Loading test conditions are set for all outputs at minimum, middle and maximum of loads. Special cross loading requirement is welcomed.
4) Detailed engineering specification of each model is available for inquiry.
5) Special output voltage/current inquiry is welcomed.
6) Specifications subject to change without notice.
7) 25% derated if 24 VDC input version;50% derated if 12 VDC input version;25% derated if additional cover.
TOTAL POWER INT'L Tel: 877-646-0900 Fax: 978-453-7395
Email: sales@total-power.com
http://www.total-power.com
-2-


Número de pieza similar - TPS40-14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TDK Electronics
TPS4000-24 TDK-TPS4000-24 Datasheet
208Kb / 2P
   AC-DC Power Supplies
June 28, 2022
TPS4000-48 TDK-TPS4000-48 Datasheet
208Kb / 2P
   AC-DC Power Supplies
June 28, 2022
logo
Texas Instruments
TPS40000 TI-TPS40000 Datasheet
292Kb / 20P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40000 TI-TPS40000 Datasheet
986Kb / 28P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40000 TI1-TPS40000 Datasheet
839Kb / 24P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYN CHRONOUS BUCK CONTROLLER
More results

Descripción similar - TPS40-14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Phihong USA Inc.
PSA065-120 PHIHONG-PSA065-120 Datasheet
80Kb / 2P
   65 Watt Open-Frame Power Supply
logo
Astrodyne Corporation
REL150 ASTRODYNE-REL150 Datasheet
407Kb / 3P
   150 Watt Open Frame Switching Power Supply with PFC
REL70 ASTRODYNE-REL70_16 Datasheet
251Kb / 3P
   70 Watt Open Frame Switching Power Supply with PFC
logo
Phihong USA Inc.
PSA065-120 PHIHONG-PSA065-120_14 Datasheet
102Kb / 2P
   65 Watt* Open-Frame Power Supply
logo
Astrodyne Corporation
REL110 ASTRODYNE-REL110_16 Datasheet
249Kb / 3P
   110 Watt Open Frame Switching Power Supply with PFC
PMK150 ASTRODYNE-PMK150_16 Datasheet
705Kb / 6P
   150 Watt Open Frame Switching Power Supply with PFC
REL185 ASTRODYNE-REL185_16 Datasheet
302Kb / 3P
   185 Watt Open Frame Switching Power Supply with PFC
REL110 ASTRODYNE-REL110 Datasheet
400Kb / 3P
   110 Watt Open Frame Switching Power Supply with PFC
REL150 ASTRODYNE-REL150_16 Datasheet
246Kb / 3P
   150 Watt Open Frame Switching Power Supply with PFC
logo
Phihong USA Inc.
PSA065M-120M PHIHONG-PSA065M-120M_14 Datasheet
78Kb / 2P
   65 Watt* Open-Frame Power Supply
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com