Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADN40-24-3PM Datasheet(PDF) 1 Page - Astec America, Inc

No. de pieza ADN40-24-3PM
Descripción Electrónicos  120-960 Watts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ASTEC [Astec America, Inc]
Página de inicio  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ADN40-24-3PM Datasheet(HTML) 1 Page - Astec America, Inc

  ADN40-24-3PM Datasheet HTML 1Page - Astec America, Inc ADN40-24-3PM Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
rev 03.25.05
Technical Support: (888) 41ASTEC or (407) 241-2752
Americas: (760) 930-4600
Europe (UK) 44 (1384) 842-211
Asia (HK) 852-2437-9662
190
Special Features
120-960 Watts
ADN Series
3-Phase
Electrical Specs
•Complies with EN61000-3-2
•DC OK Signal (indicator)
•Adjustable Voltage
•Industrial grade design
(no derating to 60°C)
•User-friendly front panel
•Single phase input available
•Highly efficient >90% switching technology
•High MTBF and reliability
•Peak current capability 2x rated
current for 2 seconds
•Three year warranty
Input
Nominal voltage
380-480 VAC
Power factor (PFC)
EN61000-3-2
AC Input range
340-576 VAC
DC Input range
450-820 VDC
Frequency
47 - 63 Hz, 500 Hz
Phase
1Ø or 3Ø on 5, 10 & 20A* models.
30A & 40A models are 3Ø only.
Output
Nominal voltage
24V (22.5 - 28.5 VDC Adj.)
Holdup time
>20ms at full load (25°C)
Tolerance
<±2% overall
(combination line/load/time/temp)
Line regulation
<0.5%
Load regulation
<0.5%
Time & temp. drift
<1%
Initial voltage setting
24.5V ±1%
Ripple
<50mVpp
Parallel Operation
Current limit (fold forward)
constant power
10A, 20A, 30A
User selectable
40A
Active single wire parallel
Over voltage protection >30.5 <33 VDC
*On 20A unit, derate to 75% when operating 1Ø.
Storage/shipment
-25°C to +85°C
Operating
-10°C to 60°C
(convection)
(derate to 50% at +70°C)
Humidity
<90% RH noncondensing
per IEC 68-2-2, 68-2-3
IP20 (EN60529), protection
from moisture & conden-
sation
Note: Derate output to 50% when unit is
mounted sideways or front side up.
EMC
Emissions
EN500081-1, -2 Class B EN55011, EN55022
Radiated and Conducted including Annex A.
Immunity
EN50082-1, -2; EN61000-4-2, Level 4,
EN61000-4-3 Level 3, EN61000-4-6 Level 3;
EN61000-4-4 Level 4 input and Level 3 output;
EN61000-4-5 Isolation Class 4, EN61000-4-11;
Transient resistance according to VDE
0160/W2 over entire load range.
Approvals
CB Scheme, EN60950; EN50178; EN60204;
UL508 Listed, cULus; UL60950, cRUus, CE (LVD
73/23 & 93/68/EEC) EN61000-3-2, IEC 60079-
15 Class 1, Zone 2 hazardous location, Groups
IIA, IIB, IIC w/T3 temp class up to 60°C
Ambient.
Protection
Class 1 (IEC536), degree of protection
SELV rated per EN60950
Environmental
Safety
Total Power:
120 - 960 Watts
Input Voltage: 1Ø or 3Ø 380-480 VAC
# of Outputs:
One


Número de pieza similar - ADN40-24-3PM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Artesyn Technologies
ADN40-24-3PM-C ARTESYN-ADN40-24-3PM-C Datasheet
562Kb / 3P
   Total Power: 120-960 Watts
More results

Descripción similar - ADN40-24-3PM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Artesyn Technologies
ADN5-24-3PM-C ARTESYN-ADN5-24-3PM-C Datasheet
562Kb / 3P
   Total Power: 120-960 Watts
ADN5-24-1PM-C ARTESYN-ADN5-24-1PM-C Datasheet
516Kb / 3P
   Total Power: 120-960 Watts
logo
Astec America, Inc
AA20140 ASTEC-AA20140 Datasheet
577Kb / 2P
   120 Watts
AL60A ASTEC-AL60A Datasheet
840Kb / 2P
   120 Watts
LPS120 ASTEC-LPS120 Datasheet
209Kb / 3P
   120 Watts
logo
List of Unclassifed Man...
JTDA50-2 ETC1-JTDA50-2 Datasheet
128Kb / 2P
   50 Watts, 36 Volts, 960 - 1215 MHz
logo
Astec America, Inc
NTQ123 ASTEC-NTQ123 Datasheet
252Kb / 2P
   70-120 Watts
logo
Emerson Network Power
ALO EMERSON-NETWORKPOWER-ALO Datasheet
1Mb / 4P
   66/120 Watts
logo
Stealth Microwave, Inc.
SM09296-51LD STEALTH_MICROWAVE-SM09296-51LD Datasheet
153Kb / 3P
   920 - 960 MHz 120 Watt Power Amplifier
logo
Ericsson
PTB20167 ERICSSON-PTB20167 Datasheet
47Kb / 3P
   60 Watts, 850-960 MHz RF Power Transistor
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com