Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSPEMI204G Datasheet(PDF) 1 Page - California Micro Devices Corp

No. de pieza CSPEMI204G
Descripción Electrónicos  2 Channel Headset EMI Filter with ESD Protection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CALMIRCO [California Micro Devices Corp]
Página de inicio  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CSPEMI204G Datasheet(HTML) 1 Page - California Micro Devices Corp

  CSPEMI204G Datasheet HTML 1Page - California Micro Devices Corp CSPEMI204G Datasheet HTML 2Page - California Micro Devices Corp CSPEMI204G Datasheet HTML 3Page - California Micro Devices Corp CSPEMI204G Datasheet HTML 4Page - California Micro Devices Corp CSPEMI204G Datasheet HTML 5Page - California Micro Devices Corp CSPEMI204G Datasheet HTML 6Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2005 California Micro Devices Corp. All rights reserved.
09/28/05
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.cmd.com
1
CSPEMI204
2 Channel Headset EMI Filter with ESD Protection
Features
Two channels of EMI filtering, one for a micro-
phone and one for an earpiece speaker
Pi-style EMI filters in a capacitor-resistor-capacitor
(C-R-C) network
Chip Scale Package features extremely low para-
sitic inductance for optimum filter performance
Greater than 30dB relative attenuation in the 800-
2700MHz range
±8kV ESD protection on each channel (IEC 61000-
4-2 Level 4, contact discharge)
±15kV ESD protection on each channel (HBM)
5-bump, 0.930mm X 1.410mm footprint
Chip Scale Package (CSP)
Lead-free version available
Applications
EMI filtering and ESD protection for headset micro-
phone and earpiece speaker ports
Cellular / Mobile Phones
Notebooks and Personal Computers
Handheld PCs / PDAs / Tablets
Wireless Handsets
Digital Camcorders
Product Description
The CSPEMI204 is a low-pass filter array designed
specifically to reduce EMI/RFI emissions and provide
ESD protection for a headset port on a cellular and
mobile devices. The CSPEMI204 integrates two high
quality, pi-style filters (C-R-C) filters, one for a micro-
phone and one for an earpiece or speaker, each pro-
viding more than 30dB attenuation relative to the pass
band attenuation in the 800-2700 MHz range. These
filters support bidirectional filtering, reducing EMI both
to and from the headset port and support bipolar audio
signals without distortion.
In addition, the CSPEMI204 provides a very high level
of protection for sensitive electronic components that
may be subject to electrostatic discharge (ESD). The
CSPEMI204 can safely dissipate ESD strikes of
±8kV,
the maximum requirement of the IEC 61000-4-2 inter-
national standard. Using the MIL-STD-883 (Method
3015) specification for Human Body Model (HBM)
ESD, the device provides protection for contact dis-
charges to greater than
±15kV. The CSPEMI204 pro-
tects sensitive components such as CPU and DSPs
that have much weaker internal ESD protection cir-
cuitry usually only intended for mechanical handling
protection.
The CSPEMI204 is particularly well-suited for portable
electronics because of its small package format and
low weight. The CSPEMI204 is available in a space-
saving, low-profile Chip Scale Package with optional
lead-free finishing.
Electrical Schematic
10
Ω
Earpiece
C1
B2
GND
A1
Input
Earpiece
Output
68
Ω
Microphone
C3
A3
Input
Microphone
Output


Número de pieza similar - CSPEMI204G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CSPEMI204 ONSEMI-CSPEMI204 Datasheet
136Kb / 6P
   EMI Filter with ESD Protection
August, 2015 ??Rev. 0
More results

Descripción similar - CSPEMI204G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
California Micro Device...
CM1414 CALMIRCO-CM1414 Datasheet
259Kb / 6P
   2 Channel Headset EMI Filter with ESD Protection
logo
ON Semiconductor
CSPEMI202AG ONSEMI-CSPEMI202AG Datasheet
230Kb / 9P
   2 Channel Headset Microphone EMI Filter with ESD Protection
April 2010 Rev. 3
logo
California Micro Device...
CSPEMI201A CALMIRCO-CSPEMI201A Datasheet
607Kb / 6P
   2 Channel Headset Speaker EMI Filter with ESD Protection
CM1412 CALMIRCO-CM1412 Datasheet
281Kb / 6P
   2 Channel Headset Microphone EMI Filter with ESD Protection
CM1411 CALMIRCO-CM1411 Datasheet
373Kb / 6P
   2 Channel Headset/Speaker EMI Filter with ESD Protection
CSPEMI202A CALMIRCO-CSPEMI202A Datasheet
615Kb / 6P
   2 Channel Headset Microphone EMI Filter with ESD Protection
logo
ON Semiconductor
CSPEMI201AG ONSEMI-CSPEMI201AG Datasheet
208Kb / 9P
   2 Channel Headset Speaker EMI Filter with ESD Protection
April 2010 Rev. 3
CM1411 ONSEMI-CM1411 Datasheet
208Kb / 9P
   2-Channel Headset/Speaker EMI Filter Array with ESD Protection
April 2010 Rev. 3
logo
California Micro Device...
CSPEMI205 CALMIRCO-CSPEMI205 Datasheet
695Kb / 7P
   3 Channel Headset EMI Filter with ESD Protection
CM1410 CALMIRCO-CM1410 Datasheet
493Kb / 7P
   4 Channel Headset EMI Filter with ESD Protection
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com