Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


FSTH-24R-1 Datasheet(Hoja de datos) 1 Page - Hitachi Metals, Ltd

No. de Pieza. FSTH-24R-1
Descripción  200 / 300 MHz Band Chip 0 deg. Splitter / Combiner
Descarga  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  HITACHI-METALS [Hitachi Metals, Ltd]
Página de inicio  http://www.hitachi-metals.co.jp/e
Logo 

   
 1 page
background image
HITACHI
METALS
200 / 300 MHz Band Chip 0 deg. Splitter / Combiner
Model No. FSTH-24R-[ ]
Specifications
Isolation
Return Loss
1dB Max.
(0.3dB Typ.)
12dB Min.
(18dB Typ.)
9.5dB Min.
(17.7dB Typ.)
1W Max.
Range(MHz)
Frequency Matching
Capacitor
Insertion
220-260
11pF
Handling
Power
Temperature
Range
-35 ~ +85
deg.C
Typical Data
Measurement Circuit
Matching Capacitor; 11pF
C:Matching Capacitor
R:Resistance for Isolation (100ohm)
0
1
2
(dB)
Frequency (MHz)
0
10
20
30
(dB)
Insertion Loss
Input Return Loss
0
10
20
(dB)
Frequency (MHz)
Isolation
30
500
100
0
Equivalent Circuits
Out-1
In (Sum port)
Out-2
unit (mm)
6:
4:
2:
Shape & Size
2
6
4
R
C
4
2
6
FSTH-24R-[ ]
1.5 Max.
200 300 400
500
100
0
200 300 400
0
10
20
30
(dB)
Output Return Loss
250-280
8pF
1.6
6
4
2
LH-FSTH-24R-0405A
*1
*1 Not include Splitting Loss (3dB)
Loss
P/N
FSTH-24R-1
FSTH-24R-2




Html Pages

1 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
FSTH-38R300 / 400 MHz Band Chip 0 deg. Splitter / Combiner 1 Hitachi Metals, Ltd
FSTH-01R-1800 / 900 MHz Band Chip 0 deg. Splitter / Combiner 1 Hitachi Metals, Ltd
FSTH-03R-11.4 / 1.5 GHz Band Chip 0 deg. Splitter / Combiner 1 Hitachi Metals, Ltd
FSTH-03R-21.7 / 1.9 GHz Band Chip 0 deg. Splitter / Combiner 1 Hitachi Metals, Ltd
FSLH-S080C2012 Size 700/900 MHz Chip Multilayer Splitter/Combiner 1 2 3 4 Hitachi Metals, Ltd
FSLC-045P450 MHz Band Chip Multilayer 90deg. / 3dB Splitter 1 Hitachi Metals, Ltd
FSLH-S090C2012 Size 850/950 MHz Chip Multilayer Splitter/Combiner 1 2 3 4 Hirose Electric
FSLC-090P900 MHz Band Chip Multilayer 90deg. / 3dB Splitter 1 Hitachi Metals, Ltd
FSLH-S100C2012 Size 900/1100 MHz Chip Multilayer Splitter/Combiner 1 2 3 4 Hitachi Metals, Ltd
FSLH-S130C2012 Size 1200/1400 MHz Chip Multilayer Splitter/Combiner 1 2 3 4 Hitachi Metals, Ltd

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl