Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SDT600 Datasheet(PDF) 1 Page - Solid State Optronic

No. de pieza SDT600
Descripción Electrónicos  DC Input Optocoupler
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SSOUSA [Solid State Optronic]
Página de inicio  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

SDT600 Datasheet(HTML) 1 Page - Solid State Optronic

  SDT600 Datasheet HTML 1Page - Solid State Optronic SDT600 Datasheet HTML 2Page - Solid State Optronic SDT600 Datasheet HTML 3Page - Solid State Optronic SDT600 Datasheet HTML 4Page - Solid State Optronic SDT600 Datasheet HTML 5Page - Solid State Optronic SDT600 Datasheet HTML 6Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SDT600
DC Input
Optocoupler
The SDT600 consists of a phototransistor optically coupled to a light emitting diode. Optical coupling between the input LED and output
phototransistor allows for high isolation levels while maintaining low-level DC signal control capability. The SDT600 provides an optically
isolated method of controlling many interface applications such as telecommunications, industrial control and instrumentation circuitry.
DESCRIPTION
FEATURES
APPLICATIONS
OPTIONS/SUFFIXES*
SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS*
APPROVALS
High input-to-output isolation package (5000 Vrms)
Low input power consumption
High stability
6 Pin DIP Package w/output Base Connection
CTR range 50-600%
Switch mode power supplies
Copiers, registers, vending machines
Computer terminals, PLCs
Telecom / Datacom
Home appliances
Digital logic inputs
.04" (10.16mm) lead spacing option (VDE0884)
-H
Surface Mount Leadform Option
-S
Tape and Reel Option
-TR
NOTE: Suffixes listed above are not included in marking on
device for part number identification.
PARAMETER
UNIT
MIN
TYP
MAX
Storage Temperature
°C
-55
125
Operating Temperature
°C
-40
100
Continuous Input Current
mA
50
Transient Input Current
A
1
Reverse Input Control
Voltage
V
6
Output Power Dissipation
mW
500
*The values indicated are absolute stress ratings. Functional operation of the
device is not implied at these or any conditions in excess of those defined in
electrical characteristics section of this document. Exposure to Absolute
Ratings may cause permanent damage to the device and may adversely
affect reliability.
UL C-UL Approved, File # E201932
VDE Approved, Lic 40011227
© 2004 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 1 of 6
SDT600
rev 1.40 (10/25/2004)
3
2
4
5
1
6
1. Anode
2. Cathode
3. NC
4. Emitter
5. Collector
6. Base


Número de pieza similar - SDT600

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Solid State Optronic
SDT600-X SSOUSA-SDT600-X Datasheet
584Kb / 10P
   No Base Connection
More results

Descripción similar - SDT600

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Solid State Optronic
SDD601 SSOUSA-SDD601 Datasheet
339Kb / 4P
   DC Input Optocoupler
SDT400 SSOUSA-SDT400 Datasheet
645Kb / 6P
   DC Input Optocoupler
SDD800 SSOUSA-SDD800 Datasheet
587Kb / 6P
   DC Input Optocoupler
SDD451 SSOUSA-SDD451 Datasheet
691Kb / 4P
   DC Input Optocoupler
SDT470 SSOUSA-SDT470 Datasheet
523Kb / 3P
   DC Input Optocoupler
SDD600 SSOUSA-SDD600 Datasheet
281Kb / 4P
   DC Input Optocoupler
SDT450 SSOUSA-SDT450 Datasheet
634Kb / 6P
   DC Input Optocoupler
SDT1600 SSOUSA-SDT1600 Datasheet
311Kb / 4P
   DC Input Quad Optocoupler
SDD1600 SSOUSA-SDD1600 Datasheet
284Kb / 4P
   DC Input Quad Optocoupler
SDT800 SSOUSA-SDT800 Datasheet
536Kb / 4P
   DC Input Dual Optocoupler
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com