Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


MCK100-8 Datasheet(Hoja de datos) 5 Page - SemiWell Semiconductor

No. de Pieza. MCK100-8
Descripción  Sensitive Gate Silicon Controlled Rectifiers
Descarga  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SEMIWELL [SemiWell Semiconductor]
Página de inicio  http://www.semiwellsemi.co.kr
Logo 

   
 5 page
background image
Dim.
mm
Inch
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.40
1.60
0.055
0.063
B
0.36
0.56
0.014
0.022
B1
0.32
0.52
0.013
0.020
C
0.35
0.44
0.014
0.017
C1
0.35
0.44
0.014
0.017
D
4.40
4.60
0.173
0.181
D1
1.40
1.80
0.055
0.071
E
2.30
2.60
0.091
0.102
e
1.50
0.060
e1
2.90
3.10
0.114
0.122
H
3.94
4.25
0.155
0.167
L
0.90
1.10
0.035
0.043
R
0.25
0.010
MCK100-8
5/5
SOT- 89 Package Dimension
1. Cathode
2. Anode
3. Gate
1
2
3




Html Pages

1  2  3  4  5 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
SCN2C60Sensitive Gate Silicon Controlled Rectifiers 1 2 3 4 5 List of Unclassifed Manufacturers
MCK100-6Sensitive Gate Silicon Controlled Rectifiers 1 2 3 4 5 SemiWell Semiconductor
S406010 AMPERE SENSITIVE GATE SILICON CONTROLLED RECTIFIERS 1 2 3 4 List of Unclassifed Manufacturers
MCR100SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS 1 2 3 4 Unisonic Technologies
C106Sensitive Gate Silicon Controlled Rectifiers 1 2 3 4 5 MoreON Semiconductor
MCK22-8Sensitive Gate Silicon Controlled Rectifiers 1 2 3 4 5 List of Unclassifed Manufacturers
MCR100Sensitive Gate Silicon Controlled Rectifiers 1 2 3 4 5 MoreON Semiconductor
MCR106Sensitive Gate Silicon Controlled Rectifiers 1 2 3 4 ON Semiconductor
MCR72-3SENSITIVE GATE SILICON CONTROLLED RECTIFIERS 1 2 3 4 ON Semiconductor
MCR101SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS 1 2 3 4 Unisonic Technologies