Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MN6474A Datasheet(PDF) 3 Page - Panasonic Semiconductor

No. de pieza MN6474A
Descripción Electrónicos  D/A Converter for Digital Audio Equipment
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANASONIC [Panasonic Semiconductor]
Página de inicio  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN6474A Datasheet(HTML) 3 Page - Panasonic Semiconductor

  MN6474A Datasheet HTML 1Page - Panasonic Semiconductor MN6474A Datasheet HTML 2Page - Panasonic Semiconductor MN6474A Datasheet HTML 3Page - Panasonic Semiconductor MN6474A Datasheet HTML 4Page - Panasonic Semiconductor MN6474A Datasheet HTML 5Page - Panasonic Semiconductor MN6474A Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
For Audio Equipment
MN6474A
Pin Descriptions
Pin No.
Symbol
Function Description
1
MLD
Microcomputer command load input ("L" level to load)
2
RSTB
Reset pin (active "L").
Always pull this pin low after applying the power.
3
IE
Input format selection pin.
"H" level; I2S format
"L" level; signal processing LSI format.
4
TP1
Digital filter test output pin 1.
Leave this pin open.
5
TP2
Digital filter test output pin 2.
Leave this pin open.
6
TEST1
Digital filter test input pin 1.
Keep this pin at "L" level.
7
TEST2
Digital filter test input pin 2.
Keep this pin at "L" level.
8
N.C.
No connection
Leave these pins open.
9
N.C.
No connection
Leave these pins open.
10
AVDD4
Power supply pin 4 for analog circuits.
(+5V)
11
OUTL(–)
Left channel inverted phase PWM output pin.
12
AVSS4
Ground pin 4 for analog circuits.
13
AVSS3
Ground pin 3 for analog circuits.
14
OUTL(+)
Left channel normal phase PWM output pin.
15
AVDD3
Power supply pin 3 for analog circuits.
(+5V)
16
N.C.
No connection
Leave this pin open.
17
AVDD2
Power supply pin 2 for analog circuits.
(+5V)
18
OUTR(+)
Right channel through phase PWM output pin.
19
AVSS2
Ground pin 2 for analog circuits.
20
AVSS1
Ground pin 1 for analog circuits.
21
OUTR(–)
Right channel inverted phase PWM output pin.
22
AVDD1
Power supply pin 1 for analog circuits.
(+5V)
23
DVDD1
Power supply pin 1 for digital circuits.
(+5V) (Power supply for oscillator circuit)
24
DVSS1
Ground pin 1 for digital circuits.
(Ground for oscillator circuit)
25
X2
Crystal oscillator pin.
26
X1
Crystal oscillator pin. (External clock input pin)
27
N.C.
No connection
Leave this pin open.
28
DVDD2
Power supply pin 2 for analog circuits.
(+5V)
29
DVSS2
Ground pin 2 for digital circuits.
30
NSUB
Connect to D-VDD.
(Silicon substrate potential fixing pin)
31
ZFLGB
Output pin for detecting zero input.
32
192FS
192fs(=9.216 MHz)output pin.
Max. load capacity: 30 pF.
33
LRPOL
LRCLK polarity selection pin.
"H" level; selects the left channel
"L" level; the right channel.
34
LRCLK
LRCLK pin. When the LRPOL pin is at "H" level, "H" level in this pin indicates left
channel data input; "L" level indicates right channel data input. When the LRPOL pin
is at "L" level, "L" level in this pin indicates left channel data input; "H" level input
indicates right channel data input.
35
BCLK
Serial input bit clock
36
SRDATA
Serial input data (digital) input pin.
37
DVSS3
Ground pin 3 for digital circuits.


Número de pieza similar - MN6474A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Panasonic Semiconductor
MN6475A PANASONIC-MN6475A Datasheet
50Kb / 6P
   D/A Converter for Digital Audio Equipment
More results

Descripción similar - MN6474A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Panasonic Semiconductor
MN35502 PANASONIC-MN35502 Datasheet
67Kb / 8P
   D/A Converter for Digital Audio Equipment
MN35503 PANASONIC-MN35503 Datasheet
71Kb / 9P
   D/A Converter for Digital Audio Equipment
MN6460A PANASONIC-MN6460A Datasheet
64Kb / 6P
   A/D Converter for Digital Audio Equipment
MN6475A PANASONIC-MN6475A Datasheet
50Kb / 6P
   D/A Converter for Digital Audio Equipment
logo
Nippon Precision Circui...
SM5865CM NPC-SM5865CM Datasheet
319Kb / 20P
   D/A Converter for Digital Audio
SM5865BM NPC-SM5865BM Datasheet
158Kb / 17P
   D/A Converter for Digital Audio
SM5864AP NPC-SM5864AP Datasheet
734Kb / 19P
   Digital Audio D/A Converter
logo
Sanyo Semicon Device
LC78817 SANYO-LC78817 Datasheet
137Kb / 6P
   16-Bit D/A Converter for Digital Audio?
logo
Asahi Kasei Microsystem...
AKD5700-A AKM-AKD5700-A Datasheet
452Kb / 39P
   digital audio 16bit A/D converter
AKD5701-A AKM-AKD5701-A Datasheet
461Kb / 40P
   digital audio 16bit A/D converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com