Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MN6474A Datasheet(PDF) 4 Page - Panasonic Semiconductor

No. de pieza MN6474A
Descripción Electrónicos  D/A Converter for Digital Audio Equipment
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANASONIC [Panasonic Semiconductor]
Página de inicio  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN6474A Datasheet(HTML) 4 Page - Panasonic Semiconductor

  MN6474A Datasheet HTML 1Page - Panasonic Semiconductor MN6474A Datasheet HTML 2Page - Panasonic Semiconductor MN6474A Datasheet HTML 3Page - Panasonic Semiconductor MN6474A Datasheet HTML 4Page - Panasonic Semiconductor MN6474A Datasheet HTML 5Page - Panasonic Semiconductor MN6474A Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MN6474A
For Audio Equipment
Conversion Characteristics
DVDD=5.0V, DVSS=0V, AVDD=5.0V, AVSS=0V, f=33.8688MHz, Ta=25˚C
Parameter
Symbol
Test Conditions
min
typ
max
Unit
Analog characteristics
Signal-to-noise ratio
S/N
EIAJ (1kHz)
95
106
dB
Dynamic range
D.R.
EIAJ (1kHz)
90
98
dB
Total harmonic distortion
THD+N
EIAJ (1kHz)
0.003
0.005
%
Crosstalk
EIAJ (1kHz)
90
98
dB
Output level *1
1kHz F.S.
1.4
1.7
Vrms
Pin Descriptions (continued)
Pin No.
Symbol
Function Description
39
384FS
384fs (=18.432 MHz)
output pin.
Max. load capacitance: 30 pF.
40
PD
Power down pin.
(active "H")
41
MDATA
Microcomputer command data input pin.
42
MCLK
Clock input pin for microcomputer command.
Note*1: These analog characteristics are for circuits equivalent to the suggested application circuit.
38
DVDD
Power supply pin for digital circuits. (Silicon substrate potential fixing pin.) (+5V)


Número de pieza similar - MN6474A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Panasonic Semiconductor
MN6475A PANASONIC-MN6475A Datasheet
50Kb / 6P
   D/A Converter for Digital Audio Equipment
More results

Descripción similar - MN6474A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Panasonic Semiconductor
MN35502 PANASONIC-MN35502 Datasheet
67Kb / 8P
   D/A Converter for Digital Audio Equipment
MN35503 PANASONIC-MN35503 Datasheet
71Kb / 9P
   D/A Converter for Digital Audio Equipment
MN6460A PANASONIC-MN6460A Datasheet
64Kb / 6P
   A/D Converter for Digital Audio Equipment
MN6475A PANASONIC-MN6475A Datasheet
50Kb / 6P
   D/A Converter for Digital Audio Equipment
logo
Nippon Precision Circui...
SM5865CM NPC-SM5865CM Datasheet
319Kb / 20P
   D/A Converter for Digital Audio
SM5865BM NPC-SM5865BM Datasheet
158Kb / 17P
   D/A Converter for Digital Audio
SM5864AP NPC-SM5864AP Datasheet
734Kb / 19P
   Digital Audio D/A Converter
logo
Sanyo Semicon Device
LC78817 SANYO-LC78817 Datasheet
137Kb / 6P
   16-Bit D/A Converter for Digital Audio?
logo
Asahi Kasei Microsystem...
AKD5700-A AKM-AKD5700-A Datasheet
452Kb / 39P
   digital audio 16bit A/D converter
AKD5701-A AKM-AKD5701-A Datasheet
461Kb / 40P
   digital audio 16bit A/D converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com