Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MN6474A Datasheet(PDF) 1 Page - Panasonic Semiconductor

No. de pieza MN6474A
Descripción Electrónicos  D/A Converter for Digital Audio Equipment
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANASONIC [Panasonic Semiconductor]
Página de inicio  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN6474A Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MN6474A Datasheet HTML 1Page - Panasonic Semiconductor MN6474A Datasheet HTML 2Page - Panasonic Semiconductor MN6474A Datasheet HTML 3Page - Panasonic Semiconductor MN6474A Datasheet HTML 4Page - Panasonic Semiconductor MN6474A Datasheet HTML 5Page - Panasonic Semiconductor MN6474A Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For Audio Equipment
Overview
The MN6474A is a CMOS digital-to-analog converter
with a built-in 16-bit digital filter for pulse code
modulation (PCM) digital audio equipment.
It uses noise shaping technology to convert a digital
signal into a PWM signal.
It contains a 4-fold oversampling digital filter that
permits simplification of the low pass filter after the D/A
converter, thus greatly reducing the power consumption
of the entire D/A conversion system.
The chip provides both regular and inverted phase
outputs for both channels.
The chip contributes to cost and size reductions for CD
players and other digital audio equipment.
Features
Built-in 4-fold oversampling digital filter
(ripple of only ±0.0072 dB within the supported
band and attenuation of 62.7 dB within the cutoff
band)
Internal resolution of 18 bits
Two's complement input (I2S input code also supported)
Built-in overflow limiter
No zero cross distortion
Sample-and-hold circuit is unnecessary
Output pin for detecting zero input
Single 5V power supply
Applications
CD players and other digital audio equipment
MN6474A
D/A Converter for Digital Audio Equipment
Pin Assignment
LRPOL
LRCLK
BCLK
SRDATA
DVSS3
DVDD
384FS
PD
MDATA
MCLK
33
34
35
36
37
38
39
40
41
42
21
20
19
18
17
16
15
14
13
12
11
OUTR(–)
AVSS1
AVSS2
OUTR(+)
AVDD2
N.C.
AVDD3
OUTL(+)
AVSS3
AVSS4
OUTL(–)
QFP042-P-1414A
(TOP VIEW)


Número de pieza similar - MN6474A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Panasonic Semiconductor
MN6475A PANASONIC-MN6475A Datasheet
50Kb / 6P
   D/A Converter for Digital Audio Equipment
More results

Descripción similar - MN6474A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Panasonic Semiconductor
MN35502 PANASONIC-MN35502 Datasheet
67Kb / 8P
   D/A Converter for Digital Audio Equipment
MN35503 PANASONIC-MN35503 Datasheet
71Kb / 9P
   D/A Converter for Digital Audio Equipment
MN6460A PANASONIC-MN6460A Datasheet
64Kb / 6P
   A/D Converter for Digital Audio Equipment
MN6475A PANASONIC-MN6475A Datasheet
50Kb / 6P
   D/A Converter for Digital Audio Equipment
logo
Nippon Precision Circui...
SM5865CM NPC-SM5865CM Datasheet
319Kb / 20P
   D/A Converter for Digital Audio
SM5865BM NPC-SM5865BM Datasheet
158Kb / 17P
   D/A Converter for Digital Audio
SM5864AP NPC-SM5864AP Datasheet
734Kb / 19P
   Digital Audio D/A Converter
logo
Sanyo Semicon Device
LC78817 SANYO-LC78817 Datasheet
137Kb / 6P
   16-Bit D/A Converter for Digital Audio?
logo
Asahi Kasei Microsystem...
AKD5700-A AKM-AKD5700-A Datasheet
452Kb / 39P
   digital audio 16bit A/D converter
AKD5701-A AKM-AKD5701-A Datasheet
461Kb / 40P
   digital audio 16bit A/D converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com