Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STF6A60 Datasheet(PDF) 2 Page - SemiWell Semiconductor

No. de pieza STF6A60
Descripción Electrónicos  Bi-Directional Triode Thyristor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEMIWELL [SemiWell Semiconductor]
Página de inicio  http://www.semiwellsemi.co.kr
Logo SEMIWELL - SemiWell Semiconductor

STF6A60 Datasheet(HTML) 2 Page - SemiWell Semiconductor

  STF6A60 Datasheet HTML 1Page - SemiWell Semiconductor STF6A60 Datasheet HTML 2Page - SemiWell Semiconductor STF6A60 Datasheet HTML 3Page - SemiWell Semiconductor STF6A60 Datasheet HTML 4Page - SemiWell Semiconductor STF6A60 Datasheet HTML 5Page - SemiWell Semiconductor STF6A60 Datasheet HTML 6Page - SemiWell Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical Characteristics
Symbol
Items
Conditions
Ratings
Unit
Min.
Typ.
Max.
IDRM
Repetitive Peak Off-State
Current
VD = VDRM, Single Phase, Half Wave
TJ = 125 °C
──
1.0
mA
VTM
Peak On-State Voltage
IT = 8 A, Inst. Measurement
1.5
V
I+GT1
Gate Trigger Current
VD = 6 V, RL=10 Ω
──
20
mA
I -GT1
──
20
I -GT3
──
20
V+GT1
Gate Trigger Voltage
VD = 6 V, RL=10 Ω
──
1.5
V
V-GT1
──
1.5
V-GT3
──
1.5
VGD
Non-Trigger Gate Voltage
TJ = 125 °C, VD = 1/2 VDRM
0.2
──
V
(dv/dt)c
Critical Rate of Rise Off-State
Voltage at Commutation
TJ = 125 °C, [di/dt]c = -3.0 A/ms,
VD=2/3 VDRM
5.0
──
V/㎲
IH
Holding Current
10
mA
Rth(j-c)
Thermal Impedance
Junction to case
──
3.8
°C/W
STF6A60
2/6


Número de pieza similar - STF6A60

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SemiWell Semiconductor
STF6A80 SEMIWELL-STF6A80 Datasheet
588Kb / 6P
   Bi-Directional Triode Thyristor
More results

Descripción similar - STF6A60

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
STF4A60 ETC1-STF4A60 Datasheet
655Kb / 6P
   Bi-Directional Triode Thyristor
logo
SemiWell Semiconductor
BT134F SEMIWELL-BT134F Datasheet
651Kb / 6P
   Bi-Directional Triode Thyristor
BT138F-600 SEMIWELL-BT138F-600 Datasheet
681Kb / 6P
   Bi-Directional Triode Thyristor
STR2A60 SEMIWELL-STR2A60 Datasheet
487Kb / 5P
   Bi-Directional Triode Thyristor
STR4A80 SEMIWELL-STR4A80 Datasheet
601Kb / 6P
   Bi-Directional Triode Thyristor
STW25A60 SEMIWELL-STW25A60_07 Datasheet
536Kb / 5P
   Bi-Directional Triode Thyristor
logo
Shenzhen Winsemi Microe...
WTF12A60 WINSEMI-WTF12A60 Datasheet
489Kb / 6P
   Bi-Directional Triode Thyristor
WTPA24A60BW WINSEMI-WTPA24A60BW Datasheet
382Kb / 5P
   Bi-Directional Triode Thyristor
logo
List of Unclassifed Man...
BT134-F ETC-BT134-F Datasheet
670Kb / 6P
   BI- DIRECTIONAL TRIODE THYRISTOR
logo
SemiWell Semiconductor
STF12A60 SEMIWELL-STF12A60 Datasheet
728Kb / 6P
   Bi-Directional Triode Thyristor
BT136-D SEMIWELL-BT136-D Datasheet
605Kb / 5P
   Bi-Directional Triode Thyristor
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com