Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STP4A60S Datasheet(PDF) 5 Page - SemiWell Semiconductor

No. de pieza STP4A60S
Descripción Electrónicos  Sensitive Gate Triacs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEMIWELL [SemiWell Semiconductor]
Página de inicio  http://www.semiwellsemi.co.kr
Logo SEMIWELL - SemiWell Semiconductor

STP4A60S Datasheet(HTML) 5 Page - SemiWell Semiconductor

  STP4A60S Datasheet HTML 1Page - SemiWell Semiconductor STP4A60S Datasheet HTML 2Page - SemiWell Semiconductor STP4A60S Datasheet HTML 3Page - SemiWell Semiconductor STP4A60S Datasheet HTML 4Page - SemiWell Semiconductor STP4A60S Datasheet HTML 5Page - SemiWell Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Dim.
mm
Inch
Min.
Typ.
Max.
Min.
Typ.
Max.
A
9.7
10.1
0.382
0.398
B
6.3
6.7
0.248
0.264
C
9.0
9.47
0.354
0.373
D
12.8
13.3
0.504
0.524
E
1.2
1.4
0.047
0.055
F
1.7
0.067
G
2.5
0.098
H
3.0
3.4
0.118
0.134
I
1.25
1.4
0.049
0.055
J
2.4
2.7
0.094
0.106
K
5.0
5.15
0.197
0.203
L
2.2
2.6
0.087
0.102
M
1.25
1.55
0.049
0.061
N
0.45
0.6
0.018
0.024
O
0.6
1.0
0.024
0.039
φ
3.6
0.142
STP4A60S
TO-220 Package Dimension
5/5
1. T1
2. T2
3. Gate
A
B
C
I
G
L
1
M
E
F
φ
H
K
N
O
2
3
J
D


Número de pieza similar - STP4A60S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STP400N4F6 STMICROELECTRONICS-STP400N4F6 Datasheet
181Kb / 11P
   N-channel 40 V, 120 A STripFET??VI DeepGATE?? Power MOSFET in I짼PAK and TO-220 packages
August 2012 Rev 1
logo
VBsemi Electronics Co.,...
STP40N03L VBSEMI-STP40N03L Datasheet
984Kb / 7P
   N-Channel 30-V (D-S) MOSFET
logo
STMicroelectronics
STP40N03L-20 STMICROELECTRONICS-STP40N03L-20 Datasheet
65Kb / 7P
   N - CHANNEL ENHANCEMENT MODE ?쓀LTRA HIGH DENSITY??POWER MOS TRANSISTOR
logo
VBsemi Electronics Co.,...
STP40N03L-20 VBSEMI-STP40N03L-20 Datasheet
984Kb / 7P
   N-Channel 30-V (D-S) MOSFET
logo
STMicroelectronics
STP40N06 STMICROELECTRONICS-STP40N06 Datasheet
354Kb / 7P
   N-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
May 1993
More results

Descripción similar - STP4A60S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tiger Electronic Co.,Lt...
T1635-600G TGS-T1635-600G Datasheet
71Kb / 1P
   Triacs sensitive gate
T2535-600G TGS-T2535-600G Datasheet
71Kb / 1P
   Triacs sensitive gate
logo
Shenzhen Luguang Electr...
BT137-600E LUGUANG-BT137-600E Datasheet
319Kb / 5P
   Sensitive Gate Triacs
logo
Tiger Electronic Co.,Lt...
BT137-600 TGS-BT137-600 Datasheet
90Kb / 1P
   Triacs sensitive gate
BT152-500 TGS-BT152-500 Datasheet
76Kb / 1P
   Triacs sensitive gate
BT137X-600F TGS-BT137X-600F Datasheet
128Kb / 1P
   Triacs sensitive gate
logo
Unisonic Technologies
BTB04 UTC-BTB04 Datasheet
166Kb / 4P
   SENSITIVE GATE TRIACS
BTB04A UTC-BTB04A Datasheet
143Kb / 3P
   SENSITIVE GATE TRIACS
logo
Kersemi Electronic Co.,...
BTB08-700BW KERSEMI-BTB08-700BW Datasheet
817Kb / 4P
   SENSITIVE GATE TRIACS
logo
NXP Semiconductors
BT138B PHILIPS-BT138B Datasheet
51Kb / 6P
   Triacs sensitive gate
October 1997 Rev 1.200
logo
STMicroelectronics
BTA08A STMICROELECTRONICS-BTA08A Datasheet
186Kb / 4P
   SENSITIVE GATE TRIACS
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com