Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSI-2 Datasheet(PDF) 27 Page - Agere Systems

No. de pieza TSI-2
Descripción Electrónicos  2k x 2k Time-Slot Interchanger
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AGERE [Agere Systems]
Página de inicio  
Logo AGERE - Agere Systems

TSI-2 Datasheet(HTML) 27 Page - Agere Systems

Back Button TSI-2 Datasheet HTML 23Page - Agere Systems TSI-2 Datasheet HTML 24Page - Agere Systems TSI-2 Datasheet HTML 25Page - Agere Systems TSI-2 Datasheet HTML 26Page - Agere Systems TSI-2 Datasheet HTML 27Page - Agere Systems TSI-2 Datasheet HTML 28Page - Agere Systems TSI-2 Datasheet HTML 29Page - Agere Systems TSI-2 Datasheet HTML 30Page - Agere Systems TSI-2 Datasheet HTML 31Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 61 page
background image
Data Sheet, Revision 3
TSI-2
September 21, 2005
2k x 2k Time-Slot Interchanger
Agere Systems Inc.
27
Figure 5-15. CHI 3-State Output Control
Table 5-5. CHI 3-State Output Control
Control in the table below refers to bits [6:4] in Table 6-51 Transmit_CHI_Global_Configuration (Read/Write) on page 52.
This only applies if bits 13 and 12 of the corresponding register in Table 6-48 Transmit_CHI_Configuration (Read/Write) on
page 50 are set to 11.
Parameter Control
Reference Point*
* Like edge is the reference edge (rising or falling) as defined by bit 0 in Table 6-51 Transmit_CHI_Global_Configuration (Read/Write) on page 52.
Min
Max*
Unit
t20
000
After Previous Like Edge in 16 MHz
50
59
ns
001
After Previous Like Edge in 16 MHz
44
53
ns
010
After Previous Like Edge in 16 MHz
38
47
ns
011
After Previous Like Edge in 16 MHz
32
41
ns
t21
000
After Previous Opposite Edge in 8 MHz
50
59
ns
001
After Previous Opposite Edge in 8 MHz
44
53
ns
010
After Previous Opposite Edge in 8 MHz
38
47
ns
011
After Previous Opposite Edge in 8 MHz
32
41
ns
t22
100
After Previous Like Edge (8 MHz mode only)
111
120
ns
101
After Previous Like Edge (8 MHz mode only)
105
114
ns
110
After Previous Like Edge (8 MHz mode only)
99
108
ns
111
After Previous Like Edge (8 MHz mode only)
93
102
ns
CHICLK
16.384 MHz
t20
TXD
16.384 Mbits/s
CHICLK
8.192 MHz
TXD
8.192 Mbits/s
CHICLK
8.192 MHz
TXD
8.192 Mbits/s
t21
t22


Número de pieza similar - TSI-2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agere Systems
TSI-1 AGERE-TSI-1 Datasheet
1,012Kb / 61P
   1k x 1k Time-Slot Interchanger
TSI-4 AGERE-TSI-4 Datasheet
1,013Kb / 61P
   4k x 4k Time-Slot Interchanger
TSI-8 AGERE-TSI-8 Datasheet
675Kb / 25P
   8K x 8K Time-Slot Interchanger
More results

Descripción similar - TSI-2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agere Systems
TSI-8 AGERE-TSI-8 Datasheet
675Kb / 25P
   8K x 8K Time-Slot Interchanger
TSI-1 AGERE-TSI-1 Datasheet
1,012Kb / 61P
   1k x 1k Time-Slot Interchanger
TSI-4 AGERE-TSI-4 Datasheet
1,013Kb / 61P
   4k x 4k Time-Slot Interchanger
logo
List of Unclassifed Man...
STK10C48 ETC-STK10C48 Datasheet
106Kb / 9P
   2K X 8 NVSRAM
logo
Cypress Semiconductor
CY7C291A CYPRESS-CY7C291A Datasheet
275Kb / 12P
   2K x 8 Reprogrammable PROM
logo
UMC Corporation
UM6116-2 UMC-UM6116-2 Datasheet
498Kb / 8P
   2K x 8 CMOS SRAM
logo
Cypress Semiconductor
CY7C291A CYPRESS-CY7C291A_06 Datasheet
547Kb / 13P
   2K x 8 Reprogrammable PROM
logo
Simtek Corporation
U631H16 SIMTEK-U631H16 Datasheet
133Kb / 13P
   SimtekSoftStore 2K x 8 nvSRAM
logo
Cypress Semiconductor
CY7C128A CYPRESS-CY7C128A_06 Datasheet
270Kb / 9P
   2K x 8 Static RAM
logo
Pyramid Semiconductor C...
PY291A PYRAMID-PY291A Datasheet
100Kb / 9P
   2K X 8 REPROGRAMMABLE PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com