Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSI-2 Datasheet(PDF) 41 Page - Agere Systems

No. de pieza TSI-2
Descripción Electrónicos  2k x 2k Time-Slot Interchanger
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AGERE [Agere Systems]
Página de inicio  
Logo AGERE - Agere Systems

TSI-2 Datasheet(HTML) 41 Page - Agere Systems

Back Button TSI-2 Datasheet HTML 37Page - Agere Systems TSI-2 Datasheet HTML 38Page - Agere Systems TSI-2 Datasheet HTML 39Page - Agere Systems TSI-2 Datasheet HTML 40Page - Agere Systems TSI-2 Datasheet HTML 41Page - Agere Systems TSI-2 Datasheet HTML 42Page - Agere Systems TSI-2 Datasheet HTML 43Page - Agere Systems TSI-2 Datasheet HTML 44Page - Agere Systems TSI-2 Datasheet HTML 45Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 61 page
background image
Data Sheet, Revision 3
TSI-2
September 21, 2005
2k x 2k Time-Slot Interchanger
Agere Systems Inc.
41
Table 6-27. CSG_Seed_Low (Read/Write)
Seed value for the pseudorandom pattern generator for the low word of the connection store RAM.
Table 6-28. CSG_Seed_High (Read/Write)
Seed value for the pseudorandom pattern generator for the high word of the connection store RAM.
Table 6-29. CSG_OR_Mask_Low (Read/Write)
This register allows bits in the connection store to be forced to 1. CS[15:0] = (pseudorandom data [15:0] OR
CSG_OR_Mask_Low) AND CSG_AND_Mask_Low, bit enabled by CSG_Write_Enable_Low.
Table 6-30. CSG_OR_Mask_High (Read/Write)
This register allows bits in the connection store to be forced to 1. CS[31:16] = (pseudorandom data [31:16] OR
CSG_OR_Mask_High) AND CSG_AND_Mask_High, bit enabled by CSG_Write_Enable_High.
Note: CS[22:18] are always 0.
Address
Bit
Name/Description
Default
0x00410
15:0
CSG_Seed_Low. If the LFSR_Seed_Control bit (see Table 6-21 on page 39) is asserted, at
the beginning of a CSG operation, bits [15:0] of the LFSR supplying the connection store
RAM with data are loaded with this programmable seed.
0xFFFF
Address
Bit
Name/Description
Default
0x00412
15
Unused.
14:0
CSG_Seed_High. If the LFSR_Seed_Control bit (see Table 6-21) is asserted, at the begin-
ning of a CSG operation, bits [30:16] of the LFSR supplying the connection store RAM with
data are loaded with this programmable seed.
0x7FFF
Address
Bit
Name/Description
Default
0x00418
15:0
CSG_OR_Mask_Low. This register allows bit fields in the connection store to be forced to a
one during a CSG fill operation. A bit-wise OR of this register and bits [15:0] of the pseudo-
random generated data are performed to obtain the data for connection store. The resultant
is then ANDed with CSG_AND_Mask_Low.
0x0000
Address
Bit
Name/Description
Default
0x0041A
15:7
CSG_OR_Mask_High_B. This register allows bit fields in the connection store to be forced
to a 1 during a CSG fill operation. A bit-wise OR of this register and bits [31:23] of the pseu-
dorandom generated data are performed to obtain the data for connection store. The result-
ant is then ANDed with CSG_AND_Mask_High.
0x000
6:2
Unused.
1:0
CSG_OR_Mask_High_A. This register allows bit fields in the connection store to be forced
to a 1 during a CSG fill operation. A bit-wise OR of this register and bits [17:16] of the pseu-
dorandom generated data are performed to obtain the data for connection store. The result-
ant is then ANDed with CSG_AND_Mask_High.
00


Número de pieza similar - TSI-2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agere Systems
TSI-1 AGERE-TSI-1 Datasheet
1,012Kb / 61P
   1k x 1k Time-Slot Interchanger
TSI-4 AGERE-TSI-4 Datasheet
1,013Kb / 61P
   4k x 4k Time-Slot Interchanger
TSI-8 AGERE-TSI-8 Datasheet
675Kb / 25P
   8K x 8K Time-Slot Interchanger
More results

Descripción similar - TSI-2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agere Systems
TSI-8 AGERE-TSI-8 Datasheet
675Kb / 25P
   8K x 8K Time-Slot Interchanger
TSI-1 AGERE-TSI-1 Datasheet
1,012Kb / 61P
   1k x 1k Time-Slot Interchanger
TSI-4 AGERE-TSI-4 Datasheet
1,013Kb / 61P
   4k x 4k Time-Slot Interchanger
logo
List of Unclassifed Man...
STK10C48 ETC-STK10C48 Datasheet
106Kb / 9P
   2K X 8 NVSRAM
logo
Cypress Semiconductor
CY7C291A CYPRESS-CY7C291A Datasheet
275Kb / 12P
   2K x 8 Reprogrammable PROM
logo
UMC Corporation
UM6116-2 UMC-UM6116-2 Datasheet
498Kb / 8P
   2K x 8 CMOS SRAM
logo
Cypress Semiconductor
CY7C291A CYPRESS-CY7C291A_06 Datasheet
547Kb / 13P
   2K x 8 Reprogrammable PROM
logo
Simtek Corporation
U631H16 SIMTEK-U631H16 Datasheet
133Kb / 13P
   SimtekSoftStore 2K x 8 nvSRAM
logo
Cypress Semiconductor
CY7C128A CYPRESS-CY7C128A_06 Datasheet
270Kb / 9P
   2K x 8 Static RAM
logo
Pyramid Semiconductor C...
PY291A PYRAMID-PY291A Datasheet
100Kb / 9P
   2K X 8 REPROGRAMMABLE PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com