Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MX23L6454 Datasheet(PDF) 1 Page - Macronix International

No. de pieza MX23L6454
Descripción Electrónicos  64M-BIT Low Voltage, Serial Mask ROM Memory with 50MHz SPI Bus Interface
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MCNIX [Macronix International]
Página de inicio  http://www.macronix.com
Logo MCNIX - Macronix International

MX23L6454 Datasheet(HTML) 1 Page - Macronix International

  MX23L6454 Datasheet HTML 1Page - Macronix International MX23L6454 Datasheet HTML 2Page - Macronix International MX23L6454 Datasheet HTML 3Page - Macronix International MX23L6454 Datasheet HTML 4Page - Macronix International MX23L6454 Datasheet HTML 5Page - Macronix International MX23L6454 Datasheet HTML 6Page - Macronix International MX23L6454 Datasheet HTML 7Page - Macronix International MX23L6454 Datasheet HTML 8Page - Macronix International MX23L6454 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
MX23L6454
64M-BIT Low Voltage, Serial Mask ROM Memory with
50MHz SPI Bus Interface
FEATURES
64Mbit of Mask ROM
2.7 to 3.6V Single Supply Voltage
SPI Bus Compatible Serial Interface
50MHz Clock Rate (maximum)
DESCRIPTION
The MX23L6454 is a 64Mbit Serial Mask ROM accessed
by a high speed SPI-compatible bus.
PIN CONFIGURATIONS
SYMBOL
DESCRIPTION
C
Serial Clock
D
Serial Data Input
Q
Serial Data Output
S#
Chip Select
HOLD#
Hold
VCC
Supply Voltage
VSS
Ground
PIN DESCRIPTION
16-PIN SOP (300 mil)
1
2
3
4
5
6
7
8
HOLD#
VCC
NC
NC
NC
NC
S#
Q
16
15
14
13
12
11
10
9
C
D
NC
NC
NC
NC
VSS
NC
Note:
1. NC=No Connection
2. See page 16 (onwards) for package dimensions, and
how to identify pin-1.
P/N: PM1127
REV. 1.1, MAR. 09, 2005
ORDER INFORMATION
Part No.
Speed
Package
Remark
MX23L6454MC-20
20ns
16-SOP
MX23L6454MC-20G
20ns
16-SOP
Pb-free
MX23L6454MI-20G
20ns
16-SOP
Pb-free (Industrial Grade)
Note:
* Industrial grade operating temperature: -25 ~ 85
° C
Commercial grade operating temperature: 0 ~ 70
° C


Número de pieza similar - MX23L6454

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Macronix International
MX23L6410 MCNIX-MX23L6410 Datasheet
621Kb / 10P
   64M-BIT (8M x 8 / 4M x 16) Mask ROM
MX23L6410A MCNIX-MX23L6410A Datasheet
327Kb / 7P
   64M-BIT PAGE MODE MASK ROM
MX23L6410AMC-70G MCNIX-MX23L6410AMC-70G Datasheet
327Kb / 7P
   64M-BIT PAGE MODE MASK ROM
MX23L6410AMC-90G MCNIX-MX23L6410AMC-90G Datasheet
327Kb / 7P
   64M-BIT PAGE MODE MASK ROM
MX23L6410ATC-70 MCNIX-MX23L6410ATC-70 Datasheet
327Kb / 7P
   64M-BIT PAGE MODE MASK ROM
More results

Descripción similar - MX23L6454

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Generalplus Technology ...
GPR26L640A GENERALPLUS-GPR26L640A Datasheet
299Kb / 16P
   64M-BIT Low Voltage, Serial Mask ROM Memory with 50MHz SPI Bus Interface
logo
Nuvoton Technology Corp...
N55S064 NUVOTON-N55S064 Datasheet
196Kb / 17P
   64M-BIT Low Voltage, Serial MASK ROM with 50MHz SPI Bus Interface
logo
Generalplus Technology ...
GPR26L128A GENERALPLUS-GPR26L128A Datasheet
307Kb / 16P
   128M-BIT Low Voltage, Serial Mask ROM Memory with 50MHz SPI Bus Interface
GPR26L320A GENERALPLUS-GPR26L320A Datasheet
274Kb / 16P
   32M-BIT Low Voltage, Serial Mask ROM Memory with 50MHz SPI Bus Interface
logo
Macronix International
MX23L3254 MCNIX-MX23L3254 Datasheet
208Kb / 18P
   32M-BIT Low Voltage, Serial Mask ROM Memory with 50MHz SPI Bus Interface
MX23L12854 MCNIX-MX23L12854 Datasheet
203Kb / 18P
   128M-BIT Low Voltage, Serial Mask ROM Memory with 50MHz SPI Bus Interface
MX23L1654 MCNIX-MX23L1654 Datasheet
208Kb / 18P
   16M-BIT Low Voltage, Serial MASK ROM with 50MHz SPI Bus Interface
logo
Generalplus Technology ...
GPR26L080A GENERALPLUS-GPR26L080A Datasheet
287Kb / 17P
   8M-BIT Low Voltage, Serial Mask ROM with 50MHz SPI Bus Interface
GPR26L160A GENERALPLUS-GPR26L160A Datasheet
256Kb / 16P
   16M-BIT Low Voltage, Serial MASK ROM with 50MHz SPI Bus Interface
logo
Nuvoton Technology Corp...
N55S016 NUVOTON-N55S016 Datasheet
492Kb / 17P
   16M-BIT Low Voltage, Serial MASK ROM with 50MHz SPI Bus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com