Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI3200-X-FS Datasheet(PDF) 1 Page - Silicon Laboratories

No. de pieza SI3200-X-FS
Descripción Electrónicos  DUAL PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3200-X-FS Datasheet(HTML) 1 Page - Silicon Laboratories

  SI3200-X-FS Datasheet HTML 1Page - Silicon Laboratories SI3200-X-FS Datasheet HTML 2Page - Silicon Laboratories SI3200-X-FS Datasheet HTML 3Page - Silicon Laboratories SI3200-X-FS Datasheet HTML 4Page - Silicon Laboratories SI3200-X-FS Datasheet HTML 5Page - Silicon Laboratories SI3200-X-FS Datasheet HTML 6Page - Silicon Laboratories SI3200-X-FS Datasheet HTML 7Page - Silicon Laboratories SI3200-X-FS Datasheet HTML 8Page - Silicon Laboratories SI3200-X-FS Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 112 page
background image
Rev. 1.2 2/06
Copyright © 2006 by Silicon Laboratories
Si3220/25
Si3220/25
DUAL PROSLIC® PROGRAMMABLE CMOS SLIC/CODEC
Features
Applications
Description
The Dual ProSLIC® is a series of low-voltage CMOS devices that integrate both
SLIC and codec functionality into a single IC to provide a complete dual-channel
analog telephone interface in accordance with all relevant LSSGR, ITU, and ETSI
specifications. The Si3220 includes internal ringing generation to eliminate
centralized ringers and ringing relays, and the Si3225 supports centralized ringing
for long loop and legacy applications. On-chip subscriber loop and audio testing
allows remote diagnostics and fault detection with no external test equipment or
relays. The Si3220 and Si3225 operate from a single 3.3 or 5 V supply and
interface to standard PCM/SPI or GCI bus digital interfaces. The Si3200 linefeed
interface IC performs all high-voltage functions and operates from a 3.3 V or 5 V
supply as well as single or dual battery supplies up to 100 V. The Si3220 and
Si3225 are available in a 64-pin thin quad flat package (TQFP), and the Si3200 is
available in a thermally-enhanced 16-pin small outline (SOIC) package.
Functional Block Diagram
Performs all BORSCHT functions
Ideal for applications up to 18 kft
Internal balanced ringing to 65 Vrms
(Si3220)
External bulk ringer support (Si3225)
Software-programmable parameters:
Ringing frequency, amplitude, cadence,
and waveshape (Si3220)
Two-wire ac impedance
Transhybrid balance
DC current loop feed (18–45 mA)
Loop closure and ring trip thresholds
Ground key detect threshold
Automatic switching of up to three battery
supplies
On-hook transmission
Loop or ground start operation with
smooth/abrupt polarity reversal
Modem/fax tone detection
DTMF generation/decoding
Dual tone generators
A-Law/µ-Law, linear PCM
companding
PCM and SPI bus digital interfaces
with programmable interrupts
GCI mode support
3.3 or 5 V operation
GR-909 loop diagnostics
Audio diagnostics with loopback
12 kHz/16 kHz pulse metering
(Si3220)
FSK caller ID generation
Lead-free/RoHS-compliant
Digital loop carriers
Central Office telephony
Pair gain remote terminals
Wireless local loop
Private Branch Exchange (PBX) systems
Cable telephony
Voice over IP/voice over DSL
ISDN terminal adapters
text
DAC
ADC
Linefeed
Control
Linefeed
Monitor
DAC
ADC
Linefeed
Control
Linefeed
Monitor
SLIC A
SLIC B
Codec A
Codec B
DSP
SPI
Control
Interface
PCM /
GCI
Interface
PLL
Si3220/25
Linefeed
Interface
Linefeed
Interface
2-Wire AC
Impedance
Hybrid Balance
Pulse Metering
Subscriber Line
Diagnostics
DTMF Decode
Programmable
Audio Filters
Gain Adjust
Dual Tone
Generators
Modem Tone
Detection
Ringing
Generator
& Ring Trip
Sense
Loop Closure,
& Ground Key
Detection
FSK
Caller ID
Relay Drivers
CS
SCLK
SDO
SDI
DTX
DRX
FSYNC
INT RESET
PCLK
TIP
Channel A
RING
TIP
RING
Channel B
U.S. Patent #6,567,521
U.S. Patent #6,812,744
Other patents pending
Ordering Information
See “Dual ProSLIC Selection
Guide” on page 109.
Part Number
Ringing
Method
Si3220
Internal
Si3225
External
Ringer


Número de pieza similar - SI3200-X-FS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI3200-X-FS SILABS-SI3200-X-FS Datasheet
2Mb / 128P
   DUAL PROGRAMMABLE CMOS SLIC WITH LINE MONITORING
More results

Descripción similar - SI3200-X-FS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon image
SI3225-FQ SILICONIMAGE-SI3225-FQ Datasheet
1Mb / 108P
   DUAL PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC
logo
Silicon Laboratories
SI3206 SILABS-SI3206 Datasheet
213Kb / 2P
   Quad ProSLIC짰 Programmable CMOS SLIC/Codec
SI3245 SILABS-SI3245 Datasheet
208Kb / 2P
   Quad ProSLIC짰 Programmable CMOS SLIC/Codec
SI3215 SILABS-SI3215 Datasheet
1Mb / 118P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Silicon image
SI3210-FT SILICONIMAGE-SI3210-FT Datasheet
869Kb / 148P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Silicon Laboratories
SI3233 SILABS-SI3233 Datasheet
1Mb / 100P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Winbond
W682388 WINBOND-W682388_1 Datasheet
131Kb / 2P
   Dual Programmable Extended CODEC/SLIC
logo
Silicon Laboratories
SI3230 SILABS-SI3230 Datasheet
1Mb / 108P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Winbond
W681388 WINBOND-W681388 Datasheet
130Kb / 2P
   Single Programmable Extended CODEC/SLIC
logo
Mitel Networks Corporat...
MH88614 MITEL-MH88614 Datasheet
90Kb / 10P
   Programmable CODEC SLIC Advance Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com