Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SDT1600 Datasheet(PDF) 2 Page - Solid State Optronic

No. de Pieza. SDT1600
Descripción  DC Input Quad Optocoupler
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SSOUSA [Solid State Optronic]
Página de inicio  http://www.ssousa.com
Logo 

SDT1600 Datasheet(HTML) 2 Page - Solid State Optronic

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SDT1600
DC Input
Quad Optocoupler
ELECTRICAL CHARACTERISTICS - 25°
PARAMETER
UNIT
MIN
TYP
MAX
TEST CONDITIONS
INPUT SPECIFICATIONS
LED Forward Voltage
V
1.2
1.4
If = 20mA
V
r= 4V
OUTPUT SPECIFICATIONS
Collector-Emitter Breakdown Voltage
V
6
0
Ic = 10uA
Emitter-Collector Breakdown Voltage
V
6
Ie = 1uA
Dark Current
uA
0.1
Vce = 20V
Floating
Capacitance
p
V= 0V, f=1.0MHz
F
Saturation Voltage
V
0.1
0.2
If = 20mA, Ic = 1mA
Current Transfer Ratio
%
50
600
If = 5mA, Vce = 5V
Rise Time
3
Ic = 2mA, Vce = 2V, Rc=100 ohms
s
Fall Time
5
Ic= 2mA, Vce = 2V, Rc =100 ohms
s
COUPLED SPECIFICATIONS
Isolation Voltage
V
5000
T = 1 minute
Cut-Off-Frequency
kHz
80
Vcc=5V, Ic=2mA, Rc=100 ohms
Isolation Resistance
G
50
rev 1.0
Solid State Optronics, Inc.
1.888.377.4776
www.ssousa.com
LED Reverse Current
uA
10
0.
6
1


Html Pages

1  2  3  4 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn