Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MN88831 Datasheet(PDF) 3 Page - Panasonic Semiconductor |
|
MN88831 Datasheet(HTML) 3 Page - Panasonic Semiconductor |
3 / 6 page For Video Equipment MN88831 Absolute Maximum Ratings Parameter Symbol Ratings Unit Power supply voltage VDD – 0.3 to 7.0 V Input voltage VI – 0.3 to VDD +0.3 V Output voltage VO – 0.3 to VDD +0.3 V Output current IO 25 mA Power dissipation PD 480 mW Operating temperature Topr –20 to +70 ˚C Storage temperature Tstg –55 to +125 ˚C Notes: 1. The above ratings represent the maximum values that may be applied without damaging the chip, not the limits for guaranteed operation. 2. If the chip is to be used in the presence of strong electric fields—under a CRT tube, for example—apply shielding to the package surface to ensure proper operation. 3. The power dissipation is for an ambient temperature (Ta) of 70˚C. 4. The voltages applied to the pins CCK/SCL, CTLI/SDA, CWO/IFMOD, PO0/MTO, PO1–PO5, and PO6/LIBP must be within the range between –0.3V and 5.5V when the power is off. Operating Conditions DVSS=AVSS=0V Parameter Symbol Test Conditions min typ max Unit Power supply voltage for DVDD (*1) 4.5 5.0 5.5 V digital circuits Power supply voltage for AVDD (*2) 4.5 5.0 5.5 V analog circuits XI clock frequency fXI CHV="H" (256fs mode) 12.288 MHz XI clock frequency fXI CHV="L" (384fs mode) 18.432 MHz XI clock input amplitude — C cut input 0.8 3.0 VP-P BSTIN input amplitude — C cut input 0.35 0.5 VP-P Ambient temperature during Ta –20 +70 ˚C operation Notes: 1. *1 & *2: For the logic portions of the microcomputer interface, DV DD min = 4.0V. AV DD covers both AVDDL and AVDDR . AV SS covers both AVSSL and AVSSR . Analog characteristics are only guaranteed for DV DD = AVDD = 5.0V. 2. Always use low-impedance external connections for V DD and VSS . Always connect the two through a bypass capacitor of at least 0.01 µF to ensure proper operation. 3. Keep the NRES pin (pin No. 22) at "L" level to prevent operation error of the CTLI/SDA pin in the I2C interface at voltages lower than the guaranteed operating power supply voltage. |
Número de pieza similar - MN88831 |
|
Descripción similar - MN88831 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |