Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MX29LA128MT Datasheet(PDF) 13 Page - Macronix International

No. de pieza MX29LA128MT
Descripción Electrónicos  128M-BIT SINGLE VOLTAGE 3V ONLY BOOT SECTOR FLASH MEMORY
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MCNIX [Macronix International]
Página de inicio  http://www.macronix.com
Logo MCNIX - Macronix International

MX29LA128MT Datasheet(HTML) 13 Page - Macronix International

Back Button MX29LA128MT Datasheet HTML 9Page - Macronix International MX29LA128MT Datasheet HTML 10Page - Macronix International MX29LA128MT Datasheet HTML 11Page - Macronix International MX29LA128MT Datasheet HTML 12Page - Macronix International MX29LA128MT Datasheet HTML 13Page - Macronix International MX29LA128MT Datasheet HTML 14Page - Macronix International MX29LA128MT Datasheet HTML 15Page - Macronix International MX29LA128MT Datasheet HTML 16Page - Macronix International MX29LA128MT Datasheet HTML 17Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 76 page
background image
13
P/N:PM1170
REV. 0.04, JUL. 11, 2005
MX29LA128M T/B
Sector
Sector
Sector Address
Sector Size
(x8)
(x16)
Group
A22-A12
(Kbytes/Kwords)
Address Range
Address Range
17
SA39
00100000xxx
64/32
200000-0FFFFF
100000-107FFF
17
SA40
00100001xxx
64/32
210000-1FFFFF
108000-10FFFF
17
SA41
00100010xxx
64/32
220000-2FFFFF
110000-117FFF
17
SA42
00100011xxx
64/32
230000-3FFFFF
118000-11FFFF
18
SA43
00100100xxx
64/32
240000-4FFFFF
120000-127FFF
18
SA44
00100101xxx
64/32
250000-5FFFFF
128000-12FFFF
18
SA45
00100110xxx
64/32
260000-6FFFFF
130000-137FFF
18
SA46
00100111xxx
64/32
270000-7FFFFF
138000-13FFFF
19
SA47
00101000xxx
64/32
280000-8FFFFF
140000-147FFF
19
SA48
00101001xxx
64/32
290000-9FFFFF
148000-14FFFF
19
SA49
00101010xxx
64/32
2A0000-AFFFFF
150000-157FFF
19
SA50
00101011xxx
64/32
2B0000-BFFFFF
158000-15FFFF
20
SA51
00101100xxx
64/32
2C0000-CFFFFF
160000-167FFF
20
SA52
00101101xxx
64/32
2D0000-DFFFFF
168000-16FFFF
20
SA53
00101110xxx
64/32
2E0000-EFFFFF
170000-177FFF
20
SA54
00101111xxx
64/32
2F0000-FFFFFF
178000-17FFFF
21
SA55
00110000xxx
64/32
300000-0FFFFF
180000-187FFF
21
SA56
00110001xxx
64/32
310000-1FFFFF
188000-18FFFF
21
SA57
00110010xxx
64/32
320000-2FFFFF
190000-197FFF
21
SA58
00110011xxx
64/32
330000-3FFFFF
198000-19FFFF
22
SA59
00110100xxx
64/32
340000-4FFFFF
1A0000-1A7FFF
22
SA60
00110101xxx
64/32
350000-5FFFFF
1A8000-1AFFFF
22
SA61
00110110xxx
64/32
360000-6FFFFF
1B0000-1B7FFF
22
SA62
00110111xxx
64/32
370000-7FFFFF
1B8000-1BFFFF
23
SA63
00111000xxx
64/32
380000-8FFFFF
1C0000-1C7FFF
23
SA64
00111001xxx
64/32
390000-9FFFFF
1C8000-1CFFFF
23
SA65
00111010xxx
64/32
3A0000-AFFFFF
1D0000-1D7FFF
23
SA66
00111011xxx
64/32
3B0000-BFFFFF
1D8000-1DFFFF
24
SA67
00111100xxx
64/32
3C0000-CFFFFF
1E0000-1E7FFF
24
SA68
00111101xxx
64/32
3D0000-DFFFFF
1E8000-1EFFFF
24
SA69
00111110xxx
64/32
3E0000-EFFFFF
1F0000-1F7FFF
24
SA70
00111111xxx
64/32
3F0000-FFFFFF
1F8000-1FFFFF
25
SA71
01000000xxx
64/32
400000-0FFFFF
200000-207FFF
25
SA72
01000001xxx
64/32
410000-1FFFFF
208000-20FFFF
25
SA73
01000010xxx
64/32
420000-2FFFFF
210000-217FFF
25
SA74
01000011xxx
64/32
430000-3FFFFF
218000-21FFFF
26
SA75
01000100xxx
64/32
440000-4FFFFF
220000-227FFF
26
SA76
01000101xxx
64/32
450000-5FFFFF
228000-22FFFF
26
SA77
01000110xxx
64/32
460000-6FFFFF
230000-237FFF
26
SA78
01000111xxx
64/32
470000-7FFFFF
238000-23FFFF
27
SA79
01001000xxx
64/32
480000-8FFFFF
240000-247FFF


Número de pieza similar - MX29LA128MT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Macronix International
MX29LA129MH MCNIX-MX29LA129MH Datasheet
397Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LA129MHTI-10 MCNIX-MX29LA129MHTI-10 Datasheet
397Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LA129MHTI-10G MCNIX-MX29LA129MHTI-10G Datasheet
397Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LA129MHTI-90Q MCNIX-MX29LA129MHTI-90Q Datasheet
397Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LA129MHTI-90R MCNIX-MX29LA129MHTI-90R Datasheet
397Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
More results

Descripción similar - MX29LA128MT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Macronix International
MX29LV128MH MCNIX-MX29LV128MH Datasheet
394Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LA129MH MCNIX-MX29LA129MH Datasheet
397Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LV64XMH MCNIX-MX29LV64XMH Datasheet
539Kb / 70P
   64M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LV320MH MCNIX-MX29LV320MH Datasheet
384Kb / 66P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
logo
Integrated Circuit Syst...
MX29LV033M ICST-MX29LV033M Datasheet
378Kb / 65P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
logo
Macronix International
MX29LA321MH MCNIX-MX29LA321MH Datasheet
510Kb / 66P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29F400CT MCNIX-MX29F400CT Datasheet
442Kb / 42P
   4M-BIT [512Kx8/256Kx16] CMOS SINGLE VOLTAGE 5V ONLY BOOT SECTOR FLASH MEMORY
MX29GL512E MCNIX-MX29GL512E Datasheet
1Mb / 69P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL512F MCNIX-MX29GL512F Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX68GL1G0F MCNIX-MX68GL1G0F Datasheet
1Mb / 71P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com