Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


TA2024B Datasheet(Hoja de datos) 1 Page - Tripath Technology Inc.

No. de Pieza. TA2024B
Descripción  STEREO 15W (4Ω) CLASS-T™ DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING™ TECHNOLOGY
Descarga  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TRIPATH [Tripath Technology Inc.]
Página de inicio  http://www.etelos.com/
Logo 

 
 1 page
background image
Tri p ath Techn o l o g y, I n c. - T echn i cal I n fo rmation
1
TA2024B –KL/1.2/01.06
TA2024B
STEREO 15W (4
Ω) CLASS-T™ DIGITAL AUDIO AMPLIFIER USING
DIGITAL POWER PROCESSING™ TECHNOLOGY
Tech nical I n for m ati o n
Re v i sio n 1.2 – Jan u a r y 2 006
GEN E RA L DESCR I PTION
The TA2024B is a 15W/ch continuous average two-channel Class-T Digital Audio Power Amplifier IC
using Tripath’s proprietary Digital Power Processing™ technology. Class-T amplifiers offer both the
audio fidelity of Class-AB and the power efficiency of Class-D amplifiers.
APPLICA T IONS
Computer/PC Multimedia
DVD Players
Cable Set-Top Products
Televisions
Video CD Players
Battery Powered Systems
BENEFITS
Fully integrated solution with FETs
Easier to design-in than Class-D
Reduced system cost with no heat sink
Dramatically improves efficiency versus Class-
AB
Signal fidelity equal to high quality linear
amplifiers
High dynamic range compatible with digital
media such as CD, DVD, and Internet audio
FEA T UR ES
Class-T architecture
Single Supply Operation
“Audiophile” Quality Sound
0.03% THD+N @ 9W, 4
0.10% IHF-IM @ 1W, 4
11W @ 4
Ω, 0.1% THD+N
6W @ 8
Ω, 0.1% THD+N
High Power
15W @ 4
Ω, 10% THD+N
10W @ 8
Ω, 10% THD+N
High Efficiency
81% @ 15W, 4
90% @ 10W, 8
Dynamic Range = 98 dB
Mute and Sleep inputs
Turn-on & turn-off pop suppression
Over-current protection
Over-temperature protection
Bridged outputs
36-pin Power SOP package
ABSOLUTE MAXIMUM RATINGS (Note 1)
TYPICAL PERFORMANCE




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
TA2024CSTEREO 15W 4Ω CLASS-T™ DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING™ TECHNOLOGY 1 2 3 4 5 MoreTripath Technology Inc.
TA2024Stereo 10W 4Ω Class-T™ Digital Audio Amplifier using Digital Power Processing™ Technology 1 2 3 4 5 MoreTripath Technology Inc.
TA1101BStereo 10W 4Ω Class-T™ Digital Audio Amplifier using Digital Power Processing™ Technology 1 2 3 4 5 MoreTripath Technology Inc.
TAA2008STEREO 9W 8Ω CLASS-T™ DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING™ TECHNOLOGY 1 2 3 4 5 MoreTripath Technology Inc.
TAA2009STEREO 9W 8Ω CLASS-T™ DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING™ TECHNOLOGY 1 2 3 4 5 MoreTripath Technology Inc.
TA2022STEREO 90W 4Ω CLASS-T™ DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING DPP™ TECHNOLOGY 1 2 3 4 5 MoreTripath Technology Inc.
TA3020Stereo 300W 4Ω Class-T Digital Audio Amplifier Driver using Digital Power ProcessingTM Technology 1 2 3 4 5 MoreTripath Technology Inc.
TA2020-020Stereo 20W 4Ω Class-T Digital Audio Amplifier using Digital Power Processing Technology 1 2 3 4 5 MoreTripath Technology Inc.
TA0102ASTEREO 150W 4Ω CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING DPPTM TECHNOLOGY 1 2 3 4 5 MoreTripath Technology Inc.
TA0103AStereo 250W 4Ω Class-T Digital Audio Amplifier Driver using Digital Power Processing DPPTM Technology 1 2 3 4 5 MoreTripath Technology Inc.

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl