Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MX29GL033MTMC-70G Datasheet(PDF) 28 Page - Macronix International

No. de pieza MX29GL033MTMC-70G
Descripción Electrónicos  128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MCNIX [Macronix International]
Página de inicio  http://www.macronix.com
Logo MCNIX - Macronix International

MX29GL033MTMC-70G Datasheet(HTML) 28 Page - Macronix International

Back Button MX29GL033MTMC-70G Datasheet HTML 24Page - Macronix International MX29GL033MTMC-70G Datasheet HTML 25Page - Macronix International MX29GL033MTMC-70G Datasheet HTML 26Page - Macronix International MX29GL033MTMC-70G Datasheet HTML 27Page - Macronix International MX29GL033MTMC-70G Datasheet HTML 28Page - Macronix International MX29GL033MTMC-70G Datasheet HTML 29Page - Macronix International MX29GL033MTMC-70G Datasheet HTML 30Page - Macronix International MX29GL033MTMC-70G Datasheet HTML 31Page - Macronix International MX29GL033MTMC-70G Datasheet HTML 32Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 71 page
background image
28
P/N:PM1171
REV. 1.0, FEB. 27, 2006
MX29LA129M H/L
Description
Address h
Address h
Data h
(x16)
(x8)
Query-unique ASCII string "PRI"
40
80
0050
41
82
0052
42
84
0049
Major version number, ASCII
43
86
0031
Minor version number, ASCII
44
88
0033
Address sensitive unlock (0=required, 1= not required)
45
8A
0000
Erase suspend (2= to read and write)
46
8C
0002
Sector protect (N= # of sectors/group)
47
8E
0001
Temporary sector unprotect (1=supported)
48
90
0001
Sector protect/unprotect scheme
49
92
0004
Simultaneous R/W operation (0=not supported)
4A
94
0000
Burst mode type (0=not supported)
4B
96
0000
Page mode type (0=not supported)
4C
98
0001
ACC (Acceleration) Supply Minimum
4Dh
9A
00B5
00h=Not Supported, D7-D4: Volt, D3-D0:100mV
ACC (Acceleration) Supply Maximum
4Eh
9C
00C5
00h=Not Supported, D7-D4: Volt, D3-D0:100mV
Top/Bottom Boot Sector Flag
4Fh
9E
0004/
02h=Bottom Boot Device, 03h=Top Boot Device
0005
04h=uniform sectors bottom WP# protect,
05h=uniform sectors top WP# protect
Program Suspend
50h
A0
0001
00h=Not Supported, 01h=Supported
Table 4-4. CFI Mode: Primary Vendor-Specific Extended Query Data Values


Número de pieza similar - MX29GL033MTMC-70G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Macronix International
MX29GL033MTMC-70G MCNIX-MX29GL033MTMC-70G Datasheet
539Kb / 70P
   64M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29GL033MTMC-70G MCNIX-MX29GL033MTMC-70G Datasheet
394Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29GL033MTMC-70G MCNIX-MX29GL033MTMC-70G Datasheet
384Kb / 66P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
More results

Descripción similar - MX29GL033MTMC-70G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Macronix International
MX29LV128MH MCNIX-MX29LV128MH Datasheet
394Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LA128MT MCNIX-MX29LA128MT Datasheet
411Kb / 76P
   128M-BIT SINGLE VOLTAGE 3V ONLY BOOT SECTOR FLASH MEMORY
MX29LV64XMH MCNIX-MX29LV64XMH Datasheet
539Kb / 70P
   64M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LV320MH MCNIX-MX29LV320MH Datasheet
384Kb / 66P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LA321MH MCNIX-MX29LA321MH Datasheet
510Kb / 66P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
logo
Integrated Circuit Syst...
MX29LV033M ICST-MX29LV033M Datasheet
378Kb / 65P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
logo
Macronix International
MX29GL512E MCNIX-MX29GL512E Datasheet
1Mb / 69P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL512F MCNIX-MX29GL512F Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX68GL1G0F MCNIX-MX68GL1G0F Datasheet
1Mb / 71P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL128E MCNIX-MX29GL128E_14 Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com