Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MX29GL033MTMC-70G Datasheet(PDF) 36 Page - Macronix International

No. de pieza MX29GL033MTMC-70G
Descripción Electrónicos  128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MCNIX [Macronix International]
Página de inicio  http://www.macronix.com
Logo MCNIX - Macronix International

MX29GL033MTMC-70G Datasheet(HTML) 36 Page - Macronix International

Back Button MX29GL033MTMC-70G Datasheet HTML 32Page - Macronix International MX29GL033MTMC-70G Datasheet HTML 33Page - Macronix International MX29GL033MTMC-70G Datasheet HTML 34Page - Macronix International MX29GL033MTMC-70G Datasheet HTML 35Page - Macronix International MX29GL033MTMC-70G Datasheet HTML 36Page - Macronix International MX29GL033MTMC-70G Datasheet HTML 37Page - Macronix International MX29GL033MTMC-70G Datasheet HTML 38Page - Macronix International MX29GL033MTMC-70G Datasheet HTML 39Page - Macronix International MX29GL033MTMC-70G Datasheet HTML 40Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 71 page
background image
36
P/N:PM1171
REV. 1.0, FEB. 27, 2006
MX29LA129M H/L
AC CHARACTERISTICS
Read-Only Operations
TA=-40
°°°°° C to 85°°°°° C, VCC=2.7V~3.6V
(TA=-40
°°°°° C to 85°°°°° C, VCC=3.0V~3.6V for 90R)
Parameter
Speed Options
Std.
Description
Test Setup
90R
100
Unit
tRC
Read Cycle Time (Note 1)
Min
90
100
ns
tACC
Address to Output Delay
CEx, OE#=VIL
Max
90
100
ns
tCE
Chip Enable to Output Delay
OE#=VIL
Max
90
100
ns
tPACC
Page Access Time
Max
25
ns
tOE
Output Enable to Output Delay
Max
35
ns
tDF
Chip Enable to Output High Z (Note 1)
Max
16
ns
tDF
Output Enable to Output High Z (Note 1)
Max
16
ns
tOH
Output Hold Time From Address, CEx
Min
0
ns
or OE#, whichever Occurs First
Read
Min
35
ns
tOEH
Output Enable Hold Time
Toggle and
Min
10
ns
(Note 1)
Data# Polling
Notes:
1. Not 100% tested.
2. See SWITCHING TEST CIRCUITS and TEST SPECIFICATIONS TABLE for test specifications.


Número de pieza similar - MX29GL033MTMC-70G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Macronix International
MX29GL033MTMC-70G MCNIX-MX29GL033MTMC-70G Datasheet
539Kb / 70P
   64M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29GL033MTMC-70G MCNIX-MX29GL033MTMC-70G Datasheet
394Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29GL033MTMC-70G MCNIX-MX29GL033MTMC-70G Datasheet
384Kb / 66P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
More results

Descripción similar - MX29GL033MTMC-70G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Macronix International
MX29LV128MH MCNIX-MX29LV128MH Datasheet
394Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LA128MT MCNIX-MX29LA128MT Datasheet
411Kb / 76P
   128M-BIT SINGLE VOLTAGE 3V ONLY BOOT SECTOR FLASH MEMORY
MX29LV64XMH MCNIX-MX29LV64XMH Datasheet
539Kb / 70P
   64M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LV320MH MCNIX-MX29LV320MH Datasheet
384Kb / 66P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LA321MH MCNIX-MX29LA321MH Datasheet
510Kb / 66P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
logo
Integrated Circuit Syst...
MX29LV033M ICST-MX29LV033M Datasheet
378Kb / 65P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
logo
Macronix International
MX29GL512E MCNIX-MX29GL512E Datasheet
1Mb / 69P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL512F MCNIX-MX29GL512F Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX68GL1G0F MCNIX-MX68GL1G0F Datasheet
1Mb / 71P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL128E MCNIX-MX29GL128E_14 Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com