Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MX29GL320MTMC-70G Datasheet(PDF) 12 Page - Macronix International

No. de pieza MX29GL320MTMC-70G
Descripción Electrónicos  128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MCNIX [Macronix International]
Página de inicio  http://www.macronix.com
Logo MCNIX - Macronix International

MX29GL320MTMC-70G Datasheet(HTML) 12 Page - Macronix International

Back Button MX29GL320MTMC-70G Datasheet HTML 8Page - Macronix International MX29GL320MTMC-70G Datasheet HTML 9Page - Macronix International MX29GL320MTMC-70G Datasheet HTML 10Page - Macronix International MX29GL320MTMC-70G Datasheet HTML 11Page - Macronix International MX29GL320MTMC-70G Datasheet HTML 12Page - Macronix International MX29GL320MTMC-70G Datasheet HTML 13Page - Macronix International MX29GL320MTMC-70G Datasheet HTML 14Page - Macronix International MX29GL320MTMC-70G Datasheet HTML 15Page - Macronix International MX29GL320MTMC-70G Datasheet HTML 16Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 71 page
background image
12
P/N:PM1171
REV. 1.0, FEB. 27, 2006
MX29LA129M H/L
MX29LA129M H/L Sector Group Protection Address Table
Sector Group
A23-A16
SA0
00000000
SA1
00000001
SA2
00000010
SA3
00000011
SA4-SA7
000001xx
SA8-SA11
000010xx
SA12-SA15
000011xx
SA16-SA19
000100xx
SA20-SA23
000101xx
SA24-SA27
000110xx
SA28-SA31
000111xx
SA32-SA35
001000xx
SA36-SA39
001001xx
SA40-SA43
001010xx
SA44-SA47
001011xx
SA48-SA51
001100xx
SA52-SA55
001101xx
SA56-SA59
001110xx
SA60-SA63
001111xx
SA64-SA67
010000xx
SA68-SA71
010001xx
SA72-SA75
010010xx
SA76-SA79
010011xx
SA80-SA83
010100xx
SA84-SA87
010101xx
SA88-SA91
010110xx
SA92-SA95
010111xx
SA96-SA99
011000xx
SA100-SA103
011001xx
SA104-SA107
011010xx
SA108-SA111
011011xx
SA112-SA115
011100xx
SA116-SA119
011101xx
SA120-SA123
011110xx
SA124-SA127
011111xx
Sector Group
A23-A16
SA128-SA131
100000xx
SA132-SA135
100001xx
SA136-SA139
100010xx
SA140-SA143
100011xx
SA144-SA147
100100xx
SA148-SA151
100101xx
SA152-SA155
100110xx
SA156-SA159
100111xx
SA160-SA163
101000xx
SA164-SA167
101001xx
SA168-SA171
101010xx
SA172-SA175
101011xx
SA176-SA179
101100xx
SA180-SA183
101101xx
SA184-SA187
101110xx
SA188-SA191
101111xx
SA192-SA195
110000xx
SA196-SA199
110001xx
SA200-SA203
110010xx
SA204-SA207
110011xx
SA208-SA211
110100xx
SA202-SA215
110101xx
SA206-SA219
110110xx
SA220-SA223
110111xx
SA224-SA227
111000xx
SA228-SA231
111001xx
SA232-SA235
111010xx
SA236-SA239
111011xx
SA240-SA243
111100xx
SA244-SA247
111101xx
SA248-SA251
111110xx
SA252
11111100
SA253
11111101
SA254
11111110
SA255
11111111


Número de pieza similar - MX29GL320MTMC-70G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Macronix International
MX29GL320MTMC-70G MCNIX-MX29GL320MTMC-70G Datasheet
539Kb / 70P
   64M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
More results

Descripción similar - MX29GL320MTMC-70G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Macronix International
MX29LV128MH MCNIX-MX29LV128MH Datasheet
394Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LA128MT MCNIX-MX29LA128MT Datasheet
411Kb / 76P
   128M-BIT SINGLE VOLTAGE 3V ONLY BOOT SECTOR FLASH MEMORY
MX29LV64XMH MCNIX-MX29LV64XMH Datasheet
539Kb / 70P
   64M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LV320MH MCNIX-MX29LV320MH Datasheet
384Kb / 66P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LA321MH MCNIX-MX29LA321MH Datasheet
510Kb / 66P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
logo
Integrated Circuit Syst...
MX29LV033M ICST-MX29LV033M Datasheet
378Kb / 65P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
logo
Macronix International
MX29GL512E MCNIX-MX29GL512E Datasheet
1Mb / 69P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL512F MCNIX-MX29GL512F Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX68GL1G0F MCNIX-MX68GL1G0F Datasheet
1Mb / 71P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL128E MCNIX-MX29GL128E_14 Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com