Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MX29LA321MH Datasheet(PDF) 10 Page - Macronix International

No. de pieza MX29LA321MH
Descripción Electrónicos  32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MCNIX [Macronix International]
Página de inicio  http://www.macronix.com
Logo MCNIX - Macronix International

MX29LA321MH Datasheet(HTML) 10 Page - Macronix International

Back Button MX29LA321MH Datasheet HTML 6Page - Macronix International MX29LA321MH Datasheet HTML 7Page - Macronix International MX29LA321MH Datasheet HTML 8Page - Macronix International MX29LA321MH Datasheet HTML 9Page - Macronix International MX29LA321MH Datasheet HTML 10Page - Macronix International MX29LA321MH Datasheet HTML 11Page - Macronix International MX29LA321MH Datasheet HTML 12Page - Macronix International MX29LA321MH Datasheet HTML 13Page - Macronix International MX29LA321MH Datasheet HTML 14Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 66 page
background image
10
P/N:PM1145
REV. 1.0, FEB. 27, 2006
MX29LA321M H/L
Table 2. AUTOSELECT CODES (High Voltage Method)
A21 A15
A9
A6
A4
Q8 to Q15
Description
CE# OE# WE#
to
to
A10
to
A7
to
to
A2 A1
Word
Byte
Q7 to Q0
A16 A11
A8
A5
A3
Mode
Mode
Manufacturer ID
L
L
H
X
X
VID
X
L
X
L
L
L
00
X
C2h
Cycle 1
L
L
H
22
X
7Eh
Cycle 2
L
L
H
X
X
VID
X
L
X
H
H
L
22
X
1Dh
Cycle 3
H
H
H
22
X
00h
Sector Group
01h (protected),
Protection
L
L
H
SA
X
VID
X
L
X
L
H
L
X
X
Verification
00h (unprotected)
Secured Silicon
98h
Sector Indicator
(factory locked),
Bit (Q7), WP#
L
L
H
X
X
VID
X
L
X
L
H
H
X
X
protects highest
18h
address sector
(not factory locked)
Secured Silicon
88h
Sector Indicator
(factory locked),
Bit (Q7), WP#
L
L
H
X
X
VID
X
L
X
L
H
H
X
X
protects lowest
08h
address sector
(not factory locked)
Legend: L = Logic Low = VIL, H = Logic High = VIH, SA = Sector Address, X = Don't care.


Número de pieza similar - MX29LA321MH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Macronix International
MX29LA321MBTC-70R MCNIX-MX29LA321MBTC-70R Datasheet
913Kb / 72P
   32M-BIT [4M x 8/2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LA321MBTC-90 MCNIX-MX29LA321MBTC-90 Datasheet
913Kb / 72P
   32M-BIT [4M x 8/2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LA321MBTC-90G MCNIX-MX29LA321MBTC-90G Datasheet
913Kb / 72P
   32M-BIT [4M x 8/2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LA321MBTI-90 MCNIX-MX29LA321MBTI-90 Datasheet
913Kb / 72P
   32M-BIT [4M x 8/2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LA321MBTI-90G MCNIX-MX29LA321MBTI-90G Datasheet
913Kb / 72P
   32M-BIT [4M x 8/2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results

Descripción similar - MX29LA321MH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Macronix International
MX29LV320MH MCNIX-MX29LV320MH Datasheet
384Kb / 66P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
logo
Integrated Circuit Syst...
MX29LV033M ICST-MX29LV033M Datasheet
378Kb / 65P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
logo
Macronix International
MX29LV64XMH MCNIX-MX29LV64XMH Datasheet
539Kb / 70P
   64M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LV128MH MCNIX-MX29LV128MH Datasheet
394Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LA129MH MCNIX-MX29LA129MH Datasheet
397Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LA128MT MCNIX-MX29LA128MT Datasheet
411Kb / 76P
   128M-BIT SINGLE VOLTAGE 3V ONLY BOOT SECTOR FLASH MEMORY
logo
List of Unclassifed Man...
MX29LV033C ETC1-MX29LV033C Datasheet
530Kb / 57P
   32M-BIT COMSEQUAL SECTOR FLASH MEMORY
logo
Macronix International
MX29GL512E MCNIX-MX29GL512E Datasheet
1Mb / 69P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL512F MCNIX-MX29GL512F Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX68GL1G0F MCNIX-MX68GL1G0F Datasheet
1Mb / 71P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com